Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ECJ-4YB1E226M Datasheet(PDF) 11 Page - International Rectifier

Part # ECJ-4YB1E226M
Description  12A HIGHLY INTEGRATED WIDE-INPUT VOLTAGE, SYNCHRONOUS BUCK REGULATOR
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

ECJ-4YB1E226M Datasheet(HTML) 11 Page - International Rectifier

Back Button ECJ-4YB1E226M Datasheet HTML 7Page - International Rectifier ECJ-4YB1E226M Datasheet HTML 8Page - International Rectifier ECJ-4YB1E226M Datasheet HTML 9Page - International Rectifier ECJ-4YB1E226M Datasheet HTML 10Page - International Rectifier ECJ-4YB1E226M Datasheet HTML 11Page - International Rectifier ECJ-4YB1E226M Datasheet HTML 12Page - International Rectifier ECJ-4YB1E226M Datasheet HTML 13Page - International Rectifier ECJ-4YB1E226M Datasheet HTML 14Page - International Rectifier ECJ-4YB1E226M Datasheet HTML 15Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 21 page
background image
11
IR3876MPBF
PWM COMPARATOR
The PWM comparator initiates a SET signal
(PWM pulse) when the FB pin falls below the
reference (Vref) or the soft start (SS) voltage.
ON-TIME GENERATOR
The PWM on-time duration is programmed with
an external resistor (R
FF) from the input supply
(VIN) to the FF pin. The simplified calculation for
R
FF is shown in equation 1.
The FF pin is held to
an internal reference after EN goes HIGH. A copy
of the current in R
FF charges a timing capacitor,
which sets the on-time duration, as shown in
equation 2.
CONTROL LOGIC
The control logic monitors input power sources,
sequences the converter through the soft-start
and protective modes, and initiates an internal
RUN signal when all conditions are met.
VCC and 3VCBP pins are continuously monitored,
and the IR3876 will be disabled if the voltage of
either pin drops below the falling thresholds.
EN_DELAY will become HIGH when VCC and
3VCBP are in the normal operating range and the
EN pin = HIGH.
SOFT START
With EN = HIGH, an internal 10µA current source
charges the external capacitor (C
SS) on the SS pin
to set the output voltage slew rate during the soft
start interval. The soft start time (t
SS)
can be
calculated from equation 3.
The feedback voltage tracks the SS pin until SS
reaches the 0.5V reference voltage (Vref), then
feedback is regulated to Vref. C
SS will continue to
be charged, and when SS pin reaches V
SS (see
Electrical Specification), SS_DELAY goes HIGH.
With EN_DELAY = LOW, the capacitor voltage
and SS pin is held to the FB pin voltage. A normal
startup sequence is shown in Figure 17.
CIRCUIT DESCRIPTION
(2)
V
20
1
R
T
IN
FF
ON
pF
V 
(1)
F
20
1
V
R
SW
OUT
FF
pF
V
(3)
A
10
5
.
0
t
SS
V
C
SS
Figure 17. Normal Startup
PGOOD
The PGOOD pin is open drain and it needs to
be externally pulled high. High state indicates
that output is in regulation. The PGOOD logic
monitors
EN_DELAY,
SS_DELAY,
and
under/over voltage fault signals. PGOOD is
released
only
when
EN_DELAY
and
SS_DELAY = HIGH and output voltage is within
the OV and UV thresholds.
PRE-BIAS STARTUP
IR3876 is able to start up into pre-charged
output,
which
prevents
oscillation
and
disturbances of the output voltage.
With
constant
on-time
control,
the
output
voltage is compared with the soft start voltage
(SS) or Vref, depending on which one is lower,
and will not start switching unless the output
voltage drops below the reference. This scheme
prevents discharge of a pre-biased output
voltage.
SHUTDOWN
The IR3876 will shutdown if VCC is below its
UVLO limit. The IR3876 can be shutdown by
pulling the EN pin below its lower threshold.
Alternatively, the output can be shutdown by
pulling the soft start pin below 0.3V.


Similar Part No. - ECJ-4YB1E226M

ManufacturerPart #DatasheetDescription
logo
International Rectifier
ECJ-4YB1E226M IRF-ECJ-4YB1E226M Datasheet
1Mb / 21P
   8A HIGHLY INTEGRATED WIDE-INPUT VOLTAGE, SYNCHRONOUS BUCK REGULATOR
More results

Similar Description - ECJ-4YB1E226M

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR3800MPBF IRF-IR3800MPBF Datasheet
672Kb / 21P
   HIGHLY INTEGRATED 12A WIDE-INPUT VOLTAGE, SYNCHRONOUS BUCK REGULATOR
IR3810MTR1PBF IRF-IR3810MTR1PBF Datasheet
677Kb / 21P
   HIGHLY INTEGRATED 12A WIDE-INPUT VOLTAGE, SYNCHRONOUS BUCK REGULATOR
IR3820MPBF IRF-IR3820MPBF_08 Datasheet
676Kb / 21P
   HIGHLY INTEGRATED 12A WIDE-INPUT VOLTAGE, SYNCHRONOUS BUCK REGULATOR
IR3876M IRF-IR3876M_15 Datasheet
1Mb / 21P
   12A HIGHLY INTEGRATED WIDE-INPUT VOLTAGE, SYNCHRONOUS BUCK REGULATOR
IR3876MBF IRF-IR3876MBF Datasheet
959Kb / 20P
   12A HIGHLY INTEGRATED WIDE-INPUT VOLTAGE, SYNCHRONOUS BUCK REGULATOR
IR3810MPBF IRF-IR3810MPBF Datasheet
39Kb / 1P
   HIGHLY INTEGRATED 12A WIDE-INPUT VOLTAGE, SYNCHRONOUS BUCK REGULATOR
IR3820MPBF IRF-IR3820MPBF Datasheet
40Kb / 1P
   HIGHLY INTEGRATED 12A WIDE-INPUT VOLTAGE, SYNCHRONOUS BUCK REGULATOR
IR3810MPBF IRF-IR3810MPBF_08 Datasheet
698Kb / 21P
   SupIRBuckTM HIGHLY INTEGRATED 12A WIDE-INPUT VOLTAGE, SYNCHRONOUS BUCK REGULATOR
IR3821MPBF IRF-IR3821MPBF Datasheet
40Kb / 1P
   HIGHLY INTEGRATED 7A WIDE-INPUT VOLTAGE, SYNCHRONOUS BUCK REGULATOR
IR3865MPBF IRF-IR3865MPBF Datasheet
1Mb / 22P
   10A HIGHLY INTEGRATED WIDE-INPUT VOLTAGE, SYNCHRONOUS BUCK REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com