Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

744309025 Datasheet(PDF) 4 Page - International Rectifier

Part # 744309025
Description  Single-Input Voltage, Synchronous Buck Regulator
Download  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

744309025 Datasheet(HTML) 4 Page - International Rectifier

  744309025 Datasheet HTML 1Page - International Rectifier 744309025 Datasheet HTML 2Page - International Rectifier 744309025 Datasheet HTML 3Page - International Rectifier 744309025 Datasheet HTML 4Page - International Rectifier 744309025 Datasheet HTML 5Page - International Rectifier 744309025 Datasheet HTML 6Page - International Rectifier 744309025 Datasheet HTML 7Page - International Rectifier 744309025 Datasheet HTML 8Page - International Rectifier 744309025 Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 53 page
background image
IR3846
4 www.irf.com
© 2013 International Rectifier
August 01, 2013
PIN DESCRIPTIONS
PIN #
PIN NAME
PIN DESCRIPTION
1
PVin
Input voltage for power stage. Bypass capacitors between PVin and
PGND should be connected very close to this pin and PGND; also forms
input to feedforward block
2, 3, 22, 23, 26
NC
No Connect
4
Boot
Supply voltage for high side driver
5
Enable
Enable pin to turning on and off the IC.
6
Rt/Sync
Use an external resistor from this pin to LGND to set the switching
frequency, very close to the pin. This pin can also be used for external
synchronization.
7
OCset
Current limit setpoint. This pin allows the trip point to be set to one of
three possible settings by either floating this pin, tying it to VCC or tying it
to PGnd.
8
Vsns
Sense pin for OVP and PGood
9
FB
Inverting input to the error amplifier. This pin is connected directly to the
output of the regulator or to the output of the remote sense amplifier, via
resistor divider to set the output voltage and provide feedback to the
error amplifier.
10
COMP
Output of error amplifier. An external resistor and capacitor network is
typically connected from this pin to FB to provide loop compensation.
11
RSo
Remote Sense Amplifier Output
12, 25
PGND
Power ground. This pin should be connected to the system’s power
ground plane. Bypass capacitors between PVin and PGND should be
connected very close to PVIN pin (pin 1) and this pin.
13
LGND
Signal ground for internal reference and control circuitry.
14
S_Ctrl
Soft start/stop control. A high logic input enables the device to go into the
internal soft start; a low logic input enables the output soft discharged.
Pull this pin high if this function is not used.
15
RS-
Remote Sense Amplifier input. Connect to ground at the load.
16
RS+
Remote Sense Amplifier input. Connect to output at the load.
17
Vref
External reference voltage can be used for margining operation. A
capacitor between 100pF and 180pF should be connected between this
pin and LGnd. Tie to LGnd for tracking function.
18
Vp
Used for voltage sequencing and tracking. Leave open if sequencing or
tracking is not needed, ensuring that there is no capacitor on the pin.
19
PGD
Power Good status pin. Output is open drain. Connect a pull up resistor
from this pin to VCC.
20
Vin
Input Voltage for LDO.
21
VCC/LDO_out
Bias Voltage for IC and driver section, output of LDO. Add a minimum of
4.7uF bypass cap from this pin to PGnd.
24
SW
Switch node. This pin is connected to the output inductor.


Similar Part No. - 744309025

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
744309025 WURTH-744309025 Datasheet
164Kb / 4P
   POWER-CHOKE WE-HCM 1390
More results

Similar Description - 744309025

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR3891M IRF-IR3891M_15 Datasheet
1Mb / 51P
   Single-Input Voltage, Synchronous Buck Regulator
IR3892M IRF-IR3892M_15 Datasheet
3Mb / 52P
   Single-Input Voltage, Synchronous Buck Regulator
IR3898M IRF-IR3898M_15 Datasheet
3Mb / 46P
   Single-Input Voltage, Synchronous Buck Regulator
IR3847M IRF-IR3847M_15 Datasheet
1Mb / 55P
   Single-Input Voltage, Synchronous Buck Regulator
IR3871MTRPBF IRF-IR3871MTRPBF Datasheet
1Mb / 21P
   WIDE-INPUT VOLTAGE, SYNCHRONOUS BUCK REGULATOR
IR3865MTRPBF IRF-IR3865MTRPBF Datasheet
1Mb / 22P
   WIDE-INPUT VOLTAGE, SYNCHRONOUS BUCK REGULATOR
IR3839MPBF IRF-IR3839MPBF_15 Datasheet
1Mb / 35P
   HIGHLY INTEGRATED 6A SINGLE-INPUT VOLTAGE, SYNCHRONOUS BUCK REGULATOR
IR3838MTR1PBF IRF-IR3838MTR1PBF Datasheet
1Mb / 35P
   HIGHLY INTEGRATED 10A SINGLE-INPUT VOLTAGE, SYNCHRONOUS BUCK REGULATOR
IR3837MPBF IRF-IR3837MPBF Datasheet
1Mb / 36P
   HIGHLY INTEGRATED 14A SINGLE-INPUT VOLTAGE, SYNCHRONOUS BUCK REGULATOR
IR3839MPBF IRF-IR3839MPBF Datasheet
1Mb / 35P
   HIGHLY INTEGRATED 6A SINGLE-INPUT VOLTAGE, SYNCHRONOUS BUCK REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com