Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C1608X7R1E104K Datasheet(PDF) 11 Page - International Rectifier

Part # C1608X7R1E104K
Description  10A HIGHLY INTEGRATED WIDE-INPUT VOLTAGE, SYNCHRONOUS BUCK REGULATOR
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

C1608X7R1E104K Datasheet(HTML) 11 Page - International Rectifier

Back Button C1608X7R1E104K Datasheet HTML 7Page - International Rectifier C1608X7R1E104K Datasheet HTML 8Page - International Rectifier C1608X7R1E104K Datasheet HTML 9Page - International Rectifier C1608X7R1E104K Datasheet HTML 10Page - International Rectifier C1608X7R1E104K Datasheet HTML 11Page - International Rectifier C1608X7R1E104K Datasheet HTML 12Page - International Rectifier C1608X7R1E104K Datasheet HTML 13Page - International Rectifier C1608X7R1E104K Datasheet HTML 14Page - International Rectifier C1608X7R1E104K Datasheet HTML 15Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 22 page
background image
IR3865MPBF
11
8/8/2012 Rev3.1
PWM COMPARATOR
The PWM comparator initiates a SET signal
(PWM pulse) when the FB pin falls below the
reference (VREF) or the soft start (SS) voltage.
ON-TIME GENERATOR
The PWM on-time duration is programmed with
an external resistor (R
FF) from the input supply
(VIN) to the FF pin. The simplified equation for
R
FF is shown in equation 1.
The FF pin is held
to an internal reference after EN goes HIGH. A
copy of the current in R
FF charges a timing
capacitor, which sets the on-time duration, as
shown in equation 2.
CONTROL LOGIC
The control logic monitors input power sources,
sequences the converter through the soft-start
and protective modes, and initiates an internal
RUN signal when all conditions are met.
VCC
and
3VCBP
pins
are
continuously
monitored, and the IR3865 will be disabled if the
voltage of either pin drops below the falling
thresholds. EN_DELAY will become HIGH when
VCC and 3VCBP are in the normal operating
range and the EN pin = HIGH.
SOFT START
With EN = HIGH, an internal 10µA current
source charges the external capacitor (C
SS) on
the SS pin to set the output voltage slew rate
during the soft start interval. The soft start time
(t
SS) can be calculated from equation 3.
The feedback voltage tracks the SS pin until SS
reaches the 0.5V reference voltage (Vref), then
feedback is regulated to Vref. C
SS will continue
to be charged, and when SS pin reaches VSS
(see Electrical Specification), SS_DELAY goes
HIGH. With EN_DELAY = LOW, the capacitor
voltage and SS pin is held to the FB pin voltage.
A normal startup sequence is shown in Figure
20.
CIRCUIT DESCRIPTION
(2)
V
20
1
R
T
IN
FF
ON
pF
V 
(1)
F
20
1
V
R
SW
OUT
FF
pF
V
(3)
A
10
5
.
0
V
C
t
SS
SS
Figure 20. Normal Startup
PGOOD
The PGOOD pin is open drain and it needs to be
externally pulled high. High state indicates that
output is in regulation. The PGOOD logic monitors
EN_DELAY, SS_DELAY, and under/over voltage
fault signals. PGOOD is released only when
EN_DELAY and SS_DELAY = HIGH and output
voltage is within the OV and UV thresholds.
PRE-BIAS STARTUP
IR3865 is able to start up into pre-charged output,
which prevents oscillation and disturbances of the
output voltage.
With constant on-time control, the output voltage
is compared with the soft start voltage (SS) or
Vref, depending on which one is lower, and will
not start switching unless the output voltage drops
below the reference. This scheme prevents
discharge of a pre-biased output voltage.
SHUTDOWN
The IR3865 will shutdown if VCC is below its
UVLO limit. The IR3865 can be shutdown by
pulling the EN pin below its lower threshold.
Alternatively, the output can be shutdown by
pulling the soft start pin below 0.3V.


Similar Part No. - C1608X7R1E104K

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
C1608X7R1E104K TI1-C1608X7R1E104K Datasheet
1Mb / 26P
[Old version datasheet]   INA223EVM User?셲 Guide and Software Tutorial
C1608X7R1E104K TI1-C1608X7R1E104K Datasheet
1Mb / 32P
[Old version datasheet]   Contains all support circuitry needed
C1608X7R1E104K TI1-C1608X7R1E104K Datasheet
713Kb / 27P
[Old version datasheet]   INA230EVM Evaluation Board and Software Tutorial
logo
TDK Electronics
C1608X7R1E104K TDK-C1608X7R1E104K Datasheet
70Kb / 7P
   Ceramic Capacitors For General Use SMD
logo
International Rectifier
C1608X7R1E104K IRF-C1608X7R1E104K Datasheet
909Kb / 22P
   6A Highly Integrated SupIRBuck Input Voltage Range: 3V to 27V
More results

Similar Description - C1608X7R1E104K

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR3870MBF IRF-IR3870MBF Datasheet
1Mb / 20P
   10A HIGHLY INTEGRATED WIDE-INPUT VOLTAGE, SYNCHRONOUS BUCK REGULATOR
IR3865M IRF-IR3865M_15 Datasheet
1Mb / 22P
   10A HIGHLY INTEGRATED WIDE-INPUT VOLTAGE, SYNCHRONOUS BUCK REGULATOR
IR3838MTR1PBF IRF-IR3838MTR1PBF Datasheet
1Mb / 35P
   HIGHLY INTEGRATED 10A SINGLE-INPUT VOLTAGE, SYNCHRONOUS BUCK REGULATOR
IR3838MPBF IRF-IR3838MPBF_15 Datasheet
1Mb / 35P
   HIGHLY INTEGRATED 10A SINGLE-INPUT VOLTAGE, SYNCHRONOUS BUCK REGULATOR
IR3838MPBF IRF-IR3838MPBF Datasheet
1Mb / 35P
   HIGHLY INTEGRATED 10A SINGLE-INPUT VOLTAGE, SYNCHRONOUS BUCK REGULATOR
IR3800MPBF IRF-IR3800MPBF Datasheet
672Kb / 21P
   HIGHLY INTEGRATED 12A WIDE-INPUT VOLTAGE, SYNCHRONOUS BUCK REGULATOR
IR3821MPBF IRF-IR3821MPBF Datasheet
40Kb / 1P
   HIGHLY INTEGRATED 7A WIDE-INPUT VOLTAGE, SYNCHRONOUS BUCK REGULATOR
IR3810MTR1PBF IRF-IR3810MTR1PBF Datasheet
677Kb / 21P
   HIGHLY INTEGRATED 12A WIDE-INPUT VOLTAGE, SYNCHRONOUS BUCK REGULATOR
IR3820MPBF IRF-IR3820MPBF_08 Datasheet
676Kb / 21P
   HIGHLY INTEGRATED 12A WIDE-INPUT VOLTAGE, SYNCHRONOUS BUCK REGULATOR
IR3876M IRF-IR3876M_15 Datasheet
1Mb / 21P
   12A HIGHLY INTEGRATED WIDE-INPUT VOLTAGE, SYNCHRONOUS BUCK REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com