Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IR3865MPBF Datasheet(PDF) 7 Page - International Rectifier

Part # IR3865MPBF
Description  10A HIGHLY INTEGRATED WIDE-INPUT VOLTAGE, SYNCHRONOUS BUCK REGULATOR
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR3865MPBF Datasheet(HTML) 7 Page - International Rectifier

Back Button IR3865MPBF Datasheet HTML 3Page - International Rectifier IR3865MPBF Datasheet HTML 4Page - International Rectifier IR3865MPBF Datasheet HTML 5Page - International Rectifier IR3865MPBF Datasheet HTML 6Page - International Rectifier IR3865MPBF Datasheet HTML 7Page - International Rectifier IR3865MPBF Datasheet HTML 8Page - International Rectifier IR3865MPBF Datasheet HTML 9Page - International Rectifier IR3865MPBF Datasheet HTML 10Page - International Rectifier IR3865MPBF Datasheet HTML 11Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
IR3865MPBF
7
8/8/2012 Rev3.1
TYPICAL OPERATING DATA
Tested with demoboard shown in Figure 7, VIN = 12V, VCC = 5V, VOUT = 1.05V, Fs = 300kHz, T
A = 25
oC, no
airflow, unless otherwise specified
Figure 3. Switching Frequency vs.
Load Current
Figure 1. Efficiency vs. Load Current for
VOUT = 1.05V
Figure 2. Efficiency vs. Load Current for
VIN = 12V
Figure 4. R
FF vs. Switching Frequency
Figure 5. Load Regulation
Figure 6. Line Regulation at I
OUT = 10A
0
50
100
150
200
250
300
350
0
2
4
6
8
10
Load Current (A)
45%
50%
55%
60%
65%
70%
75%
80%
85%
90%
95%
0.01
0.1
1
10
Load Current (A)
12VIN
7VIN
16VIN
50%
55%
60%
65%
70%
75%
80%
85%
90%
95%
0.01
0.1
1
10
Load Current (A)
VOUT = 1.05V; L = 1.5uH, 3.8mΩ
VOUT = 1.5V; L = 2.2uH, 6.0mΩ
VOUT = 3.3V; L = 3.3uH, 10.8mΩ
1.045
1.050
1.055
1.060
1.065
1.070
1.075
0
1
2
3
4
5
6
7
8
9
10
Load Current (A)
12VIN
7VIN
16VIN
1.045
1.050
1.055
1.060
1.065
1.070
1.075
7
8
9
10
11
12
13
14
15
16
Input Voltage (V)
0
200
400
600
800
1000
1200
1400
200 250 300 350 400 450 500 550 600 650 700 750
Switching Frequency (kHz)
5.0 Vout
4.5
4.0
3.5
3.0
2.5
2.0
1.5
1.0
0.5


Similar Part No. - IR3865MPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR3865M IRF-IR3865M Datasheet
1Mb / 22P
   10A HIGHLY INTEGRATED WIDE-INPUT VOLTAGE, SYNCHRONOUS BUCK REGULATOR
IR3865MTRPBF IRF-IR3865MTRPBF Datasheet
1Mb / 22P
   WIDE-INPUT VOLTAGE, SYNCHRONOUS BUCK REGULATOR
IR3865M IRF-IR3865M_15 Datasheet
1Mb / 22P
   10A HIGHLY INTEGRATED WIDE-INPUT VOLTAGE, SYNCHRONOUS BUCK REGULATOR
More results

Similar Description - IR3865MPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR3870MBF IRF-IR3870MBF Datasheet
1Mb / 20P
   10A HIGHLY INTEGRATED WIDE-INPUT VOLTAGE, SYNCHRONOUS BUCK REGULATOR
IR3865M IRF-IR3865M_15 Datasheet
1Mb / 22P
   10A HIGHLY INTEGRATED WIDE-INPUT VOLTAGE, SYNCHRONOUS BUCK REGULATOR
IR3838MTR1PBF IRF-IR3838MTR1PBF Datasheet
1Mb / 35P
   HIGHLY INTEGRATED 10A SINGLE-INPUT VOLTAGE, SYNCHRONOUS BUCK REGULATOR
IR3838MPBF IRF-IR3838MPBF_15 Datasheet
1Mb / 35P
   HIGHLY INTEGRATED 10A SINGLE-INPUT VOLTAGE, SYNCHRONOUS BUCK REGULATOR
IR3838MPBF IRF-IR3838MPBF Datasheet
1Mb / 35P
   HIGHLY INTEGRATED 10A SINGLE-INPUT VOLTAGE, SYNCHRONOUS BUCK REGULATOR
IR3800MPBF IRF-IR3800MPBF Datasheet
672Kb / 21P
   HIGHLY INTEGRATED 12A WIDE-INPUT VOLTAGE, SYNCHRONOUS BUCK REGULATOR
IR3821MPBF IRF-IR3821MPBF Datasheet
40Kb / 1P
   HIGHLY INTEGRATED 7A WIDE-INPUT VOLTAGE, SYNCHRONOUS BUCK REGULATOR
IR3810MTR1PBF IRF-IR3810MTR1PBF Datasheet
677Kb / 21P
   HIGHLY INTEGRATED 12A WIDE-INPUT VOLTAGE, SYNCHRONOUS BUCK REGULATOR
IR3820MPBF IRF-IR3820MPBF_08 Datasheet
676Kb / 21P
   HIGHLY INTEGRATED 12A WIDE-INPUT VOLTAGE, SYNCHRONOUS BUCK REGULATOR
IR3876M IRF-IR3876M_15 Datasheet
1Mb / 21P
   12A HIGHLY INTEGRATED WIDE-INPUT VOLTAGE, SYNCHRONOUS BUCK REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com