Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SPM6550T-1R0M100A Datasheet(PDF) 1 Page - International Rectifier

Part # SPM6550T-1R0M100A
Description  HIGHLY EFFICIENT INTEGRATED 6A, SYNCHRONOUS BUCK REGULATOR
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

SPM6550T-1R0M100A Datasheet(HTML) 1 Page - International Rectifier

  SPM6550T-1R0M100A Datasheet HTML 1Page - International Rectifier SPM6550T-1R0M100A Datasheet HTML 2Page - International Rectifier SPM6550T-1R0M100A Datasheet HTML 3Page - International Rectifier SPM6550T-1R0M100A Datasheet HTML 4Page - International Rectifier SPM6550T-1R0M100A Datasheet HTML 5Page - International Rectifier SPM6550T-1R0M100A Datasheet HTML 6Page - International Rectifier SPM6550T-1R0M100A Datasheet HTML 7Page - International Rectifier SPM6550T-1R0M100A Datasheet HTML 8Page - International Rectifier SPM6550T-1R0M100A Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 35 page
background image
Rev 4.0
1
PD-97528
IR3856MPbF
Features
Greater than 95% Maximum Efficiency
Wide Input Voltage Range 1.5V to 21V
Wide Output Voltage Range 0.7V to 0.9*Vin
Continuous 6A Load Capability
Integrated Bootstrap-diode
High Bandwidth E/A for excellent transient
performance
Programmable Switching Frequency up to 1.5MHz
Programmable Over Current Protection
Over Voltage Protection
Dedicated input for output voltage monitoring
Programmable PGood output
Hiccup Current Limit
Precision Reference Voltage (0.7V, +/-1%)
Programmable Soft-Start
Enable Input with Voltage Monitoring Capability
Enhanced Pre-Bias Start-up
Seq input for Tracking applications
External Synchronization
-40oC to 125oC operating junction temperature
Thermal Protection
4mm x 5mm Power QFN Package
Halogen Free, Lead Free and RoHS compliant
Fig. 1. Typical application diagram
Description
The IR3856 SupIRBuckTM is an easy-to-use, fully
integrated
and
highly
efficient
DC/DC
synchronous Buck regulator. The MOSFETs co-
packaged with the on-chip PWM controller make
IR3856 a space-efficient solution, providing
accurate power delivery for low output voltage
applications.
IR3856 is a versatile regulator which offers
programmability of start up time, switching
frequency and current limit while operating in
wide input and output voltage range.
The switching frequency is programmable from
250kHz to 1.5MHz for an optimum solution.
It also features important protection functions,
such as Pre-Bias startup, hiccup current limit and
thermal shutdown to give required system level
security in the event of fault conditions.
HIGHLY EFFICIENT
INTEGRATED 6A, SYNCHRONOUS BUCK REGULATOR
SupIRBuckTM
Distributed Point of Load Power Architectures
Netcom Applications
Computing Peripheral Voltage Regulators
General DC-DC Converters
Applications
Server Applications
Storage Applications
Embedded Telecom Systems


Similar Part No. - SPM6550T-1R0M100A

ManufacturerPart #DatasheetDescription
logo
International Rectifier
SPM6550T-1R0M100A IRF-SPM6550T-1R0M100A Datasheet
1,022Kb / 34P
   HIGHLY EFFICIENT INTEGRATED 6A, SYNCHRONOUS BUCK REGULATOR
SPM6550T-1R0M100A IRF-SPM6550T-1R0M100A Datasheet
3Mb / 51P
   Dual output, 6A/Phase, Highly Integrated SupIRBuck
More results

Similar Description - SPM6550T-1R0M100A

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR3856WM IRF-IR3856WM_15 Datasheet
1,022Kb / 34P
   HIGHLY EFFICIENT INTEGRATED 6A, SYNCHRONOUS BUCK REGULATOR
IR3842AMPBF IRF-IR3842AMPBF Datasheet
760Kb / 34P
   HIGHLY EFFICIENT INTEGRATED 6A SYNCHRONOUS BUCK REGULATOR
IR3856WMPBF IRF-IR3856WMPBF Datasheet
1,022Kb / 34P
   HIGHLY EFFICIENT INTEGRATED 6A, SYNCHRONOUS BUCK REGULATOR
IR3856WM IRF-IR3856WM Datasheet
1,022Kb / 34P
   HIGHLY EFFICIENT INTEGRATED 6A, SYNCHRONOUS BUCK REGULATOR
IR3842AM IRF-IR3842AM_15 Datasheet
760Kb / 34P
   HIGHLY EFFICIENT INTEGRATED 6A SYNCHRONOUS BUCK REGULATOR
IR3856M IRF-IR3856M_15 Datasheet
1,010Kb / 35P
   HIGHLY EFFICIENT INTEGRATED 6A, SYNCHRONOUS BUCK REGULATOR
IR3842WM IRF-IR3842WM_15 Datasheet
758Kb / 34P
   HIGHLY EFFICIENT INTEGRATED 4A SYNCHRONOUS BUCK REGULATOR
IR3843AMPBF IRF-IR3843AMPBF Datasheet
739Kb / 33P
   HIGHLY EFFICIENT INTEGRATED 3A SYNCHRONOUS BUCK REGULATOR
IR3843WMPBF IRF-IR3843WMPBF_12 Datasheet
750Kb / 34P
   HIGHLY EFFICIENT INTEGRATED 2A SYNCHRONOUS BUCK REGULATOR
IR3840AMPBF IRF-IR3840AMPBF Datasheet
793Kb / 34P
   HIGHLY EFFICIENT INTEGRATED 14A SYNCHRONOUS BUCK REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com