Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C2102X5R0J226M Datasheet(PDF) 9 Page - International Rectifier

Part # C2102X5R0J226M
Description  HIGHLY EFFICIENT INTEGRATED 4A, SYNCHRONOUS BUCK REGULATOR
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

C2102X5R0J226M Datasheet(HTML) 9 Page - International Rectifier

Back Button C2102X5R0J226M Datasheet HTML 5Page - International Rectifier C2102X5R0J226M Datasheet HTML 6Page - International Rectifier C2102X5R0J226M Datasheet HTML 7Page - International Rectifier C2102X5R0J226M Datasheet HTML 8Page - International Rectifier C2102X5R0J226M Datasheet HTML 9Page - International Rectifier C2102X5R0J226M Datasheet HTML 10Page - International Rectifier C2102X5R0J226M Datasheet HTML 11Page - International Rectifier C2102X5R0J226M Datasheet HTML 12Page - International Rectifier C2102X5R0J226M Datasheet HTML 13Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 35 page
background image
Rev 4.0
9
PD-97516
IR3853MPbF
Vo (V)
L (uH)
P/N
DCR (mOhm)
1
1
SPM6550T-1R0M100A
4.7
1.2
1
SPM6550T-1R0M100A
4.7
1.5
1.5
PCMB065T-1R5
6.7
1.8
2.2
PCMB065T-1R5
6.7
3.3
3.3
PCMB065T-1R5
6.7
Typical Efficiency and Power Loss Curves
Vin=5V, Vcc=5V, Io=0.4A- 4A, Fs=600kHz, Room Temperature, No Air Flow
The table below shows the inductors used for each of the output voltages
in the efficiency measurement.
83
84
85
86
87
88
89
90
91
92
93
94
95
96
97
0.4
0.8
1.2
1.6
2.0
2.4
2.8
3.2
3.6
4.0
Load Current (A)
1.0V
1.2V
1.5V
1.8V
3.3V
0.05
0.15
0.25
0.35
0.45
0.55
0.65
0.4
0.8
1.2
1.6
2.0
2.4
2.8
3.2
3.6
4.0
Load Current (A)
1.0Vout
1.2Vout
1.5Vout
1.8Vout
3.3Vout


Similar Part No. - C2102X5R0J226M

ManufacturerPart #DatasheetDescription
logo
International Rectifier
C2102X5R0J226M IRF-C2102X5R0J226M Datasheet
978Kb / 35P
   HIGHLY EFFICIENT INTEGRATED 9A, SYNCHRONOUS BUCK REGULATOR
More results

Similar Description - C2102X5R0J226M

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR3842WM IRF-IR3842WM_15 Datasheet
758Kb / 34P
   HIGHLY EFFICIENT INTEGRATED 4A SYNCHRONOUS BUCK REGULATOR
IR3853M IRF-IR3853M_15 Datasheet
973Kb / 35P
   HIGHLY EFFICIENT INTEGRATED 4A, SYNCHRONOUS BUCK REGULATOR
IR3842WMPBF IRF-IR3842WMPBF Datasheet
739Kb / 34P
   HIGHLY EFFICIENT INTEGRATED 4A SYNCHRONOUS BUCK REGULATOR
IR3842WMPBF IRF-IR3842WMPBF_12 Datasheet
758Kb / 34P
   HIGHLY EFFICIENT INTEGRATED 4A SYNCHRONOUS BUCK REGULATOR
IR3842M IRF-IR3842M_15 Datasheet
921Kb / 32P
   HIGHLY EFFICIENT INTEGRATED 4A SYNCHRONOUS BUCK REGULATOR
IR3842MPBF IRF-IR3842MPBF Datasheet
921Kb / 32P
   HIGHLY EFFICIENT INTEGRATED 4A SYNCHRONOUS BUCK REGULATOR
IR3843AMPBF IRF-IR3843AMPBF Datasheet
739Kb / 33P
   HIGHLY EFFICIENT INTEGRATED 3A SYNCHRONOUS BUCK REGULATOR
IR3843WMPBF IRF-IR3843WMPBF_12 Datasheet
750Kb / 34P
   HIGHLY EFFICIENT INTEGRATED 2A SYNCHRONOUS BUCK REGULATOR
IR3840AMPBF IRF-IR3840AMPBF Datasheet
793Kb / 34P
   HIGHLY EFFICIENT INTEGRATED 14A SYNCHRONOUS BUCK REGULATOR
IR3841WMPBF IRF-IR3841WMPBF Datasheet
757Kb / 34P
   HIGHLY EFFICIENT INTEGRATED 8A SYNCHRONOUS BUCK REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com