Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HI-8784PSTF Datasheet(PDF) 6 Page - Holt Integrated Circuits

Part # HI-8784PSTF
Description  ARINC 429 & 561 INTERFACE DEVICE
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTIC [Holt Integrated Circuits]
Direct Link  http://www.holtic.com
Logo HOLTIC - Holt Integrated Circuits

HI-8784PSTF Datasheet(HTML) 6 Page - Holt Integrated Circuits

Back Button HI-8784PSTF Datasheet HTML 2Page - Holt Integrated Circuits HI-8784PSTF Datasheet HTML 3Page - Holt Integrated Circuits HI-8784PSTF Datasheet HTML 4Page - Holt Integrated Circuits HI-8784PSTF Datasheet HTML 5Page - Holt Integrated Circuits HI-8784PSTF Datasheet HTML 6Page - Holt Integrated Circuits HI-8784PSTF Datasheet HTML 7Page - Holt Integrated Circuits HI-8784PSTF Datasheet HTML 8Page - Holt Integrated Circuits HI-8784PSTF Datasheet HTML 9Page - Holt Integrated Circuits HI-8784PSTF Datasheet HTML 10Page - Holt Integrated Circuits  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
VCC = 5.0V, V
= 0V, T =Operating Temperature Range (unless otherwise specified).
SS
A
AC ELECTRICAL CHARACTERISTICS (HI-8784 and HI-8785 only)
AC ELECTRICAL CHARACTERISTICS (HI-8783, HI-8784 and HI-8785)
HI-8783, HI-8784, HI-8785
V+ = 10V, V- = -10V, T = Operating Temperature Range (unless otherwise stated)
A
no load
PARAMETERS
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX UNITS
Line Driver propagation delay
Output high to low
Output low to high
Line Driver transition times
Output high to low
Output low to high
t phlx
plhx
t
t
t
-
-
500
500
ns
ns
SLP1.5 = logic 1
fx
rx
1.0
1.0
2.0
2.0
1.5
1.5
us
us
SLP1.5 = logic 1
-
-
Output high to low
Output low to high
SLP1.5 = logic 0
fx
rx
5
10
us
us
SLP1.5 = logic 0
t
t
10
5
15
15
VCC = 5.0V, V
= 0V, V+ = 10V, V- = -10V, T = Operating Temperature Range (unless otherwise specified).
SS
A
Minimum Short Circuit Sink or Source Current
I
momentary magnitude
80
mA
OUT
ZERO
-5.55
-5.0
-4.5
V
NULL
-0.25
0
0.25
V
ONE
no load, VCC = 5.0V
4.5
5.0
5.5
V
Line Driver Output Levels (Ref. To GND)
Operating Current Drain (V-)
I
no load, f = 100khz
-20
-6
mA
EE
Operating Current Drain (V+)
I
no load, f = 100khz
6
20
mA
DD
Operating Voltage
V-
-9.5
-10
10.5
V
Operating Voltage
V+
9.5
10
10.5
V
PARAMETER
SYMBOL
CONDITION
MIN
TYP
MAX
UNITS
Line Driver Output Levels (Differential)
ONE
no load, VCC = 5.0V
9.0
10.0
11.0
V
NULL
-0.5
0
0.5
V
ZERO
-11.0
-10.0
-9.0
V
DC ELECTRICAL CHARACTERISTICS (HI-8784 and HI-8785 only)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
t
t
t
t
t
t
Setup Data Bus to
20
ns
Hold
30
ns
Hold A0 to
0ns
Pulse width
40
1 CLK
ns
Setup A0 to
20
ns
Delay last
80
ns
DATA BUS TIMING
WRITE
SET
WPD
to Data Bus
Delay between
40
ns
to XMT RDY
WRITE
WRITE
WRITE
WRITE
WRITE
WRITE
HLD
AH
WPW
ASW
XD
t
HOLT INTEGRATED CIRCUITS
6


Similar Part No. - HI-8784PSTF

ManufacturerPart #DatasheetDescription
logo
Holt Integrated Circuit...
HI-8784PSTF HOLTIC-HI-8784PSTF Datasheet
186Kb / 9P
   ARINC INTERFACE DEVICE 8 bit parallel data converted to 429 & 561 serial data out
More results

Similar Description - HI-8784PSTF

ManufacturerPart #DatasheetDescription
logo
Holt Integrated Circuit...
HI-8787 HOLTIC-HI-8787_09 Datasheet
74Kb / 8P
   ARINC 429 & 561 INTERFACE DEVICE
HI-8685 HOLTIC-HI-8685 Datasheet
239Kb / 10P
   ARINC INTERFACE DEVICE ARINC 429& 561 SERIAL DATA TO 16-BIT PARALLEL DATA
HI-8683 HOLTIC-HI-8683_06 Datasheet
194Kb / 10P
   ARINC INTERFACE DEVICE ARINC 429 & 561 Serial Data to 8-Bit Parallel Data
HI-8683 HOLTIC-HI-8683 Datasheet
172Kb / 10P
   ARINC INTERFACE DEVICE ARINC 429& 561 SERIAL DATA TO 8-BIT PARALLEL DATA
HI-8685 HOLTIC-HI-8685_06 Datasheet
184Kb / 11P
   ARINC INTERFACE DEVICE ARINC 429 & 561 Serial Data to 16-Bit Parallel Data
HI-8683 HOLTIC-HI-8683_08 Datasheet
101Kb / 11P
   ARINC INTERFACE DEVICE ARINC 429& 561 SERIAL DATA TO 8-BIT PARALLEL DATA
HI-8787 HOLTIC-HI-8787 Datasheet
135Kb / 7P
   ARINC INTERFACE DEVICE 16-BIT PARALLEL DATA CONVERTED 429&561 SERIAL DATA OUT
HI-8783 HOLTIC-HI-8783 Datasheet
194Kb / 9P
   ARINC INTERFACE DEVICE 8-BIT PARALLEL DATA CONVERTED 429&561 SERIAL DATA OUT
HI-8783 HOLTIC-HI-8783_06 Datasheet
186Kb / 9P
   ARINC INTERFACE DEVICE 8 bit parallel data converted to 429 & 561 serial data out
logo
Actel Corporation
CORE429-XX ACTEL-CORE429-XX Datasheet
258Kb / 22P
   ARINC 429 Bus Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com