Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRFI840B Datasheet(PDF) 8 Page - Fairchild Semiconductor

Part # IRFI840B
Description  500V N-Channel MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

IRFI840B Datasheet(HTML) 8 Page - Fairchild Semiconductor

  IRFI840B Datasheet HTML 1Page - Fairchild Semiconductor IRFI840B Datasheet HTML 2Page - Fairchild Semiconductor IRFI840B Datasheet HTML 3Page - Fairchild Semiconductor IRFI840B Datasheet HTML 4Page - Fairchild Semiconductor IRFI840B Datasheet HTML 5Page - Fairchild Semiconductor IRFI840B Datasheet HTML 6Page - Fairchild Semiconductor IRFI840B Datasheet HTML 7Page - Fairchild Semiconductor IRFI840B Datasheet HTML 8Page - Fairchild Semiconductor IRFI840B Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
©2001 Fairchild Semiconductor Corporation
Rev. B, November 2001
Package Dimensions (Continued)
9.90
±0.20
2.40
±0.20
4.50
±0.20
1.27
±0.10
1.47
±0.10
0.80
±0.10
10.00
±0.20
2.54 TYP
2.54 TYP
1.30
+0.10
–0.05
0.50
+0.10
–0.05
I2-PAK
Dimensions in Millimeters


Similar Part No. - IRFI840B

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
IRFI840A FAIRCHILD-IRFI840A Datasheet
227Kb / 7P
   Advanced Power MOSFET
logo
International Rectifier
IRFI840G IRF-IRFI840G Datasheet
169Kb / 6P
   Power MOSFET(Vdss=500V, Rds(on)=0.85ohm, Id=4.6A)
IRFI840G IRF-IRFI840G Datasheet
122Kb / 8P
   HEXFET Power MOSFET (-55V, 0.1ohm, -14A)
logo
Vishay Siliconix
IRFI840G VISHAY-IRFI840G Datasheet
2Mb / 8P
   Power MOSFET
S-Pending-Rev. A, 23-Jun-08
IRFI840G VISHAY-IRFI840G Datasheet
1Mb / 10P
   Power MOSFET
01-Jan-2022
More results

Similar Description - IRFI840B

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FQA13N50CF FAIRCHILD-FQA13N50CF_07 Datasheet
767Kb / 9P
   500V N-Channel MOSFET
FQD3N50C FAIRCHILD-FQD3N50C_08 Datasheet
900Kb / 9P
   500V N-Channel MOSFET
FQPF5N50CF FAIRCHILD-FQPF5N50CF Datasheet
657Kb / 8P
   500V N-Channel MOSFET
logo
SemiHow Co.,Ltd.
HFP5N50S SEMIHOW-HFP5N50S Datasheet
785Kb / 8P
   500V N-Channel MOSFET
HFP13N50S SEMIHOW-HFP13N50S Datasheet
946Kb / 8P
   500V N-Channel MOSFET
HFS13N50S SEMIHOW-HFS13N50S Datasheet
859Kb / 7P
   500V N-Channel MOSFET
logo
Tiger Electronic Co.,Lt...
FQD5N50 TGS-FQD5N50 Datasheet
554Kb / 2P
   500V N-Channel MOSFET
logo
Fairchild Semiconductor
FQD1N50TF FAIRCHILD-FQD1N50TF Datasheet
833Kb / 9P
   500V N-Channel MOSFET
FQPF9N50YDTU FAIRCHILD-FQPF9N50YDTU Datasheet
723Kb / 8P
   500V N-Channel MOSFET
FQA24N50F FAIRCHILD-FQA24N50F Datasheet
620Kb / 8P
   500V N-Channel MOSFET
FQD1N50 FAIRCHILD-FQD1N50 Datasheet
740Kb / 9P
   500V N-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com