Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HI-8783PSIF Datasheet(PDF) 9 Page - Holt Integrated Circuits

Part # HI-8783PSIF
Description  ARINC 429 & 561 INTERFACE DEVICE
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTIC [Holt Integrated Circuits]
Direct Link  http://www.holtic.com
Logo HOLTIC - Holt Integrated Circuits

HI-8783PSIF Datasheet(HTML) 9 Page - Holt Integrated Circuits

Back Button HI-8783PSIF Datasheet HTML 2Page - Holt Integrated Circuits HI-8783PSIF Datasheet HTML 3Page - Holt Integrated Circuits HI-8783PSIF Datasheet HTML 4Page - Holt Integrated Circuits HI-8783PSIF Datasheet HTML 5Page - Holt Integrated Circuits HI-8783PSIF Datasheet HTML 6Page - Holt Integrated Circuits HI-8783PSIF Datasheet HTML 7Page - Holt Integrated Circuits HI-8783PSIF Datasheet HTML 8Page - Holt Integrated Circuits HI-8783PSIF Datasheet HTML 9Page - Holt Integrated Circuits HI-8783PSIF Datasheet HTML 10Page - Holt Integrated Circuits  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
HI-8783, HI-8784, HI-8785 PACKAGE DIMENSIONS
20-PIN PLASTIC SMALL OUTLINE (SOIC) - WB
(Wide Body)
inches (millimeters)
Package Type: 20HW
BSC = “Basic Spacing between Centers”
is theoretical true position dimension and
has no tolerance. (JEDEC Standard 95)
.5035 ± .0075
(12.789 ± .191)
.4065 ± .0125
(10.325 ± .318)
.295 ± .002
(7.493 ± .051)
0° to 8°
.090 ± .010
(2.286 ± .254)
.0075 ± .0035
(.191 ± .089)
.018
(.457)
typ
See Detail A
Detail A
.033 ± .017
(.838 ± .432)
.0105 ± .0015
(.2667 ± .0381)
.050
(1.27)
BSC
22-PIN PLASTIC DIP
inches (millimeters)
Package Type: 22P
BSC = “Basic Spacing between Centers”
is theoretical true position dimension and
has no tolerance. (JEDEC Standard 95)
.350 ± .010
(8.89 ± .254)
1.105 ± .015
(28.067 ± .381)
.135 ± .015
(3.429 ± .381)
.1375 ± .0125
(3.4925 ± .3175)
.019 ± .004
(.483 ± .102)
.053 ± .013
(1.346 ± .330)
.025 ± .010
(.635 ± .254)
.400 ± .010
(10.160 ± .254)
.435 ± .035
(11.049 ± .889)
.100
BSC
(2.54)
HOLT INTEGRATED CIRCUITS
9


Similar Part No. - HI-8783PSIF

ManufacturerPart #DatasheetDescription
logo
Holt Integrated Circuit...
HI-8783PSIF HOLTIC-HI-8783PSIF Datasheet
186Kb / 9P
   ARINC INTERFACE DEVICE 8 bit parallel data converted to 429 & 561 serial data out
More results

Similar Description - HI-8783PSIF

ManufacturerPart #DatasheetDescription
logo
Holt Integrated Circuit...
HI-8787 HOLTIC-HI-8787_09 Datasheet
74Kb / 8P
   ARINC 429 & 561 INTERFACE DEVICE
HI-8685 HOLTIC-HI-8685 Datasheet
239Kb / 10P
   ARINC INTERFACE DEVICE ARINC 429& 561 SERIAL DATA TO 16-BIT PARALLEL DATA
HI-8683 HOLTIC-HI-8683_06 Datasheet
194Kb / 10P
   ARINC INTERFACE DEVICE ARINC 429 & 561 Serial Data to 8-Bit Parallel Data
HI-8683 HOLTIC-HI-8683 Datasheet
172Kb / 10P
   ARINC INTERFACE DEVICE ARINC 429& 561 SERIAL DATA TO 8-BIT PARALLEL DATA
HI-8685 HOLTIC-HI-8685_06 Datasheet
184Kb / 11P
   ARINC INTERFACE DEVICE ARINC 429 & 561 Serial Data to 16-Bit Parallel Data
HI-8683 HOLTIC-HI-8683_08 Datasheet
101Kb / 11P
   ARINC INTERFACE DEVICE ARINC 429& 561 SERIAL DATA TO 8-BIT PARALLEL DATA
HI-8787 HOLTIC-HI-8787 Datasheet
135Kb / 7P
   ARINC INTERFACE DEVICE 16-BIT PARALLEL DATA CONVERTED 429&561 SERIAL DATA OUT
HI-8783 HOLTIC-HI-8783 Datasheet
194Kb / 9P
   ARINC INTERFACE DEVICE 8-BIT PARALLEL DATA CONVERTED 429&561 SERIAL DATA OUT
HI-8783 HOLTIC-HI-8783_06 Datasheet
186Kb / 9P
   ARINC INTERFACE DEVICE 8 bit parallel data converted to 429 & 561 serial data out
logo
Actel Corporation
CORE429-XX ACTEL-CORE429-XX Datasheet
258Kb / 22P
   ARINC 429 Bus Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com