Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LMR341G Datasheet(PDF) 4 Page - Rohm

Part # LMR341G
Description  Low Supply Current Ground Sense Operational Amplifiers
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

LMR341G Datasheet(HTML) 4 Page - Rohm

  LMR341G Datasheet HTML 1Page - Rohm LMR341G Datasheet HTML 2Page - Rohm LMR341G Datasheet HTML 3Page - Rohm LMR341G Datasheet HTML 4Page - Rohm LMR341G Datasheet HTML 5Page - Rohm LMR341G Datasheet HTML 6Page - Rohm LMR341G Datasheet HTML 7Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
Datasheet
www.rohm.com
TSZ02201-0RAR1G200610-1-2
©2013 ROHM Co., Ltd. All rights reserved.
4/18
8.FEB.2013 Rev.001
TSZ22111・15・001
LMR341G
○LMR341G (Unless otherwise specified VDD=+5.0V, VSS=0V, SHDN
——————
=VDD)
Parameter
Symbol
Temperature
Range
Limits
Unit
Condition
Min.
Typ.
Max.
Input Offset Voltage
*7 *8
Vio
25°C
-
0.25
4
mV
VDD=2.7V to 5.0V
Full Range
-
-
4.5
Input Offset Voltage Drift
ΔVio/ΔT
25°C
-
1.9
-
μV/°C
-
Input Offset Current
*7
Iio
25°C
-
1
-
pA
-
Input Bias Current
*7
Ib
25°C
-
1
-
pA
-
Supply Current
IDD
25°C
-
110
200
μA
Av=0dB, VIN=2.5V
Full range
-
-
260
Shutdown Current
IDD_SD
25°C
-
0.5
1000
nA
Maximum Output Voltage(High)
VOH
25°C
60
34
-
mV
RL=2k
Ω to VDD/2
30
7
-
RL=10k
Ω to VDD/2
Maximum Output Voltage(Low)
VOL
25°C
-
32
60
mV
RL=2k
Ω to VDD/2
-
7
30
RL=10k
Ω to VDD/2
Large Signal Voltage Gain
Av
25°C
78
116
-
dB
RL=10k
Ω to VDD/2
-
107
-
RL=2k
Ω to VDD/2
Input Common-mode
Voltage Range
Vicm
25°C
VSS
-
VDD-1
V
-
Common-mode Rejection Ratio
CMRR
25°C
56
90
-
dB
VCM=2.5V
Power Supply Rejection Ratio
PSRR
25°C
65
85
-
dB
VDD=2.7V to 5.0V
VCM=0.5V
Output Source Current
*9
Isource
25°C
85
113
-
mA
OUT=0V, short current
Output Sink Current
*9
Isink
25°C
50
75
-
mA
OUT=5V, short current
Slew Rate
SR
25°C
-
1.0
-
V/
μs
RL=10k
Ω,VIN=2VP-P
Gain Bandwidth
GBW
25°C
-
1.0
-
MHz
CL=200pF, RL=10k
Av=40dB, f=100kHz
Unit Gain Frequency
fT
25°C
-
1.0
-
MHz
CL=200pF, RL=10k
Av=40dB, gain=0dB
Phase Margin
θ
25°C
-
45
-
Deg
CL=20pF, RL=100k
Av=40dB
Gain Margin
GM
25°C
-
4.5
-
dB
CL=20pF, RL=100k
Av=40dB
Input Referred Noise Voltage
Vn
25°C
-
40
-
Hz
nV/
Av=40dB, DIN-AUDIO
f=1kHz
Total Harmonic Distortion
+ Noise
THD+N
25°C
-
0.012
-
%
OUT=1VP-P, f=1kHz
RL=600
Av=0dB, DIN-AUDIO
Turn On Time From Shutdown
TON
25°C
-
15
-
μs
-
Turn On Voltage High
VSHDN_H
25°C
-
3.2
-
V
-
Turn On Voltage Low
VSHDN_L
25°C
-
2.2
-
V
-
*7
Absolute value
*8
Full range: Ta=-40°C to +85°C
*9
Under the high temperature environment, consider the power dissipation of IC when selecting the output current.
When the terminal short circuits are continuously output, the output current is reduced to climb to the temperature inside IC.
SHDN
——————
=0V


Similar Part No. - LMR341G

ManufacturerPart #DatasheetDescription
logo
Rohm
LMR341G ROHM-LMR341G Datasheet
4Mb / 53P
   Low Supply Current Output Full Swing CMOS Operational Amplifiers
16.Jun.2015 Rev.007
LMR341G-TR ROHM-LMR341G-TR Datasheet
4Mb / 54P
   Low Supply Current Output Full Swing CMOS Operational Amplifiers
LMR341G-TR ROHM-LMR341G-TR Datasheet
4Mb / 53P
   Low Supply Current Output Full Swing CMOS Operational Amplifiers
16.Jun.2015 Rev.007
LMR341G ROHM-LMR341G_15 Datasheet
4Mb / 54P
   Low Supply Current Output Full Swing CMOS Operational Amplifiers
LMR341G ROHM-LMR341G_V01 Datasheet
4Mb / 53P
   Low Supply Current Output Full Swing CMOS Operational Amplifiers
16.Jun.2015 Rev.007
More results

Similar Description - LMR341G

ManufacturerPart #DatasheetDescription
logo
Rohm
BA10324AF-E2 ROHM-BA10324AF-E2 Datasheet
558Kb / 26P
   Ground Sense Operational Amplifiers
BA10358F-E2 ROHM-BA10358F-E2_13 Datasheet
644Kb / 48P
   Ground Sense Operational Amplifiers
BA10358F-E2 ROHM-BA10358F-E2_14 Datasheet
1Mb / 56P
   Ground Sense Operational Amplifiers
BA10358FV-E2 ROHM-BA10358FV-E2 Datasheet
558Kb / 26P
   Ground Sense Operational Amplifiers
BA2904F-E2 ROHM-BA2904F-E2 Datasheet
558Kb / 26P
   Ground Sense Operational Amplifiers
LM358F-E2 ROHM-LM358F-E2 Datasheet
1Mb / 48P
   Ground Sense Operational Amplifiers
01.Aug.2016 Rev.005
BA10358F-E2 ROHM-BA10358F-E2 Datasheet
554Kb / 26P
   Ground Sense Operational Amplifiers
BA10324AFV-E2 ROHM-BA10324AFV-E2 Datasheet
558Kb / 26P
   Ground Sense Operational Amplifiers
BA10358F ROHM-BA10358F_11 Datasheet
735Kb / 26P
   Ground Sense Operational Amplifiers
BA10358F ROHM-BA10358F_09 Datasheet
610Kb / 25P
   Operational Amplifiers: Ground Sense
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com