Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LMR321G-E Datasheet(PDF) 11 Page - Rohm

Part # LMR321G-E
Description  Ground sense Low Power General Purpose Operational amplifiers
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

LMR321G-E Datasheet(HTML) 11 Page - Rohm

Back Button LMR321G-E Datasheet HTML 7Page - Rohm LMR321G-E Datasheet HTML 8Page - Rohm LMR321G-E Datasheet HTML 9Page - Rohm LMR321G-E Datasheet HTML 10Page - Rohm LMR321G-E Datasheet HTML 11Page - Rohm LMR321G-E Datasheet HTML 12Page - Rohm LMR321G-E Datasheet HTML 13Page - Rohm LMR321G-E Datasheet HTML 14Page - Rohm LMR321G-E Datasheet HTML 15Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 41 page
background image
Datasheet
www.rohm.com
TSZ02201-0RAR1G200560-1-2
© 2012 ROHM Co., Ltd. All rights reserved.
11/38
30.NOV.2012 Rev.001
TSZ22111・15・001
LMR321G, LMR358xxx, LMR324xxx
0
10
20
30
40
50
60
70
80
2
345
6
SUPPLY VOLTAGE [V]
○LMR321
(*)The data above is measurement value of typical sample, it is not guaranteed.
Figure 6.
Maximum Output Voltage(High)
– Ambient Temperature
(RL=2k
Ω)
Figure 7.
Maximum Output Voltage(Low)
– Supply Voltage
(RL=2k
Ω)
Figure 8.
Maximum Output Voltage(Low)
– Ambient Temperature
(RL=2k
Ω)
Figure 9.
Output Source Current – Output Voltage
(VDD=5V)
-40℃
25℃
85℃
0
10
20
30
40
50
60
70
80
-50
-25
0
2 55 07 5
10 0
AMBIENT TEMPERATURE [
℃ ]
2.7V
5.5V
5.0V
0
20
40
60
80
100
0
1
23
45
OUTPUT VOLTAGE [V]
-40℃
25℃
85℃
0
2
4
6
8
-5 0
-2 5
0
2 5
5 0
7 5
1 00
AM BIE NT TE MP ERA TURE [
℃]
2.7V
5.5V
5.0V


Similar Part No. - LMR321G-E

ManufacturerPart #DatasheetDescription
logo
Rohm
LMR321G ROHM-LMR321G Datasheet
708Kb / 41P
   Ground Sense Low Power General Purpose Operational Amplifiers
More results

Similar Description - LMR321G-E

ManufacturerPart #DatasheetDescription
logo
Rohm
LMR321G ROHM-LMR321G Datasheet
708Kb / 41P
   Ground Sense Low Power General Purpose Operational Amplifiers
BD1321G ROHM-BD1321G Datasheet
522Kb / 22P
   Ground Sense Low Power General Purpose Operational Amplifiers
LMR821G ROHM-LMR821G Datasheet
449Kb / 21P
   Low Power Ground Sense Operational Amplifiers
BA10324AF-E2 ROHM-BA10324AF-E2 Datasheet
558Kb / 26P
   Ground Sense Operational Amplifiers
BA10358F-E2 ROHM-BA10358F-E2_13 Datasheet
644Kb / 48P
   Ground Sense Operational Amplifiers
BA10358F-E2 ROHM-BA10358F-E2_14 Datasheet
1Mb / 56P
   Ground Sense Operational Amplifiers
BA10358FV-E2 ROHM-BA10358FV-E2 Datasheet
558Kb / 26P
   Ground Sense Operational Amplifiers
BA2904F-E2 ROHM-BA2904F-E2 Datasheet
558Kb / 26P
   Ground Sense Operational Amplifiers
LM358F-E2 ROHM-LM358F-E2 Datasheet
1Mb / 48P
   Ground Sense Operational Amplifiers
01.Aug.2016 Rev.005
BA10358F-E2 ROHM-BA10358F-E2 Datasheet
554Kb / 26P
   Ground Sense Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com