Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HI-8685PSTF-10 Datasheet(PDF) 3 Page - Holt Integrated Circuits

Part # HI-8685PSTF-10
Description  ARINC INTERFACE DEVICE
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTIC [Holt Integrated Circuits]
Direct Link  http://www.holtic.com
Logo HOLTIC - Holt Integrated Circuits

HI-8685PSTF-10 Datasheet(HTML) 3 Page - Holt Integrated Circuits

  HI-8685PSTF-10 Datasheet HTML 1Page - Holt Integrated Circuits HI-8685PSTF-10 Datasheet HTML 2Page - Holt Integrated Circuits HI-8685PSTF-10 Datasheet HTML 3Page - Holt Integrated Circuits HI-8685PSTF-10 Datasheet HTML 4Page - Holt Integrated Circuits HI-8685PSTF-10 Datasheet HTML 5Page - Holt Integrated Circuits HI-8685PSTF-10 Datasheet HTML 6Page - Holt Integrated Circuits HI-8685PSTF-10 Datasheet HTML 7Page - Holt Integrated Circuits HI-8685PSTF-10 Datasheet HTML 8Page - Holt Integrated Circuits HI-8685PSTF-10 Datasheet HTML 9Page - Holt Integrated Circuits Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
HI-8685, HI-8686
PROTOCOL DETECTION
The ARINC clock and One/Zero data that are derived from
the
outputs of the built-in line receiver is illustrated in
Figure 3. The resulting steam of digital data is shifted into a
32-bit input register.
The ARINC clock and One/Zero data can also be created
from the TESTA and TESTB inputs as shown in Figure 4.
When either test input is high, the built-in analog line driver
is disabled.
digital
For ARINC 561 operation, the TESTA and TESTB digital in-
put data streams must be derived from the ARINC 561 data,
clock and sync with external logic.
GAP DETECTION
The end of a data word is detected by an internal counter
that times out when a data One or Zero is not received for a
period equal to 16 cycles of the GAPCLK signal. The gap
detection time may vary between 16 and 17 cycles of the
GAPCLK signal since the incoming data and GAPCLK are
not usually synchronous inputs. The required frequency of
GAPCLK is a function of the mininum gap time specified for
the type of ARINC data being received. Table 1 indicates
typical frequencies that may be used for the various data
rates normally encountered.
BIT
COUNT
PARITY
DETECT
GAP
DETECT
32-BIT
SHIFT
REG.
32-BIT
RECEIVE
BUFFER
32-BIT
TO
16-BIT
MUX
ERROR
DETECT
CLOCK
&
DATA
DETECT
PARITY
ENB
RINB
TESTA
TESTB
GAPCLK
RESET
BYTE
COUNT
READ
DATA RDY
ERROR
32
16
32
Figure 1. Block Diagram
ESD
PROTECTION
&
LINE
RECEIVER
DATABUS
BIT PERIOD
MINIMUM GAP
GAP CLOCK
GAP DETECTION
TYPE
(µs)
(µs)
MHz
TIME (µs)
429
10
45
0.75
21.3 - 22.7
1.0
16 - 17
1.5
10.7 - 11.3
429
69 - 133
310 - 599
0.1
160 - 170
575
69 - 133
310 - 599
0.1
160 - 170
561
69 - 133
103 - 200
0.2
80 - 85
Table1-Typical Gap Detection Times
FUNCTIONAL DESCRIPTION (cont.)
RXA
RXB
10K
W
BIT 32
BIT 32
RINA
10K
W
D0 - D15
25K
W
25K
W
RINB-10
RINA-10
DATA
CLK
HOLT INTEGRATED CIRCUITS
3


Similar Part No. - HI-8685PSTF-10

ManufacturerPart #DatasheetDescription
logo
Holt Integrated Circuit...
HI-8685PSTF-10 HOLTIC-HI-8685PSTF-10 Datasheet
184Kb / 11P
   ARINC INTERFACE DEVICE ARINC 429 & 561 Serial Data to 16-Bit Parallel Data
More results

Similar Description - HI-8685PSTF-10

ManufacturerPart #DatasheetDescription
logo
Holt Integrated Circuit...
HI-8787 HOLTIC-HI-8787_09 Datasheet
74Kb / 8P
   ARINC 429 & 561 INTERFACE DEVICE
HI-8783 HOLTIC-HI-8783_09 Datasheet
86Kb / 10P
   ARINC 429 & 561 INTERFACE DEVICE
HI-8685 HOLTIC-HI-8685 Datasheet
239Kb / 10P
   ARINC INTERFACE DEVICE ARINC 429& 561 SERIAL DATA TO 16-BIT PARALLEL DATA
HI-8683 HOLTIC-HI-8683 Datasheet
172Kb / 10P
   ARINC INTERFACE DEVICE ARINC 429& 561 SERIAL DATA TO 8-BIT PARALLEL DATA
HI-8685 HOLTIC-HI-8685_06 Datasheet
184Kb / 11P
   ARINC INTERFACE DEVICE ARINC 429 & 561 Serial Data to 16-Bit Parallel Data
HI-8683 HOLTIC-HI-8683_08 Datasheet
101Kb / 11P
   ARINC INTERFACE DEVICE ARINC 429& 561 SERIAL DATA TO 8-BIT PARALLEL DATA
HI-8683 HOLTIC-HI-8683_06 Datasheet
194Kb / 10P
   ARINC INTERFACE DEVICE ARINC 429 & 561 Serial Data to 8-Bit Parallel Data
logo
Actel Corporation
CORE429-XX ACTEL-CORE429-XX Datasheet
258Kb / 22P
   ARINC 429 Bus Interface
logo
Intersil Corporation
HS1-3282-8 INTERSIL-HS1-3282-8 Datasheet
309Kb / 17P
   CMOS ARINC Bus Interface Circuit
March 1997
HS-3282 INTERSIL-HS-3282 Datasheet
176Kb / 15P
   CMOS ARINC Bus Interface Circuit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com