Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

5M160ZE64I4N Datasheet(PDF) 10 Page - Altera Corporation

Part # 5M160ZE64I4N
Description  MAX V Device Handbook
Download  166 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

5M160ZE64I4N Datasheet(HTML) 10 Page - Altera Corporation

Back Button 5M160ZE64I4N Datasheet HTML 6Page - Altera Corporation 5M160ZE64I4N Datasheet HTML 7Page - Altera Corporation 5M160ZE64I4N Datasheet HTML 8Page - Altera Corporation 5M160ZE64I4N Datasheet HTML 9Page - Altera Corporation 5M160ZE64I4N Datasheet HTML 10Page - Altera Corporation 5M160ZE64I4N Datasheet HTML 11Page - Altera Corporation 5M160ZE64I4N Datasheet HTML 12Page - Altera Corporation 5M160ZE64I4N Datasheet HTML 13Page - Altera Corporation 5M160ZE64I4N Datasheet HTML 14Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 166 page
background image
1–2
Chapter 1: MAX V Device Family Overview
Feature Summary
MAX V Device Handbook
May 2011
Altera Corporation
I/Os are fully compliant with the PCI-SIG® PCI Local Bus Specification, revision
2.2 for 3.3-V operation
Hot-socket compliant
Built-in JTAG BST circuitry compliant with IEEE Std. 1149.1-1990
Table 1–1 lists the MAX V family features.
MAX V devices accept 1.8 V on their VCCINT pins. The 1.8-V VCCINT external supply
powers the device core directly. MAX V devices operate internally at 1.8 V. The
supported MultiVolt I/O interface voltage levels (VCCIO) are 1.2 V, 1.5 V, 1.8 V, 2.5 V,
and 3.3 V.
MAX V devices are available in two speed grades: –4 and –5, with –4 being the fastest.
For commercial applications, speed grades –C4 and –C5 are available. For industrial
and automotive applications, speed grade –I5 and –A5 are available, respectively.
These speed grades represent the overall relative performance, not any specific timing
parameter.
f For propagation delay timing numbers within each speed grade and density, refer to
the DC and Switching Characteristics for MAX V Devices chapter.
MAX V devices are available in space-saving FineLine BGA (FBGA), Micro FineLine
BGA (MBGA), plastic enhanced quad flat pack (EQFP), and thin quad flat pack
(TQFP) packages (refer to Table 1–2 and Table 1–3). MAX V devices support vertical
migration within the same package (for example, you can migrate between the
5M570Z, 5M1270Z, and 5M2210Z devices in the 256-pin FineLine BGA package).
Vertical migration means that you can migrate to devices whose dedicated pins and
JTAG pins are the same and power pins are subsets or supersets for a given package
across device densities. The largest density in any package has the highest number of
power pins; you must lay out for the largest planned density in a package to provide
Table 1–1. MAX V Family Features
Feature
5M40Z
5M80Z
5M160Z
5M240Z
5M570Z
5M1270Z
5M2210Z
LEs
40
80
160
240
570
1,270
2,210
Typical Equivalent Macrocells
32
64
128
192
440
980
1,700
User Flash Memory Size (bits)
8,192
8,192
8,192
8,192
8,192
8,192
8,192
Global Clocks
444
44
44
Internal Oscillator
1
1
1
1
1
1
1
Maximum User I/O pins
54
79
79
114
159
271
271
tPD1 (ns) (1)
7.5
7.5
7.5
7.5
9.0
6.2
7.0
fCNT (MHz) (2)
152
152
152
152
152
304
304
tSU (ns)
2.3
2.3
2.3
2.3
2.2
1.2
1.2
tCO (ns)
6.5
6.5
6.5
6.5
6.7
4.6
4.6
Notes to Table 1–1:
(1) tPD1 represents a pin-to-pin delay for the worst case I/O placement with a full diagonal path across the device and combinational logic
implemented in a single LUT and LAB that is adjacent to the output pin.
(2) The maximum global clock frequency, fCNT, is limited by the I/O standard on the clock input pin. The 16-bit counter critical delay will run faster
than this number.


Similar Part No. - 5M160ZE64I4N

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
5M160ZE64C4N ALTERA-5M160ZE64C4N Datasheet
489Kb / 30P
   DC and Switching Characteristics for MAX V Devices
5M160ZE64C5N ALTERA-5M160ZE64C5N Datasheet
489Kb / 30P
   3. DC and Switching Characteristics for MAX V Devices
More results

Similar Description - 5M160ZE64I4N

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
MAX2 ALTERA-MAX2 Datasheet
2Mb / 297P
   MAX II Device Handbook
October 2008, version 2.1
5SGXEB6R2F40C3N ALTERA-5SGXEB6R2F40C3N Datasheet
1Mb / 70P
   Stratix V Device Handbook
5AGXFB3H4F40C5N ALTERA-5AGXFB3H4F40C5N Datasheet
1Mb / 82P
   Arria V Device Handbook
5CEBA7F23C7N ALTERA-5CEBA7F23C7N Datasheet
1Mb / 74P
   Cyclone V Device Handbook
EP3C5M164I7N ALTERA-EP3C5M164I7N Datasheet
7Mb / 274P
   Cyclone III Device Handbook
EP3SE110F1152I3N ALTERA-EP3SE110F1152I3N Datasheet
3Mb / 341P
   Stratix III Device Handbook
EP3C120F484C7 ALTERA-EP3C120F484C7 Datasheet
7Mb / 274P
   Cyclone III Device Handbook
EP4CE6F17I7N ALTERA-EP4CE6F17I7N Datasheet
1Mb / 54P
   Cyclone IV Device Handbook
December 2016
EP2AGX95EF29I5N ALTERA-EP2AGX95EF29I5N Datasheet
1Mb / 90P
   Arria II Device Handbook
EP2AGX45DF25I5 ALTERA-EP2AGX45DF25I5 Datasheet
1Mb / 90P
   Arria II Device Handbook
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com