Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

5AGXFA1G427I4N Datasheet(PDF) 1 Page - Altera Corporation

Part # 5AGXFA1G427I4N
Description  Arria V Device Overview
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

5AGXFA1G427I4N Datasheet(HTML) 1 Page - Altera Corporation

  5AGXFA1G427I4N Datasheet HTML 1Page - Altera Corporation 5AGXFA1G427I4N Datasheet HTML 2Page - Altera Corporation 5AGXFA1G427I4N Datasheet HTML 3Page - Altera Corporation 5AGXFA1G427I4N Datasheet HTML 4Page - Altera Corporation 5AGXFA1G427I4N Datasheet HTML 5Page - Altera Corporation 5AGXFA1G427I4N Datasheet HTML 6Page - Altera Corporation 5AGXFA1G427I4N Datasheet HTML 7Page - Altera Corporation 5AGXFA1G427I4N Datasheet HTML 8Page - Altera Corporation 5AGXFA1G427I4N Datasheet HTML 9Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 37 page
background image
Arria V Device Overview
2013.05.06
AV-51001
Subscribe
Feedback
The Arria
® V device family consists of the most comprehensive offerings of mid-range FPGAs ranging from
the lowest power for 6 gigabits per second (Gbps) and 10 Gbps applications, to the highest mid-range FPGA
bandwidth 12.5 Gbps transceivers.
The Arria V devices are ideal for power-sensitive wireless infrastructure equipment, 20G/40G bridging,
switching, and packet processing applications, high-definition video processing and image manipulation,
and intensive digital signal processing (DSP) applications.
Related Information
Arria V Device Handbook: Known Issues
Lists the planned updates to the Arria V Device Handbook chapters.
Key Advantages of Arria V Devices
Table 1: Key Advantages of the Arria V Device Family
Supporting Feature
Advantage
• Built on TSMC's 28 nm process technology and includes an abundance of
hard intellectual property (IP) blocks
• Power-optimized MultiTrack routing and core architecture
• Up to 50% lower power consumption than the previous generation device
• Lowest power transceivers of any midrange family
Lowest static power in its class
• 8-input adaptive logic module (ALM)
• Up to 38.38 megabits (Mb) of embedded memory
• Variable-precision digital signal processing (DSP) blocks
Improved logic integration and
differentiation capabilities
• Serial data rates up to 12.5 Gbps
• Hard memory controllers
Increased bandwidth capacity
• Tight integration of a dual-core ARM Cortex-A9 MPCore processor, hard
IP, and an FPGA in a single Arria V system-on-a-chip (SoC) FPGA
• Supports over 128 Gbps peak bandwidth with integrated data coherency
between the processor and the FPGA fabric
Hard processor system (HPS)
with integrated ARM
®
Cortex
-A9 MPCore processor
ISO
9001:2008
Registered
© 2013 Altera Corporation. All rights reserved. ALTERA, ARRIA, CYCLONE, HARDCOPY, MAX, MEGACORE, NIOS, QUARTUS and STRATIX
words and logos are trademarks of Altera Corporation and registered in the U.S. Patent and Trademark Office and in other countries. All other words
and logos identified as trademarks or service marks are the property of their respective holders as described at www.altera.com/common/legal.html.
Altera warrants performance of its semiconductor products to current specifications in accordance with Altera's standard warranty, but reserves the
right to make changes to any products and services at any time without notice. Altera assumes no responsibility or liability arising out of the application
or use of any information, product, or service described herein except as expressly agreed to in writing by Altera. Altera customers are advised to
obtain the latest version of device specifications before relying on any published information and before placing orders for products or services.
www.altera.com
101 Innovation Drive, San Jose, CA 95134


Similar Part No. - 5AGXFA1G427I4N

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
5AGXFA1G427I4N ALTERA-5AGXFA1G427I4N Datasheet
1Mb / 82P
   Arria V Device Handbook
More results

Similar Description - 5AGXFA1G427I4N

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
AV-51001 ALTERA-AV-51001 Datasheet
853Kb / 40P
   Arria V Device Overview
5AGXFB3H4F40C5N ALTERA-5AGXFB3H4F40C5N Datasheet
1Mb / 82P
   Arria V Device Handbook
5SGXMA3H2F35C2N ALTERA-5SGXMA3H2F35C2N Datasheet
420Kb / 21P
   Stratix V Device Overview
logo
Intel Corporation
5CSEBA6U23I7 INTEL-5CSEBA6U23I7 Datasheet
402Kb / 37P
   Cyclone V Device Overview
February 2012 1.2
CV-51001 INTEL-CV-51001 Datasheet
323Kb / 37P
   Cyclone V Device Overview
5CEFA9F23I7N INTEL-5CEFA9F23I7N Datasheet
412Kb / 37P
   Cyclone V Device Overview
2018.05.07
logo
Altera Corporation
EP2AGX95EF29I5N ALTERA-EP2AGX95EF29I5N Datasheet
1Mb / 90P
   Arria II Device Handbook
EP2AGX45DF25I5 ALTERA-EP2AGX45DF25I5 Datasheet
1Mb / 90P
   Arria II Device Handbook
EPXA1 ALTERA-EPXA1 Datasheet
299Kb / 16P
   Excalibur Device Overview
EP2AGX260EF29C5N ALTERA-EP2AGX260EF29C5N Datasheet
801Kb / 78P
   Device Datasheet for Arria II Devices
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com