Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HI-8787 Datasheet(PDF) 1 Page - Holt Integrated Circuits

Part # HI-8787
Description  ARINC 429 & 561 INTERFACE DEVICE
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTIC [Holt Integrated Circuits]
Direct Link  http://www.holtic.com
Logo HOLTIC - Holt Integrated Circuits

HI-8787 Datasheet(HTML) 1 Page - Holt Integrated Circuits

  HI-8787 Datasheet HTML 1Page - Holt Integrated Circuits HI-8787 Datasheet HTML 2Page - Holt Integrated Circuits HI-8787 Datasheet HTML 3Page - Holt Integrated Circuits HI-8787 Datasheet HTML 4Page - Holt Integrated Circuits HI-8787 Datasheet HTML 5Page - Holt Integrated Circuits HI-8787 Datasheet HTML 6Page - Holt Integrated Circuits HI-8787 Datasheet HTML 7Page - Holt Integrated Circuits HI-8787 Datasheet HTML 8Page - Holt Integrated Circuits  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
HI-8787, HI-8788
DESCRIPTION
FEATURES
PIN CONFIGURATION
The HI-8787 and HI-8788 are system components for
interfacing 16 bit parallel data to an ARINC 429 bus. They
combine logic and line driver on one chip. The HI-8787 has
an output resistance of 37.5 ohms, and the HI-8788 has
output resistance of 10 ohms to facilitate external lightning
protection circuitry.
The technology is analog/digital
CMOS.
Both products offer high speed data bus transactions into a
buffer register. After loading 2 each 16-bit words, data is
automatically transferred and transmitted. The data rate is
equal to the clock rate. Parity can be enabled in the 32nd
bit. Reset is used to initialize the logic upon startup. Word
gaps are sent automatically.
The part requires +/- 10 volt supplies in addition to a 5 volt
supply.
Automatically converts 16 bit parallel
data to ARINC 429 or 561 serial data
High speed data bus interface
On-chip line driver
Available in small TQFP package
Industrial and extended temperature
ranges
l
l
l
l
l
32-Pin Plastic PQFP package
24 - TXBOUT
23 - TXAOUT
22 - V-
21 - PARITY ENB
20 - XMT RDY
19 - XMIT CLK
18 -
17 -
RESET
WRITE
D4-1
N/C - 2
D5-3
D6-4
D7-5
D8-6
D9-7
D10 - 8
HI-8787PQI
HI-8787PQT
HI-8788PQI
&
HI-8788PQT
(DS8787 Rev. J)
02/09
ARINC 429 & 561 INTERFACE DEVICE
16 Bit Parallel Data In / ARINC Serial Data Out
February 2009
HOLT INTEGRATED CIRCUITS
www.holtic.com


Similar Part No. - HI-8787

ManufacturerPart #DatasheetDescription
logo
Holt Integrated Circuit...
HI-8787 HOLTIC-HI-8787 Datasheet
135Kb / 7P
   ARINC INTERFACE DEVICE 16-BIT PARALLEL DATA CONVERTED 429&561 SERIAL DATA OUT
HI-8787 HOLTIC-HI-8787 Datasheet
123Kb / 7P
   ARINC INTERFACE DEVICES 16 bit parallel data converted to 429 & 561 serial data out
HI-8787PQI HOLTIC-HI-8787PQI Datasheet
135Kb / 7P
   ARINC INTERFACE DEVICE 16-BIT PARALLEL DATA CONVERTED 429&561 SERIAL DATA OUT
HI-8787PQI HOLTIC-HI-8787PQI Datasheet
123Kb / 7P
   ARINC INTERFACE DEVICES 16 bit parallel data converted to 429 & 561 serial data out
HI-8787PQIF HOLTIC-HI-8787PQIF Datasheet
123Kb / 7P
   ARINC INTERFACE DEVICES 16 bit parallel data converted to 429 & 561 serial data out
More results

Similar Description - HI-8787

ManufacturerPart #DatasheetDescription
logo
Holt Integrated Circuit...
HI-8783 HOLTIC-HI-8783_09 Datasheet
86Kb / 10P
   ARINC 429 & 561 INTERFACE DEVICE
HI-8685 HOLTIC-HI-8685 Datasheet
239Kb / 10P
   ARINC INTERFACE DEVICE ARINC 429& 561 SERIAL DATA TO 16-BIT PARALLEL DATA
HI-8683 HOLTIC-HI-8683_06 Datasheet
194Kb / 10P
   ARINC INTERFACE DEVICE ARINC 429 & 561 Serial Data to 8-Bit Parallel Data
HI-8683 HOLTIC-HI-8683 Datasheet
172Kb / 10P
   ARINC INTERFACE DEVICE ARINC 429& 561 SERIAL DATA TO 8-BIT PARALLEL DATA
HI-8685 HOLTIC-HI-8685_06 Datasheet
184Kb / 11P
   ARINC INTERFACE DEVICE ARINC 429 & 561 Serial Data to 16-Bit Parallel Data
HI-8683 HOLTIC-HI-8683_08 Datasheet
101Kb / 11P
   ARINC INTERFACE DEVICE ARINC 429& 561 SERIAL DATA TO 8-BIT PARALLEL DATA
HI-8787 HOLTIC-HI-8787 Datasheet
135Kb / 7P
   ARINC INTERFACE DEVICE 16-BIT PARALLEL DATA CONVERTED 429&561 SERIAL DATA OUT
HI-8783 HOLTIC-HI-8783 Datasheet
194Kb / 9P
   ARINC INTERFACE DEVICE 8-BIT PARALLEL DATA CONVERTED 429&561 SERIAL DATA OUT
HI-8783 HOLTIC-HI-8783_06 Datasheet
186Kb / 9P
   ARINC INTERFACE DEVICE 8 bit parallel data converted to 429 & 561 serial data out
logo
Actel Corporation
CORE429-XX ACTEL-CORE429-XX Datasheet
258Kb / 22P
   ARINC 429 Bus Interface
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com