Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EP4CGX30 Datasheet(PDF) 30 Page - Altera Corporation

Part # EP4CGX30
Description  Cyclone IV Device Datasheet
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP4CGX30 Datasheet(HTML) 30 Page - Altera Corporation

Back Button EP4CGX30 Datasheet HTML 26Page - Altera Corporation EP4CGX30 Datasheet HTML 27Page - Altera Corporation EP4CGX30 Datasheet HTML 28Page - Altera Corporation EP4CGX30 Datasheet HTML 29Page - Altera Corporation EP4CGX30 Datasheet HTML 30Page - Altera Corporation EP4CGX30 Datasheet HTML 31Page - Altera Corporation EP4CGX30 Datasheet HTML 32Page - Altera Corporation EP4CGX30 Datasheet HTML 33Page - Altera Corporation EP4CGX30 Datasheet HTML 34Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 42 page
background image
1–30
Chapter 1: Cyclone IV Device Datasheet
Switching Characteristics
Cyclone IV Device Handbook,
May 2013
Altera Corporation
Volume 3
tLOCK (2)
—1
1
—1
1
1
ms
Notes to Table 1–32:
(1) Emulated RSDS_E_1R transmitter is supported at the output pin of all I/O Banks of Cyclone IV E devices and I/O Banks 3, 4, 5, 6, 7, 8, and 9 of Cyclone IV GX
devices.
(2) tLOCK is the time required for the PLL to lock from the end-of-device configuration.
(3) Cyclone IV E 1.0 V core voltage devices only support C8L, C9L, and I8L speed grades. Cyclone IV E 1.2 V core voltage devices only support C6, C7, C8, I7, and
A7 speed grades. Cyclone IV GX devices only support C6, C7, C8, and I7 speed grades.
Table 1–32. Emulated RSDS_E_1R Transmitter Timing Specifications for Cyclone IV Devices (1), (3) (Part 2 of 2)
Symbol
Modes
C6
C7, I7
C8, A7
C8L, I8L
C9L
Unit
MinTyp
Max Min
TypMax MinTyp
Max
Min
Typ
Max MinTyp
Max
Table 1–33. Mini-LVDS Transmitter Timing Specifications for Cyclone IV Devices (1), (2), (4)
Symbol
Modes
C6
C7, I7
C8, A7
C8L, I8L
C9L
Unit
Min
Typ
Max Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
fHSCLK (input
clock
frequency)
×10
5
200
5
155.5
5
155.5
5
155.5
5
132.5
MHz
×8
5
200
5
155.5
5
155.5
5
155.5
5
132.5
MHz
×7
5
200
5
155.5
5
155.5
5
155.5
5
132.5
MHz
×4
5
200
5
155.5
5
155.5
5
155.5
5
132.5
MHz
×2
5
200
5
155.5
5
155.5
5
155.5
5
132.5
MHz
×1
5
400
5
311
5
311
5
311
5
265
MHz
Device
operation in
Mbps
×10
100
400
100
311
100
311
100
311
100
265
Mbps
×8
80
400
80
311
80
311
80
311
80
265
Mbps
×7
70
400
70
311
70
311
70
311
70
265
Mbps
×4
40
400
40
311
40
311
40
311
40
265
Mbps
×2
20
400
20
311
20
311
20
311
20
265
Mbps
×1
10
400
10
311
10
311
10
311
10
265
Mbps
tDUTY
45
55
45
55
45
55
45
55
45
55
%
TCCS
200
200
200
200
200
ps
Output jitter
(peak to peak)
500
500
550
600
700
ps
tRISE
20 – 80%,
CLOAD =
5pF
500
500
500
500
500
ps
tFALL
20 – 80%,
CLOAD =
5pF
500
500
500
500
500
ps
tLOCK (3)
——
1
1
1
1
1
ms
Notes to Table 1–33:
(1) Applicable for true and emulated mini-LVDS transmitter.
(2) Cyclone IV E—true mini-LVDS transmitter is only supported at the output pin of Row I/O Banks 1, 2, 5, and 6. Emulated mini-LVDS transmitter is supported at
the output pin of all I/O banks.
Cyclone IV GX—true mini-LVDS transmitter is only supported at the output pin of Row I/O Banks 5 and 6. Emulated mini-LVDS transmitter is supported at the
output pin of I/O Banks 3, 4, 5, 6, 7, 8, and 9.
(3) tLOCK is the time required for the PLL to lock from the end-of-device configuration.
(4) Cyclone IV E 1.0 V core voltage devices only support C8L, C9L, and I8L speed grades. Cyclone IV E 1.2 V core voltage devices only support C6, C7, C8, I7, and
A7 speed grades. Cyclone IV GX devices only support C6, C7, C8, and I7 speed grades.


Similar Part No. - EP4CGX30

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EP4CGX30 ALTERA-EP4CGX30 Datasheet
698Kb / 42P
   1. Cyclone IV Device Datasheet
EP4CGX30 ALTERA-EP4CGX30 Datasheet
372Kb / 14P
   Cyclone IV FPGA Device Family Overview
EP4CGX30 ALTERA-EP4CGX30 Datasheet
678Kb / 42P
   Cyclone IV Device Datasheet
EP4CGX30 ALTERA-EP4CGX30 Datasheet
498Kb / 14P
   1. Cyclone IV FPGA Device Family Overview
EP4CGX30 ALTERA-EP4CGX30 Datasheet
1Mb / 54P
   Cyclone IV Device Handbook
December 2016
More results

Similar Description - EP4CGX30

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EP4CE6F17C8 ALTERA-EP4CE6F17C8 Datasheet
685Kb / 42P
   Cyclone IV Device Datasheet
EP4CGX75DF27I7N ALTERA-EP4CGX75DF27I7N Datasheet
678Kb / 42P
   Cyclone IV Device Datasheet
EP4CE6E22C8N ALTERA-EP4CE6E22C8N Datasheet
698Kb / 42P
   Cyclone IV Device Datasheet
EP4CE115F23I7N ALTERA-EP4CE115F23I7N Datasheet
698Kb / 42P
   Cyclone IV Device Datasheet
EP4CGX75CF23C8N ALTERA-EP4CGX75CF23C8N Datasheet
704Kb / 42P
   Cyclone IV Device Datasheet
EP4CE15F17C8N ALTERA-EP4CE15F17C8N Datasheet
710Kb / 42P
   Cyclone IV Device Datasheet
EP4CE10F17C7N ALTERA-EP4CE10F17C7N Datasheet
678Kb / 42P
   Cyclone IV Device Datasheet
EP4CE75F23I7N ALTERA-EP4CE75F23I7N Datasheet
685Kb / 42P
   Cyclone IV Device Datasheet
EP4CGX22BF14C6N ALTERA-EP4CGX22BF14C6N Datasheet
678Kb / 42P
   Cyclone IV Device Datasheet
EP4CE22F17I7N ALTERA-EP4CE22F17I7N Datasheet
678Kb / 42P
   Cyclone IV Device Datasheet
EP4CGX75CF23I7N ALTERA-EP4CGX75CF23I7N Datasheet
678Kb / 42P
   Cyclone IV Device Datasheet
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com