Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

5AGXMA1D627C3ES Datasheet(PDF) 2 Page - Altera Corporation

Part # 5AGXMA1D627C3ES
Description  Arria V Device Overview
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

5AGXMA1D627C3ES Datasheet(HTML) 2 Page - Altera Corporation

  5AGXMA1D627C3ES Datasheet HTML 1Page - Altera Corporation 5AGXMA1D627C3ES Datasheet HTML 2Page - Altera Corporation 5AGXMA1D627C3ES Datasheet HTML 3Page - Altera Corporation 5AGXMA1D627C3ES Datasheet HTML 4Page - Altera Corporation 5AGXMA1D627C3ES Datasheet HTML 5Page - Altera Corporation 5AGXMA1D627C3ES Datasheet HTML 6Page - Altera Corporation 5AGXMA1D627C3ES Datasheet HTML 7Page - Altera Corporation 5AGXMA1D627C3ES Datasheet HTML 8Page - Altera Corporation 5AGXMA1D627C3ES Datasheet HTML 9Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 37 page
background image
Supporting Feature
Advantage
• Requires as low as four power supplies to operate
• Available in thermal composite flip chip ball-grid array (BGA) packaging
• Includes innovative features such as Configuration via Protocol (CvP),
partial reconfiguration, and design security
Lowest system cost
Summary of Arria V Features
Table 2: Summary of Features for Arria V Devices
Description
Feature
• TSMC's 28-nm process technology:
• Arria V GX, GT, SX, and ST—28-nm low power (28LP) process
• Arria V GZ—28-nm high performance (28HP) process
• Lowest static power in its class (less than 1.2 W for 500K logic elements (LEs) at 85°C
junction under typical conditions)
• 0.85 V, 1.1 V, or 1.15 V core nominal voltage
Technology
• Thermal composite flip chip BGA packaging
• Multiple device densities with identical package footprints for seamless migration
between different device densities
• Lead, lead-free (Pb-free), and RoHS-compliant options
Packaging
• Enhanced 8-input ALM with four registers
• Improved routing architecture to reduce congestion and improve compilation time
High-performance
FPGA fabric
• M10K—10-kilobits (Kb) memory blocks with soft error correction code (ECC)
(Arria V GX, GT, SX, and ST devices only)
• M20K—20-Kb memory blocks with hard ECC (Arria V GZ devices only)
• Memory logic array block (MLAB)-640-bit distributed LUTRAM where you can use
up to 50% of the ALMs as MLAB memory
Internal memory
blocks
Arria V Device Overview
Altera Corporation
Feedback
AV-51001
Summary of Arria V Features
2
2013.05.06


Similar Part No. - 5AGXMA1D627C3ES

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
5AGXMA1D627C4N ALTERA-5AGXMA1D627C4N Datasheet
1Mb / 82P
   Arria V Device Handbook
More results

Similar Description - 5AGXMA1D627C3ES

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
AV-51001 ALTERA-AV-51001 Datasheet
853Kb / 40P
   Arria V Device Overview
5AGXFB3H4F40C5N ALTERA-5AGXFB3H4F40C5N Datasheet
1Mb / 82P
   Arria V Device Handbook
5SGXMA3H2F35C2N ALTERA-5SGXMA3H2F35C2N Datasheet
420Kb / 21P
   Stratix V Device Overview
logo
Intel Corporation
5CSEBA6U23I7 INTEL-5CSEBA6U23I7 Datasheet
402Kb / 37P
   Cyclone V Device Overview
February 2012 1.2
CV-51001 INTEL-CV-51001 Datasheet
323Kb / 37P
   Cyclone V Device Overview
5CEFA9F23I7N INTEL-5CEFA9F23I7N Datasheet
412Kb / 37P
   Cyclone V Device Overview
2018.05.07
logo
Altera Corporation
EP2AGX95EF29I5N ALTERA-EP2AGX95EF29I5N Datasheet
1Mb / 90P
   Arria II Device Handbook
EP2AGX45DF25I5 ALTERA-EP2AGX45DF25I5 Datasheet
1Mb / 90P
   Arria II Device Handbook
EPXA1 ALTERA-EPXA1 Datasheet
299Kb / 16P
   Excalibur Device Overview
EP2AGX260EF29C5N ALTERA-EP2AGX260EF29C5N Datasheet
801Kb / 78P
   Device Datasheet for Arria II Devices
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com