Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

5M1270ZM6815N Datasheet(PDF) 5 Page - Altera Corporation

Part # 5M1270ZM6815N
Description  DC and Switching Characteristics for MAX V Devices
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

5M1270ZM6815N Datasheet(HTML) 5 Page - Altera Corporation

  5M1270ZM6815N Datasheet HTML 1Page - Altera Corporation 5M1270ZM6815N Datasheet HTML 2Page - Altera Corporation 5M1270ZM6815N Datasheet HTML 3Page - Altera Corporation 5M1270ZM6815N Datasheet HTML 4Page - Altera Corporation 5M1270ZM6815N Datasheet HTML 5Page - Altera Corporation 5M1270ZM6815N Datasheet HTML 6Page - Altera Corporation 5M1270ZM6815N Datasheet HTML 7Page - Altera Corporation 5M1270ZM6815N Datasheet HTML 8Page - Altera Corporation 5M1270ZM6815N Datasheet HTML 9Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 30 page
background image
Chapter 3: DC and Switching Characteristics for MAX V Devices
3–5
Operating Conditions
May 2011
Altera Corporation
MAX V Device Handbook
Output Drive Characteristics
Figure 3–1 shows the typical drive strength characteristics of MAX V devices.
I/O Standard Specifications
Table 3–5 through Table 3–13 on page 3–8 list the I/O standard specifications for the
MAX V device family.
Figure 3–1. Output Drive Characteristics of MAX V Devices (Note 1)
Notes to Figure 3–1:
(1) The DC output current per pin is subject to the absolute maximum rating of Table 3–1 on page 3–1.
(2) 1.2-V VCCIO is only applicable to the maximum drive strength.
0
5
10
15
20
25
30
35
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
Voltage (V)
3.3-V VCCIO
2.5-V VCCIO
1.8-V VCCIO
1.5-V VCCIO
(Minimum Drive Strength)
MAX V Output Drive IOH Characteristics
0
5
10
15
20
25
30
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
Voltage (V)
3.3-V VCCIO
2.5-V VCCIO
1.8-V VCCIO
1.5-V VCCIO
(Minimum Drive Strength)
MAX V Output Drive IOL Characteristics
0
10
20
30
40
50
60
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
Voltage (V)
3.3-V VCCIO
2.5-V VCCIO
1.8-V VCCIO
1.5-V VCCIO
(Maximum Drive Strength)
MAX V Output Drive IOL Characteristics
1.2-V VCCIO (2)
MAX V Output Drive IOH Characteristics
(Maximum Drive Strength)
0
10
20
30
40
50
60
70
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
Voltage (V)
3.3-V VCCIO
2.5-V VCCIO
1.8-V VCCIO
1.5-V VCCIO
1.2-V VCCIO (2)
Table 3–5. 3.3-V LVTTL Specifications for MAX V Devices
Symbol
Parameter
Conditions
Minimum
Maximum
Unit
VCCIO
I/O supply voltage
3.0
3.6
V
VIH
High-level input voltage
1.7
4.0
V
VIL
Low-level input voltage
–0.5
0.8
V
VOH
High-level output voltage
IOH = –4 mA (1)
2.4
V
VOL
Low-level output voltage
IOL = 4 mA (1)
—0.45
V
Note to Table 3–5:
(1) This specification is supported across all the programmable drive strength settings available for this I/O standard, as shown in the
MAX V Device Architecture chapter.


Similar Part No. - 5M1270ZM6815N

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
5M1270ZM64A4N ALTERA-5M1270ZM64A4N Datasheet
3Mb / 166P
   MAX V Device Handbook
5M1270ZM64A5N ALTERA-5M1270ZM64A5N Datasheet
3Mb / 166P
   MAX V Device Handbook
5M1270ZM64C5N ALTERA-5M1270ZM64C5N Datasheet
3Mb / 166P
   MAX V Device Handbook
5M1270ZM64I4N ALTERA-5M1270ZM64I4N Datasheet
3Mb / 166P
   MAX V Device Handbook
More results

Similar Description - 5M1270ZM6815N

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
5M240ZM100C5N ALTERA-5M240ZM100C5N Datasheet
489Kb / 30P
   DC and Switching Characteristics for MAX V Devices
5M160ZE64C4N ALTERA-5M160ZE64C4N Datasheet
489Kb / 30P
   DC and Switching Characteristics for MAX V Devices
5M160ZT100C5N ALTERA-5M160ZT100C5N Datasheet
489Kb / 30P
   DC and Switching Characteristics for MAX V Devices
5M1270ZF256C5N ALTERA-5M1270ZF256C5N Datasheet
489Kb / 30P
   DC and Switching Characteristics for MAX V Devices
5M1270ZT144C5N ALTERA-5M1270ZT144C5N Datasheet
489Kb / 30P
   DC and Switching Characteristics for MAX V Devices
5M160ZM100I5N ALTERA-5M160ZM100I5N Datasheet
489Kb / 30P
   DC and Switching Characteristics for MAX V Devices
5M240ZT100C4N ALTERA-5M240ZT100C4N Datasheet
488Kb / 30P
   3. DC and Switching Characteristics for MAX V Devices
5M240ZT100C5N ALTERA-5M240ZT100C5N Datasheet
489Kb / 30P
   3. DC and Switching Characteristics for MAX V Devices
5M80ZT100A5N ALTERA-5M80ZT100A5N Datasheet
489Kb / 30P
   3. DC and Switching Characteristics for MAX V Devices
5M2210ZF256C5N ALTERA-5M2210ZF256C5N Datasheet
489Kb / 30P
   3. DC and Switching Characteristics for MAX V Devices
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com