Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

5AGXMA3G627I3ES Datasheet(PDF) 4 Page - Altera Corporation

Part # 5AGXMA3G627I3ES
Description  Arria V Device Overview
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

5AGXMA3G627I3ES Datasheet(HTML) 4 Page - Altera Corporation

  5AGXMA3G627I3ES Datasheet HTML 1Page - Altera Corporation 5AGXMA3G627I3ES Datasheet HTML 2Page - Altera Corporation 5AGXMA3G627I3ES Datasheet HTML 3Page - Altera Corporation 5AGXMA3G627I3ES Datasheet HTML 4Page - Altera Corporation 5AGXMA3G627I3ES Datasheet HTML 5Page - Altera Corporation 5AGXMA3G627I3ES Datasheet HTML 6Page - Altera Corporation 5AGXMA3G627I3ES Datasheet HTML 7Page - Altera Corporation 5AGXMA3G627I3ES Datasheet HTML 8Page - Altera Corporation 5AGXMA3G627I3ES Datasheet HTML 9Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 37 page
background image
Description
Feature
• 1.6 Gbps LVDS receiver and transmitter
• 800 MHz/1.6 Gbps external memory interface
• On-chip termination (OCT)
• 3.3 V support
1
FPGA
General-purpose
I/Os (GPIOs)
Memory interfaces with low latency:
• Hard memory controller-up to 1.066 Gbps
• Soft memory controller-up to 1.6 Gbps
External Memory
Interface
• 600 Mbps to 12.5 Gbps integrated transceiver speed
• Less than 105 mW per channel at 6 Gbps, less than 165 mW per channel at 10 Gbps,
and less than 170 mW per channel at 12.5 Gbps
• Transmit pre-emphasis and receiver equalization
• Dynamic partial reconfiguration of individual channels
• Physical medium attachment (PMA) with soft PCS that supports 9.8304 Gbps CPRI
(Arria V GT and ST only)
• PMA with hard PCS that supports up to 9.8 Gbps CPRI (Arria V GZ only)
• Hard PCS that supports 10GBASE-R and 10GBASE-KR (Arria V GZ only)
Low-power
high-speed serial
interface
• Dual-core ARM Cortex-A9 MPCore processor-up to 800 MHz maximum frequency
with support for symmetric and asymmetric multiprocessing
• Interface peripherals—10/100/1000 Ethernet media access control (EMAC), USB 2.0
On-The-GO (OTG) controller, quad serial peripheral interface (QSPI) flash controller,
NAND flash controller, Secure Digital/MultiMediaCard (SD/MMC) controller, UART,
serial peripheral interface (SPI), I2C interface, and up to 85 HPS GPIO interfaces
• System peripherals—general-purpose timers, watchdog timers, direct memory access
(DMA) controller, FPGA configuration manager, and clock and reset managers
• On-chip RAM and boot ROM
• HPS–FPGA bridges—include the FPGA-to-HPS, HPS-to-FPGA, and lightweight
HPS-to-FPGA bridges that allow the FPGA fabric to issue transactions to slaves in
the HPS, and vice versa
• FPGA-to-HPS SDRAM controller subsystem—provides a configurable interface to
the multiport front end (MPFE) of the HPS SDRAM controller
• ARM CoreSight
JTAG debug access port, trace port, and on-chip trace storage
HPS
(Arria V SX and ST
devices only)
• Tamper protection-comprehensive design protection to protect your valuable IP
investments
• Enhanced advanced encryption standard (AES) design security features
• CvP
• Partial and dynamic reconfiguration of the FPGA
• Active serial (AS) x1 and x4, passive serial (PS), JTAG, and fast passive parallel (FPP)
x8, x16, and x32 (Arria V GZ) configuration options
• Remote system upgrade
Configuration
1 Arria V GZ devices support 3.3 V with a 3.0 V V
CCIO.
Arria V Device Overview
Altera Corporation
Feedback
AV-51001
Summary of Arria V Features
4
2013.05.06


Similar Part No. - 5AGXMA3G627I3ES

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
5AGXMA1D427C4N ALTERA-5AGXMA1D427C4N Datasheet
1Mb / 82P
   Arria V Device Handbook
5AGXMA1D427I4N ALTERA-5AGXMA1D427I4N Datasheet
1Mb / 82P
   Arria V Device Handbook
5AGXMA1D431C4N ALTERA-5AGXMA1D431C4N Datasheet
1Mb / 82P
   Arria V Device Handbook
5AGXMA1D431I4N ALTERA-5AGXMA1D431I4N Datasheet
1Mb / 82P
   Arria V Device Handbook
5AGXMA1D627C4N ALTERA-5AGXMA1D627C4N Datasheet
1Mb / 82P
   Arria V Device Handbook
More results

Similar Description - 5AGXMA3G627I3ES

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
AV-51001 ALTERA-AV-51001 Datasheet
853Kb / 40P
   Arria V Device Overview
5AGXFB3H4F40C5N ALTERA-5AGXFB3H4F40C5N Datasheet
1Mb / 82P
   Arria V Device Handbook
5SGXMA3H2F35C2N ALTERA-5SGXMA3H2F35C2N Datasheet
420Kb / 21P
   Stratix V Device Overview
logo
Intel Corporation
5CSEBA6U23I7 INTEL-5CSEBA6U23I7 Datasheet
402Kb / 37P
   Cyclone V Device Overview
February 2012 1.2
CV-51001 INTEL-CV-51001 Datasheet
323Kb / 37P
   Cyclone V Device Overview
5CEFA9F23I7N INTEL-5CEFA9F23I7N Datasheet
412Kb / 37P
   Cyclone V Device Overview
2018.05.07
logo
Altera Corporation
EP2AGX95EF29I5N ALTERA-EP2AGX95EF29I5N Datasheet
1Mb / 90P
   Arria II Device Handbook
EP2AGX45DF25I5 ALTERA-EP2AGX45DF25I5 Datasheet
1Mb / 90P
   Arria II Device Handbook
EPXA1 ALTERA-EPXA1 Datasheet
299Kb / 16P
   Excalibur Device Overview
EP2AGX260EF29C5N ALTERA-EP2AGX260EF29C5N Datasheet
801Kb / 78P
   Device Datasheet for Arria II Devices
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com