Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM2576SX-5.0 Datasheet(PDF) 8 Page - Tiger Electronic Co.,Ltd

Part # LM2576SX-5.0
Description  regulators are monolithic integrated circuits that provide all the active functions for a step-down switching
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TGS [Tiger Electronic Co.,Ltd]
Direct Link  http://www.tgselec.com
Logo TGS - Tiger Electronic Co.,Ltd

LM2576SX-5.0 Datasheet(HTML) 8 Page - Tiger Electronic Co.,Ltd

  LM2576SX-5.0 Datasheet HTML 1Page - Tiger Electronic Co.,Ltd LM2576SX-5.0 Datasheet HTML 2Page - Tiger Electronic Co.,Ltd LM2576SX-5.0 Datasheet HTML 3Page - Tiger Electronic Co.,Ltd LM2576SX-5.0 Datasheet HTML 4Page - Tiger Electronic Co.,Ltd LM2576SX-5.0 Datasheet HTML 5Page - Tiger Electronic Co.,Ltd LM2576SX-5.0 Datasheet HTML 6Page - Tiger Electronic Co.,Ltd LM2576SX-5.0 Datasheet HTML 7Page - Tiger Electronic Co.,Ltd LM2576SX-5.0 Datasheet HTML 8Page - Tiger Electronic Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
LM2576 Series
Test Circuit and Layout Guidelines
As in any switching regulator, layout is very important. Rapidly switching currents associated with wiring inductance generate voltage
transients which can cause problems. For minimal inductance and ground loops, the length of the leads indicated by heavy lines should
be kept as short as possible.
Single-point grounding (as indicated) or ground plane construction should be used for best results. When using the Adjustable version,
physically locate the programming resistors near the regulator, to keep the sensitive feedback wiring short.
Fixed Output Voltage Versions (Figure 2a)
UNREGULATED
+
+VIN
1
LM2576HV-
FIXED OUTPUT
ON/OFF
FEEDBACK
4
OUTPUT
2
L1
100
H
D1
VOUT
L
O
VIN
DC INPUT
GN
100
F
D 3
5
+
MBR360
COUT
1000
F
A
D
CIN — 100µF, 75V, Aluminum Electrolytic
COUT —1000µF, 25V, Aluminum Electrolytic
D1 — Schottky, MBR360
L1 — 100µH, Pulse Eng. PE-92108
R1 — 2k, 0.1%
R2 — 6.12k, 0.1%
Adjustable Output Voltage Version (Figure 2b)
7V -60V
+VIN
1
100
F
LM2576HV-
ADJ
FEEDBACK
4
OUTPUT
2
L1
100
H
VOUT
5.00V
L
UNREGULATED
DC INPUT
+
CIN
GND 3
ON/OFF
5
+
COUT
R2
O
A
MBR360
1000
F
R1
D
V
OUT
=
V
REF 1
(
+ R
2 )
R
R
R
(
V
OUT
)1
2
1
V
REF
where VREF = 1.23V, R1 between 1k and 5k
REV No:01-060813
8
ELECTRONICS CO.,LTD
TIGER


Similar Part No. - LM2576SX-5.0

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2576SX-5.0 NSC-LM2576SX-5.0 Datasheet
639Kb / 24P
   SIMPLE SWITCHER 3A Step-Down Voltage Regulator
logo
ARTSCHIP ELECTRONICS CO...
LM2576SX-5.0 ARTSCHIP-LM2576SX-5.0 Datasheet
1Mb / 23P
   SIMPLE SWITCHER 3A Step-Down Voltage Regulator
logo
TECH PUBLIC Electronics...
LM2576SX-5.0 TECHPUBLIC-LM2576SX-5.0 Datasheet
2Mb / 6P
   3A / 52kHz Step-Down DC-DC Converter
logo
Texas Instruments
LM2576SX-5.0/NOPB TI1-LM2576SX-5.0/NOPB Datasheet
3Mb / 37P
[Old version datasheet]   LM2576/LM2576HV Series SIMPLE SWITCHER짰 3A Step-Down Voltage Regulator
LM2576SX-5.0/NOPB TI1-LM2576SX-5.0/NOPB Datasheet
3Mb / 37P
[Old version datasheet]   SIMPLE SWITCHER짰 3A Step-Down Voltage Regulator
More results

Similar Description - LM2576SX-5.0

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM2596 TI-LM2596 Datasheet
4Mb / 42P
[Old version datasheet]   monolithic integrated circuits that provide all the active functions for a step-down (buck) switching regulator, capable of driving a 3A load with excellent line and load regulation.
logo
Linear Technology
LT1767-1.8 LINER-LT1767-1.8_15 Datasheet
435Kb / 20P
   Monolithic 1.5A, 1.25MHz Step-Down Switching Regulators
LT1767 LINER-LT1767_15 Datasheet
435Kb / 20P
   Monolithic 1.5A, 1.25MHz Step-Down Switching Regulators
LT1767-2.5 LINER-LT1767-2.5_15 Datasheet
435Kb / 20P
   Monolithic 1.5A, 1.25MHz Step-Down Switching Regulators
LT1767-3.3 LINER-LT1767-3.3_15 Datasheet
435Kb / 20P
   Monolithic 1.5A, 1.25MHz Step-Down Switching Regulators
LT1767EMS8-18 LINER-LT1767EMS8-18 Datasheet
256Kb / 16P
   Monolithic 1.5A, 1.25MHz Step-Down Switching Regulators
LT1767 LINER-LT1767 Datasheet
242Kb / 16P
   Monolithic 1.5A, 1.25MHz Step-Down Switching Regulators
LT1767-5 LINER-LT1767-5_15 Datasheet
435Kb / 20P
   Monolithic 1.5A, 1.25MHz Step-Down Switching Regulators
logo
STMicroelectronics
AN1518 STMICROELECTRONICS-AN1518 Datasheet
837Kb / 30P
   The L5973D is a step-down monolithic power switching regulator capable
PM8903A STMICROELECTRONICS-PM8903A Datasheet
2Mb / 33P
   3 A step-down monolithic switching regulator
January 2013 Rev 1
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com