Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RJK03M5DNS Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # RJK03M5DNS
Description  Silicon N Channel Power MOS FET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RJK03M5DNS Datasheet(HTML) 2 Page - Renesas Technology Corp

  RJK03M5DNS Datasheet HTML 1Page - Renesas Technology Corp RJK03M5DNS Datasheet HTML 2Page - Renesas Technology Corp RJK03M5DNS Datasheet HTML 3Page - Renesas Technology Corp RJK03M5DNS Datasheet HTML 4Page - Renesas Technology Corp RJK03M5DNS Datasheet HTML 5Page - Renesas Technology Corp RJK03M5DNS Datasheet HTML 6Page - Renesas Technology Corp RJK03M5DNS Datasheet HTML 7Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
RJK03M5DNS
Preliminary
R07DS0769EJ0110 Rev.1.10
Page 2 of 6
May 29, 2012
Electrical Characteristics
(Ta = 25°C)
Item
Symbol
Min
Typ
Max
Unit
Test Conditions
Drain to source breakdown voltage
V(BR)DSS
30
V
ID = 10 mA, VGS = 0
Gate to source leak current
IGSS
± 0.5
A
VGS = ±20 V, VDS = 0
Zero gate voltage drain current
IDSS
1
A
VDS = 24 V, VGS = 0
Gate to source cutoff voltage
VGS(off)
1.2
2.5
V
VDS = 10 V, I D = 1 mA
RDS(on)
5.2
6.3
m
ID = 12.5 A, VGS = 10 V
Note4
Static drain to source on state
resistance
RDS(on)
6.4
8.4
m
ID = 12.5 A, VGS = 4.5 V
Note4
Forward transfer admittance
|yfs|
60
S
ID = 12.5 A, VDS = 5 V
Note4
Input capacitance
Ciss
1350
1890
pF
Output capacitance
Coss
220
pF
Reverse transfer capacitance
Crss
120
pF
VDS = 10 V
VGS = 0
f = 1 MHz
Gate Resistance
Rg
1.4
2.8
Total gate charge
Qg
10.4
nC
Gate to source charge
Qgs
4.0
nC
Gate to drain charge
Qgd
3.1
nC
VDD = 10 V
VGS = 4.5 V
ID = 25 A
Turn-on delay time
td(on)
3.7
ns
Rise time
tr
3.0
ns
Turn-off delay time
td(off)
21.7
ns
Fall time
tf
7.0
ns
VGS = 10 V, ID = 12.5 A
VDD  10 V
RL = 0.8 
Rg = 4.7
Body–drain diode forward voltage
VDF
0.85
1.11
V
IF = 25 A, VGS = 0
Note4
Body–drain diode reverse recovery
time
trr
8.8
ns
IF =25 A, VGS = 0
diF/ dt = 500 A/ s
Notes: 4. Pulse test


Similar Part No. - RJK03M5DNS

ManufacturerPart #DatasheetDescription
logo
SHENZHEN DOINGTER SEMIC...
RJK03M5DNS DOINGTER-RJK03M5DNS Datasheet
1Mb / 4P
   N-Channel MOSFET uses advanced trench technology
logo
Renesas Technology Corp
RJK03M5DNS RENESAS-RJK03M5DNS_15 Datasheet
148Kb / 7P
   Silicon N Channel Power MOS FET Power Switching
More results

Similar Description - RJK03M5DNS

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HAT2093R RENESAS-HAT2093R_15 Datasheet
79Kb / 6P
   Silicon N Channel Power MOS FET Silicon N Channel Power MOS FET
HAT2088R RENESAS-HAT2088R_15 Datasheet
110Kb / 9P
   Silicon N Channel MOS FET Silicon N Channel MOS FET
H5N2802PF RENESAS-H5N2802PF_15 Datasheet
123Kb / 9P
   Silicon N Channel MOS FET Silicon N Channel MOS FET
logo
Fuji Electric
2SK1221 FUJI-2SK1221 Datasheet
134Kb / 4P
   N-Channel Silicon Power MOS-FET
2SK2907-01R FUJI-2SK2907-01R Datasheet
100Kb / 4P
   N-CHANNEL SILICON POWER MOS-FET
2SK3262-01MR FUJI-2SK3262-01MR Datasheet
138Kb / 4P
   N-CHANNEL SILICON POWER MOS-FET
2SK3339-01 FUJI-2SK3339-01 Datasheet
75Kb / 4P
   N-CHANNEL SILICON POWER MOS-FET
2SK3340-01 FUJI-2SK3340-01 Datasheet
85Kb / 4P
   N-CHANNEL SILICON POWER MOS-FET
2SK902 FUJI-2SK902 Datasheet
131Kb / 4P
   N-Channel Silicon Power MOS-FET
2SK1016-01 FUJI-2SK1016-01 Datasheet
177Kb / 4P
   N-CHANNEL SILICON POWER MOS-FET
logo
List of Unclassifed Man...
2SK1099 ETC-2SK1099 Datasheet
60Kb / 1P
   N-CHANNEL SILICON POWER MOS-FET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com