Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DQ45EK Datasheet(PDF) 9 Page - Intel Corporation

Part # DQ45EK
Description  Technical Product Specification
Download  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

DQ45EK Datasheet(HTML) 9 Page - Intel Corporation

Back Button DQ45EK Datasheet HTML 5Page - Intel Corporation DQ45EK Datasheet HTML 6Page - Intel Corporation DQ45EK Datasheet HTML 7Page - Intel Corporation DQ45EK Datasheet HTML 8Page - Intel Corporation DQ45EK Datasheet HTML 9Page - Intel Corporation DQ45EK Datasheet HTML 10Page - Intel Corporation DQ45EK Datasheet HTML 11Page - Intel Corporation DQ45EK Datasheet HTML 12Page - Intel Corporation DQ45EK Datasheet HTML 13Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 92 page
background image
9
1
Product Description
1.1
Overview
1.1.1
Feature Summary
Table 1 summarizes the major features of the Intel Desktop Board DQ45EK.
Table 1. Feature Summary
Form Factor
Mini-ITX (6.70 inches by 6.70 inches [170.18 millimeters by 170.18 millimeters])
Processor
Support for the following:
• Intel® Core™2 Quad processor (65 W) in an LGA775 socket
• Intel® Core™2 Duo processor in an LGA775 socket
• Intel® Pentium® Dual-Core processor in an LGA775 socket
• Intel® Celeron® Dual-Core processor in an LGA775 socket
• Intel® Celeron® processor Sequence 400 in an LGA775 socket
Memory
• Two 240-pin DDR2 SDRAM Dual Inline Memory Module (DIMM) sockets
• Support for DDR2 800 MHz or DDR2 667 MHz DIMMs
• Support for up to 4 GB of system memory using DDR2 800 MHz or DDR2
667 MHz DIMMs
Chipset
Intel® Q45 Express Chipset, consisting of:
• Intel® 82Q45 Graphics and Memory Controller Hub (GMCH)
• Intel® 82801JDO I/O Controller Hub (ICH10DO)
Audio
5.1 channel audio subsystem using the ADI AD1882 high definition audio codec
Video
Intel® Graphics Media Accelerator 4500 (Intel® GMA 4500) onboard graphics
subsystem
Legacy I/O Control
Legacy I/O controller for serial port header
Peripheral
Interfaces
• Ten USB 2.0 ports
• Five Serial ATA (3 Gbps) interfaces, including one red-colored external Serial
ATA (eSATA) interface on the back panel
• One serial port header (may require specialized chassis or cable for use)
LAN Support
Gigabit (10/100/1000 Mbits/sec) LAN subsystem using the Intel® 82567LM
Gigabit Ethernet Controller
BIOS
• Intel® BIOS (resident in the SPI Flash device)
• Support for Advanced Configuration and Power Interface (ACPI), Plug and Play,
and SMBIOS
continued


Similar Part No. - DQ45EK

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
DQ45CB INTEL-DQ45CB Datasheet
2Mb / 96P
   Technical Product Specification
More results

Similar Description - DQ45EK

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
E15155-006 INTEL-E15155-006 Datasheet
2Mb / 52P
   Technical Product Specification
DG33BU INTEL-DG33BU Datasheet
3Mb / 84P
   Technical Product Specification
DG43NB INTEL-DG43NB Datasheet
2Mb / 88P
   Technical Product Specification
DG45FC INTEL-DG45FC Datasheet
2Mb / 88P
   Technical Product Specification
DP43TF INTEL-DP43TF Datasheet
2Mb / 86P
   Technical Product Specification
DX58SO INTEL-DX58SO Datasheet
3Mb / 88P
   Technical Product Specification
D201GLY INTEL-D201GLY Datasheet
3Mb / 76P
   Technical Product Specification
D945GCPE INTEL-D945GCPE Datasheet
3Mb / 80P
   Technical Product Specification
D945GPM INTEL-D945GPM Datasheet
1Mb / 94P
   Technical Product Specification
DQ965GF INTEL-DQ965GF Datasheet
2Mb / 104P
   Technical Product Specification
S2600GZ INTEL-S2600GZ Datasheet
5Mb / 246P
   Technical Product Specification
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com