Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN74ALS09DE4 Datasheet(PDF) 5 Page - Texas Instruments

Part # SN74ALS09DE4
Description  QUADRUPLE 2-INPUT POSITIVE-AND GATES WITH OPEN-COLLECTOR OUTPUTS
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74ALS09DE4 Datasheet(HTML) 5 Page - Texas Instruments

  SN74ALS09DE4 Datasheet HTML 1Page - Texas Instruments SN74ALS09DE4 Datasheet HTML 2Page - Texas Instruments SN74ALS09DE4 Datasheet HTML 3Page - Texas Instruments SN74ALS09DE4 Datasheet HTML 4Page - Texas Instruments SN74ALS09DE4 Datasheet HTML 5Page - Texas Instruments SN74ALS09DE4 Datasheet HTML 6Page - Texas Instruments SN74ALS09DE4 Datasheet HTML 7Page - Texas Instruments SN74ALS09DE4 Datasheet HTML 8Page - Texas Instruments SN74ALS09DE4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
PACKAGE OPTION ADDENDUM
www.ti.com
21-Mar-2013
Addendum-Page 2
NRND: Not recommended for new designs. Device is in production to support existing customers, but TI does not recommend using this part in a new design.
PREVIEW: Device has been announced but is not in production. Samples may or may not be available.
OBSOLETE: TI has discontinued the production of the device.
(2) Eco Plan - The planned eco-friendly classification: Pb-Free (RoHS), Pb-Free (RoHS Exempt), or Green (RoHS & no Sb/Br) - please check http://www.ti.com/productcontent for the latest availability
information and additional product content details.
TBD: The Pb-Free/Green conversion plan has not been defined.
Pb-Free (RoHS): TI's terms "Lead-Free" or "Pb-Free" mean semiconductor products that are compatible with the current RoHS requirements for all 6 substances, including the requirement that
lead not exceed 0.1% by weight in homogeneous materials. Where designed to be soldered at high temperatures, TI Pb-Free products are suitable for use in specified lead-free processes.
Pb-Free (RoHS Exempt): This component has a RoHS exemption for either 1) lead-based flip-chip solder bumps used between the die and package, or 2) lead-based die adhesive used between
the die and leadframe. The component is otherwise considered Pb-Free (RoHS compatible) as defined above.
Green (RoHS & no Sb/Br): TI defines "Green" to mean Pb-Free (RoHS compatible), and free of Bromine (Br) and Antimony (Sb) based flame retardants (Br or Sb do not exceed 0.1% by weight
in homogeneous material)
(3) MSL, Peak Temp. -- The Moisture Sensitivity Level rating according to the JEDEC industry standard classifications, and peak solder temperature.
(4) Only one of markings shown within the brackets will appear on the physical device.
Important Information and Disclaimer:The information provided on this page represents TI's knowledge and belief as of the date that it is provided. TI bases its knowledge and belief on information
provided by third parties, and makes no representation or warranty as to the accuracy of such information. Efforts are underway to better integrate information from third parties. TI has taken and
continues to take reasonable steps to provide representative and accurate information but may not have conducted destructive testing or chemical analysis on incoming materials and chemicals.
TI and TI suppliers consider certain information to be proprietary, and thus CAS numbers and other limited information may not be available for release.
In no event shall TI's liability arising out of such information exceed the total purchase price of the TI part(s) at issue in this document sold by TI to Customer on an annual basis.
OTHER QUALIFIED VERSIONS OF SN54ALS09, SN74ALS09 :
Catalog: SN74ALS09
Military: SN54ALS09
NOTE: Qualified Version Definitions:
Catalog - TI's standard catalog product
Military - QML certified for Military and Defense Applications


Similar Part No. - SN74ALS09DE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74ALS09D TI-SN74ALS09D Datasheet
69Kb / 4P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-AND GATES WITH OPEN-COLLECTOR OUTPUTS
More results

Similar Description - SN74ALS09DE4

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HD74LS09 RENESAS-HD74LS09 Datasheet
54Kb / 5P
   Quadruple 2-Input Positive AND Gates (with Open Collector Outputs)
logo
Texas Instruments
SN5409 TI-SN5409 Datasheet
245Kb / 7P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-AND GATES WITH OPEN-COLLECTOR OUTPUTS
SN54ALS09 TI-SN54ALS09 Datasheet
69Kb / 4P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-AND GATES WITH OPEN-COLLECTOR OUTPUTS
logo
Hitachi Semiconductor
HD74LS09 HITACHI-HD74LS09 Datasheet
44Kb / 5P
   Quadruple 2-input Positive AND Gates(with Open Collector Outputs)
logo
Texas Instruments
SNJ54LS09FK TI-SNJ54LS09FK Datasheet
967Kb / 20P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-AND GATES WITH OPEN-COLLECTOR OUTPUTS
logo
Renesas Technology Corp
HD74LS03 RENESAS-HD74LS03 Datasheet
52Kb / 4P
   Quadruple 2-Input Positive NAND Gates (with Open Collector Outputs)
logo
Texas Instruments
SN54ALS01 TI1-SN54ALS01_08 Datasheet
59Kb / 3P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-NAND GATES WITH OPEN-COLLECTOR OUTPUTS
SN5403 TI-SN5403 Datasheet
123Kb / 6P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-NAND GATES WITH OPEN-COLLECTOR OUTPUTS
SN7403N3 TI1-SN7403N3 Datasheet
662Kb / 8P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-NANAD GATES WITH OPEN-COLLECTOR OUTPUTS
SN54ALS01 TI-SN54ALS01 Datasheet
42Kb / 3P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-NAND GATES WITH OPEN-COLLECTOR OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com