Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BR24C21F-E2 Datasheet(PDF) 10 Page - Rohm

Part # BR24C21F-E2
Description  Standard EEPROMs Plug & Play EEPROMs
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BR24C21F-E2 Datasheet(HTML) 10 Page - Rohm

Back Button BR24C21F-E2 Datasheet HTML 6Page - Rohm BR24C21F-E2 Datasheet HTML 7Page - Rohm BR24C21F-E2 Datasheet HTML 8Page - Rohm BR24C21F-E2 Datasheet HTML 9Page - Rohm BR24C21F-E2 Datasheet HTML 10Page - Rohm BR24C21F-E2 Datasheet HTML 11Page - Rohm BR24C21F-E2 Datasheet HTML 12Page - Rohm BR24C21F-E2 Datasheet HTML 13Page - Rohm BR24C21F-E2 Datasheet HTML 14Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 21 page
background image
Datasheet
Datasheet
10/18
TSZ02201-0R2R0G100270-1-2
© 2012 ROHM Co., Ltd. All rights reserved.
10.Jul.2012 Rev.001
www.rohm.com
TSZ22111・15・001
BR24C21xxx Series (1K)
○Minimum RPU
The minimum value of RPU is determined by following factors:
①Meets the condition that VOLMAX=0.4V, IOLMAX=3mA when the output is Low.
② VOLMAX=0.4V must be lower than the input Low level of the microcontroller and the EEPROM
including the recommended noise margin of 0.1VCC.
VOLMAX ≦ VIL-0.1 VCC
Examples: VCC=3V, VOL=0.4V, IOL=3mA, the VIL of the controller and
According to ①
エラー! 編集中のフィールド コードからは、オブジェクトを作成できません。
the EEPROM is VIL=0.3VCC,
and
VOL=0.4[V]
VIL=0.3×3
=0.9[V]
so that condition② is met
○SCL Pin Pull-up Resister
When SCL is controlled by the CMOS output the pull-up resistor at SCL is not required.
However, should SCL be set to Hi-Z, connection of a pull-up resistor between SCL and VCC is recommended.
Several k
Ω are recommended for the pull-up resistor in order to drive the output port of the microcontroller.
●Notes For Power Supply
VCC rises through the low voltage region in which the internal circuit of the IC and the controller are unstable. Therefore, the
device may not work properly due to an incomplete reset of the internal circuit. To prevent this, the device has a P.O.R. and
LVCC feature. At power up, maintain the following conditions to ensure functions of P.O.R and LVCC.
1. "SDA='H'" and "SCL='L' or 'H'".
2. Follow the recommended conditions of tR, tOFF, Vbot for the P.O.R. function during power up.
エラー! 編集中のフィールド コードからは、オブジェクトを作成できません。
3. Prevent SDA and SCL from being "Hi-Z".
In case conditions 1 and/or 2 cannot be met, take following
actions:
A)If unable to keep condition 1 ( SDA is "Low" during power
up):
→Control SDA ,SCL to be "High" as shown in figure below.
エラー! 編集中のフィールド コードからは、オブジェクトを作成できません。
B)If unable to keep condition 2.
→After power becomes stable, execute software reset. (See Figure 13.)
C)If unable to keep both conditions 1 and 2.
→Follow the instruction A first, then the instruction B.
●LVCC Circuit
LVCC circuit inhibits write operation at low voltage, and prevents an inadvertent write. Write operation is inhibited below the
LVCC voltage (Typ.=1.2V).
●Vcc NOISE
○Bypass Condenser
Noise and surges on power line may cause abnormal function. It is recommended that the bypass condensers (0.1µF) are
attached on the Vcc and GND line beside the device. It is also recommended to attach bypass condensers on the board
close to the connector.
●Notes for Use
1) Described numeric values and data are design representative values, and the values are not guaranteed.
2) We believe that application circuit examples are recommendable, however, in actual use, confirm characteristics further
sufficiently. In the case of use by changing the fixed number of external parts, make your decision with sufficient margin in
consideration of static characteristics and transition characteristics and fluctuations of external parts and our LSI.
Recommended conditions of tR, tOFF, Vbot
tR
tOFF
Vbot
Below 10ms
Above 10ms
Below 0.3V
Below 100ms
Above 10ms
Below 0.2V
VCC-VOL
RPU
≦ IOL
RPU
VCC-VOL
IOL
Figure 17.
Figure 18.
Figure 19.


Similar Part No. - BR24C21F-E2

ManufacturerPart #DatasheetDescription
logo
Rohm
BR24C21F-E2 ROHM-BR24C21F-E2 Datasheet
709Kb / 23P
   EDID Memory (For display)
BR24C21F-E2 ROHM-BR24C21F-E2 Datasheet
711Kb / 23P
   EDID Memory (For display)
BR24C21F-E2 ROHM-BR24C21F-E2 Datasheet
1,012Kb / 22P
   Standard EEPROMs Plug & Play EEPROMs
More results

Similar Description - BR24C21F-E2

ManufacturerPart #DatasheetDescription
logo
Rohm
BR24C21XXX ROHM-BR24C21XXX Datasheet
1,012Kb / 22P
   Standard EEPROMs Plug & Play EEPROMs
BR25L010F-WE2 ROHM-BR25L010F-WE2 Datasheet
577Kb / 17P
   High Reliability Serial EEPROMs SPI BUS Serial EEPROMs
logo
ATMEL Corporation
AT25640A ATMEL-AT25640A Datasheet
388Kb / 20P
   SPI Serial EEPROMs
AT25080 ATMEL-AT25080_03 Datasheet
331Kb / 21P
   SPI Serial EEPROMs
logo
Rohm
BR35H160-WC ROHM-BR35H160-WC_10 Datasheet
491Kb / 17P
   Automotive Serial EEPROMs
logo
ATMEL Corporation
AT25010 ATMEL-AT25010_03 Datasheet
155Kb / 17P
   SPI Serial EEPROMs
AT25HP256 ATMEL-AT25HP256_06 Datasheet
414Kb / 21P
   SPI Serial EEPROMs
AT25080A ATMEL-AT25080A_07 Datasheet
448Kb / 24P
   SPI Serial EEPROMs
AT25010 ATMEL-AT25010 Datasheet
165Kb / 15P
   SPI Serial EEPROMs
AT25128 ATMEL-AT25128 Datasheet
230Kb / 12P
   SPI Serial EEPROMs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com