Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DP45SG Datasheet(PDF) 9 Page - Intel Corporation

Part # DP45SG
Description  Technical Product Specification
Download  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

DP45SG Datasheet(HTML) 9 Page - Intel Corporation

Back Button DP45SG Datasheet HTML 5Page - Intel Corporation DP45SG Datasheet HTML 6Page - Intel Corporation DP45SG Datasheet HTML 7Page - Intel Corporation DP45SG Datasheet HTML 8Page - Intel Corporation DP45SG Datasheet HTML 9Page - Intel Corporation DP45SG Datasheet HTML 10Page - Intel Corporation DP45SG Datasheet HTML 11Page - Intel Corporation DP45SG Datasheet HTML 12Page - Intel Corporation DP45SG Datasheet HTML 13Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 84 page
background image
9
1
Product Description
1.1
Overview
1.1.1
Feature Summary
Table 1 summarizes the major features of the board.
Table 1. Feature Summary
Form Factor
ATX (11.60 inches by 9.60 inches [294.60 millimeters by 243.84 millimeters])
Processor
• Intel® Core™2 Extreme Processor in an LGA775 socket
• Intel® Core™2 Quad Processor in an LGA775 socket
• Intel® Core™2 Duo Processor in an LGA775 socket
• Intel® Pentium® Dual-Core Processor in an LGA775 socket
• Intel® Celeron® Dual-Core Processor in an LGA775 socket
• Intel® Celeron® Processor 400 Sequence in an LGA775 socket
Memory
• Four 240-pin DDR3 SDRAM Dual Inline Memory Module (DIMM) sockets
• Support for DDR3 1333 MHz, DDR3 1066 MHz, and DDR3 800 MHz DIMMs
• Support for up to 8 GB of system memory
• Support for non-ECC memory
Chipset
Intel® P45 Chipset, consisting of:
• Intel® 82P45 Memory Controller Hub (MCH)
• Intel® 82801JR I/O Controller Hub (ICH10R)
Audio
8-channel (7.1) audio subsystem using the IDT* 92HD73E high definition audio
codec and Dolby* Home Theater certification
Legacy I/O Control
Legacy I/O controller for serial port header and Consumer Infrared (CIR)
Peripheral
Interfaces
• Twelve USB 2.0 ports: six back panel connectors and six front panel headers
• Two IEEE-1394a interfaces: one back panel connector and one front-panel
header
• Six Serial ATA (3 Gbps) interfaces, including one red-colored external Serial
ATA (eSATA) interface on the back panel
• One serial port header (may require specialized chassis or cable for use)
BIOS
• Intel® BIOS resident in the SPI Flash device
• Support for Advanced Configuration and Power Interface (ACPI), Plug and Play,
and SMBIOS
Instantly Available
PC Technology
• Support for PCI Local Bus Specification Revision 2.2
• Support for PCI Express* Revision 1.0a
• Suspend to RAM support
• Wake on PCI, front panel, CIR, and USB ports
LAN Support
Gigabit (10/100/1000 Mbits/sec) LAN subsystem using the Intel® 82567LF
Gigabit Ethernet Controller
continued


Similar Part No. - DP45SG

ManufacturerPart #DatasheetDescription
logo
MTU Onsite Energy Corpo...
DP450D6S MTU-DP450D6S Datasheet
336Kb / 4P
   DIESEL GENERATOR SET
DP45D6S MTU-DP45D6S Datasheet
128Kb / 4P
   DIESEL GENERATOR SET
More results

Similar Description - DP45SG

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
E15155-006 INTEL-E15155-006 Datasheet
2Mb / 52P
   Technical Product Specification
DG33BU INTEL-DG33BU Datasheet
3Mb / 84P
   Technical Product Specification
DG43NB INTEL-DG43NB Datasheet
2Mb / 88P
   Technical Product Specification
DG45FC INTEL-DG45FC Datasheet
2Mb / 88P
   Technical Product Specification
DP43TF INTEL-DP43TF Datasheet
2Mb / 86P
   Technical Product Specification
DX58SO INTEL-DX58SO Datasheet
3Mb / 88P
   Technical Product Specification
D201GLY INTEL-D201GLY Datasheet
3Mb / 76P
   Technical Product Specification
D945GCPE INTEL-D945GCPE Datasheet
3Mb / 80P
   Technical Product Specification
D945GPM INTEL-D945GPM Datasheet
1Mb / 94P
   Technical Product Specification
DQ965GF INTEL-DQ965GF Datasheet
2Mb / 104P
   Technical Product Specification
S2600GZ INTEL-S2600GZ Datasheet
5Mb / 246P
   Technical Product Specification
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com