Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DP43TF Datasheet(PDF) 31 Page - Intel Corporation

Part # DP43TF
Description  Technical Product Specification
Download  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

DP43TF Datasheet(HTML) 31 Page - Intel Corporation

Back Button DP43TF Datasheet HTML 27Page - Intel Corporation DP43TF Datasheet HTML 28Page - Intel Corporation DP43TF Datasheet HTML 29Page - Intel Corporation DP43TF Datasheet HTML 30Page - Intel Corporation DP43TF Datasheet HTML 31Page - Intel Corporation DP43TF Datasheet HTML 32Page - Intel Corporation DP43TF Datasheet HTML 33Page - Intel Corporation DP43TF Datasheet HTML 34Page - Intel Corporation DP43TF Datasheet HTML 35Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 86 page
background image
Product Description
31
1.13.1.1
System States and Power States
Under ACPI, the operating system directs all system and device power state
transitions. The operating system puts devices in and out of low-power states based
on user preferences and knowledge of how devices are being used by applications.
Devices that are not being used can be turned off. The operating system uses
information from applications and user settings to put the system as a whole into a
low-power state.
Table 7 lists the power states supported by the board along with the associated
system power targets. See the ACPI specification for a complete description of the
various system and power states.
Table 7. Power States and Targeted System Power
Global
States
Sleeping States
Processor
States
Device States
Targeted System
Power (Note 1)
G0 – working
state
S0 – working
C0 – working
D0 – working
state.
Full power > 30 W
G1 – sleeping
state
S1 – Processor
stopped
C1 – stop
grant
D1, D2, D3 –
device
specification
specific.
5 W < power < 52.5 W
G1 – sleeping
state
S3 – Suspend to
RAM. Context
saved to RAM.
No power
D3 – no power
except for
wake-up logic.
Power < 5 W (Note 2)
G1 – sleeping
state
S4 – Suspend to
disk. Context
saved to disk.
No power
D3 – no power
except for
wake-up logic.
Power < 5 W (Note 2)
G2/S5
S5 – Soft off.
Context not saved.
Cold boot is
required.
No power
D3 – no power
except for
wake-up logic.
Power < 5 W (Note 2)
G3 –
mechanical off.
AC power is
disconnected
from the
computer.
No power to the
system.
No power
D3 – no power for
wake-up logic,
except when
provided by
battery or
external source.
No power to the system.
Service can be performed
safely.
Notes:
1.
Total system power is dependent on the system configuration, including add-in boards and peripherals
powered by the system chassis’ power supply.
2.
Dependent on the standby power consumption of wake-up devices used in the system.


Similar Part No. - DP43TF

ManufacturerPart #DatasheetDescription
logo
Grayhill, Inc
DP4 GRAYHILL-DP4 Datasheet
871Kb / 6P
   Miniature Toggle Switches
logo
Copal Electronics
DP4 COPAL-DP4 Datasheet
438Kb / 2P
   Non-Illuminated Type
logo
List of Unclassifed Man...
DP40 ETC1-DP40 Datasheet
42Kb / 2P
   STUD-BASE SILICON RECTIFIER DIODES TYPE PCN/PCRO40 70AMPERES AVERAGE : UP TO 1600 VOLTS V-RRM
logo
Artesyn Technologies
DP40 ARTESYN-DP40 Datasheet
516Kb / 2P
   Medical and ITE safeties
logo
Emerson Network Power
DP4009N2M EMERSON-NETWORKPOWER-DP4009N2M Datasheet
297Kb / 2P
   40 Watts
More results

Similar Description - DP43TF

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
E15155-006 INTEL-E15155-006 Datasheet
2Mb / 52P
   Technical Product Specification
DG33BU INTEL-DG33BU Datasheet
3Mb / 84P
   Technical Product Specification
DG43NB INTEL-DG43NB Datasheet
2Mb / 88P
   Technical Product Specification
DG45FC INTEL-DG45FC Datasheet
2Mb / 88P
   Technical Product Specification
DX58SO INTEL-DX58SO Datasheet
3Mb / 88P
   Technical Product Specification
D201GLY INTEL-D201GLY Datasheet
3Mb / 76P
   Technical Product Specification
D945GCPE INTEL-D945GCPE Datasheet
3Mb / 80P
   Technical Product Specification
D945GPM INTEL-D945GPM Datasheet
1Mb / 94P
   Technical Product Specification
DQ965GF INTEL-DQ965GF Datasheet
2Mb / 104P
   Technical Product Specification
S2600GZ INTEL-S2600GZ Datasheet
5Mb / 246P
   Technical Product Specification
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com