Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BA3474WFE2 Datasheet(PDF) 1 Page - Rohm

Part # BA3474WFE2
Description  Automotive High Speed Operational Amplifiers
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BA3474WFE2 Datasheet(HTML) 1 Page - Rohm

  BA3474WFE2 Datasheet HTML 1Page - Rohm BA3474WFE2 Datasheet HTML 2Page - Rohm BA3474WFE2 Datasheet HTML 3Page - Rohm BA3474WFE2 Datasheet HTML 4Page - Rohm BA3474WFE2 Datasheet HTML 5Page - Rohm BA3474WFE2 Datasheet HTML 6Page - Rohm BA3474WFE2 Datasheet HTML 7Page - Rohm BA3474WFE2 Datasheet HTML 8Page - Rohm BA3474WFE2 Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 32 page
background image
www.rohm.com
TSZ02201-0RAR1G200540-1-2
© 2012 ROHM Co., Ltd. All rights reserved.
1/29
20.DEC.2012 Rev.002
TSZ22111・14・00
Datasheet
Operational Amplifiers Series
Automotive High Speed
Operational Amplifiers
BA3472Yxxx-C, BA3474YFV-C, BA3472WFV-C, BA3474WFV-C
●General Description
BA3472Y, BA3474Y, BA3472W, and BA3474W
integrate two or four independent Op-amps on a
single chip. These Op-Amps can operate from
+3V to +36V (single power supply) with a high
slew rate (10V/
μs) and high-gain bandwidth
(4MHz) characteristics.
●Features
 Single or dual power supply operation
 Wide operating supply voltage
 Standard Op-Amp Pin-assignments
 High open-loop voltage gain
 Internal ESD protection circuit
 Common-mode Input Voltage Range includes
ground level, allowing direct ground sensing
 Wide output voltage range
 AEC-Q100 Qualified
●Packages
W(Typ.) x D(Typ.) x H(Max.)
SOP8
5.00mm x 6.20mm x 1.71mm
SSOP-B8
3.00mm x 6.40mm x 1.35mm
MSOP8
2.90mm x 4.00mm x 0.90mm
SSOP-B14
5.00mm x 6.40mm x 1.35mm
●Key Specifications
 Wide Operating Supply Voltage:
Single supply
+3.0V to +36.0V
Dual supply
±1.5V to ±18.0V
 Wide Temperature Range:
-40°C to +125°C
 Input Offset Voltage:
BA3472Y, BA3474Y
10mV (Max.)
BA3472W, BA3474W
7.5mV (Max.)
 Low Input Offset Current:
6nA (Typ.)
 Low Input Bias Current:
100nA (Typ.)
 Wide Output Voltage Range:
VEE+0.3V to VCC-1.0V(Typ.)
(VCC-VEE=30V)
 High Slew Rate:
10V/µs(Typ.)
 Gain Band Width:
4MHz(Typ.)
●Application
 Engine Control Unit
 Electric Power Steering (EPS)
 Anti-Lock Braking System (ABS)
 All automotive application
●Simplified schematic
○Product structure:Silicon monolithic integrated circuit ○This product is not designed protection against radioactive rays.
Figure 1. Simplified schematic (one channel only)
VCC
VIN-
VIN+
VEE
VOUT
VCC
-IN
+IN
VEE
OUT


Similar Part No. - BA3474WFE2

ManufacturerPart #DatasheetDescription
logo
Rohm
BA3474WFV-C ROHM-BA3474WFV-C Datasheet
750Kb / 32P
   Automotive High Speed Operational Amplifiers
More results

Similar Description - BA3474WFE2

ManufacturerPart #DatasheetDescription
logo
Rohm
BA3472YFV-C ROHM-BA3472YFV-C Datasheet
750Kb / 32P
   Automotive High Speed Operational Amplifiers
BA3472F ROHM-BA3472F_09 Datasheet
601Kb / 10P
   Operational Amplifiers: High Speed
BA83472YF-C ROHM-BA83472YF-C Datasheet
2Mb / 29P
   Automotive High Speed Excellent EMI Characteristics Operational Amplifiers
09.Nov.2020 Rev.003
logo
STMicroelectronics
TS272C STMICROELECTRONICS-TS272C Datasheet
216Kb / 9P
   HIGH SPEED CMOS DUAL OPERATIONAL AMPLIFIERS
logo
Texas Instruments
OPA132 TI1-OPA132 Datasheet
1Mb / 30P
[Old version datasheet]   High-Speed FET-Input Operational Amplifiers
logo
Burr-Brown (TI)
OPA132 BURR-BROWN-OPA132_04 Datasheet
576Kb / 14P
   High-Speed FET-INPUT OPERATIONAL AMPLIFIERS
logo
STMicroelectronics
TS274 STMICROELECTRONICS-TS274 Datasheet
198Kb / 15P
   HIGH SPEED CMOS QUAD OPERATIONAL AMPLIFIERS
logo
Burr-Brown (TI)
OPA132 BURR-BROWN-OPA132 Datasheet
998Kb / 7P
   High Speed FET-INPUT OPERATIONAL AMPLIFIERS
logo
Texas Instruments
OPA627 TI1-OPA627 Datasheet
1Mb / 37P
[Old version datasheet]   Precision High-Speed Difet Operational Amplifiers
logo
STMicroelectronics
TS274C STMICROELECTRONICS-TS274C Datasheet
90Kb / 8P
   HIGH SPEED CMOS QUAD OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com