Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DG45FC Datasheet(PDF) 35 Page - Intel Corporation

Part # DG45FC
Description  Technical Product Specification
Download  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

DG45FC Datasheet(HTML) 35 Page - Intel Corporation

Back Button DG45FC Datasheet HTML 31Page - Intel Corporation DG45FC Datasheet HTML 32Page - Intel Corporation DG45FC Datasheet HTML 33Page - Intel Corporation DG45FC Datasheet HTML 34Page - Intel Corporation DG45FC Datasheet HTML 35Page - Intel Corporation DG45FC Datasheet HTML 36Page - Intel Corporation DG45FC Datasheet HTML 37Page - Intel Corporation DG45FC Datasheet HTML 38Page - Intel Corporation DG45FC Datasheet HTML 39Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 88 page
background image
Product Description
35
1.12.2.2
Fan Headers
The function/operation of the fan headers is as follows:
The fans are on when the board is in the S0 state.
The fans are off when the board is off or in the S3, S4, or S5 state.
The processor fan header is wired to a fan tachometer input. The processor fan
header and front fan header both have independent tachometer input to the
hardware monitoring and fan control device. All fan headers support closed-loop
fan control that can adjust the fan speed according to thermal conditions.
All fan headers have a +12 V DC connection.
For information about
Refer to
The locations of the fan headers and thermal sensors
Figure 6, page 30
The signal names of the processor fan header
Table 16, page 47
The signal names of the chassis fan headers
Table 15, page 46
1.12.2.3
LAN Wake Capabilities
CAUTION
For LAN wake capabilities, the +5 V standby line from the power supply must be
capable of providing adequate +5 V standby current. Failure to provide adequate
standby current when implementing LAN wake capabilities can damage the power
supply.
LAN wake capabilities enable remote wake-up of the computer through a network.
The LAN subsystem PCI bus network adapter monitors network traffic at the Media
Independent Interface. Upon detecting a Magic Packet* frame, the LAN subsystem
asserts a wake-up signal that powers up the computer. Depending on the LAN
implementation, the board supports LAN wake capabilities with ACPI in the following
ways:
The PCI Express WAKE# signal
The PCI bus PME# signal for PCI 2.3 compliant LAN designs
⎯ By Ping
⎯ Magic Packet
The onboard LAN subsystem


Similar Part No. - DG45FC

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
DG451 INTERSIL-DG451 Datasheet
213Kb / 4P
   2 CHANNEL DRIVERS WITH SPST AND DPST FET SWITCHES
logo
Vishay Siliconix
DG451 VISHAY-DG451 Datasheet
182Kb / 9P
   High Voltage 4-Ω Quad SPST CMOS Analog Switch
Rev. D, 09-Jun-08
DG451 VISHAY-DG451 Datasheet
200Kb / 12P
   High Voltage 4-ohm Quad SPST CMOS Analog Switch
Rev. E, 30-Nov-09
DG451 VISHAY-DG451 Datasheet
262Kb / 13P
   High Voltage 4-廓 Quad SPST CMOS Analog Switch
08-Feb-17
logo
Intersil Corporation
DG451A INTERSIL-DG451A Datasheet
213Kb / 4P
   2 CHANNEL DRIVERS WITH SPST AND DPST FET SWITCHES
More results

Similar Description - DG45FC

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
E15155-006 INTEL-E15155-006 Datasheet
2Mb / 52P
   Technical Product Specification
DG33BU INTEL-DG33BU Datasheet
3Mb / 84P
   Technical Product Specification
DG43NB INTEL-DG43NB Datasheet
2Mb / 88P
   Technical Product Specification
DP43TF INTEL-DP43TF Datasheet
2Mb / 86P
   Technical Product Specification
DX58SO INTEL-DX58SO Datasheet
3Mb / 88P
   Technical Product Specification
D201GLY INTEL-D201GLY Datasheet
3Mb / 76P
   Technical Product Specification
D945GCPE INTEL-D945GCPE Datasheet
3Mb / 80P
   Technical Product Specification
D945GPM INTEL-D945GPM Datasheet
1Mb / 94P
   Technical Product Specification
DQ965GF INTEL-DQ965GF Datasheet
2Mb / 104P
   Technical Product Specification
S2600GZ INTEL-S2600GZ Datasheet
5Mb / 246P
   Technical Product Specification
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com