Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BA4580YFTR Datasheet(PDF) 1 Page - Rohm

Part # BA4580YFTR
Description  Automotive Low Noise Operational Amplifiers
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BA4580YFTR Datasheet(HTML) 1 Page - Rohm

  BA4580YFTR Datasheet HTML 1Page - Rohm BA4580YFTR Datasheet HTML 2Page - Rohm BA4580YFTR Datasheet HTML 3Page - Rohm BA4580YFTR Datasheet HTML 4Page - Rohm BA4580YFTR Datasheet HTML 5Page - Rohm BA4580YFTR Datasheet HTML 6Page - Rohm BA4580YFTR Datasheet HTML 7Page - Rohm BA4580YFTR Datasheet HTML 8Page - Rohm BA4580YFTR Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 30 page
background image
www.rohm.com
TSZ02201-0RAR1G200500-1-2
©2013 ROHM Co., Ltd. All rights reserved.
1/27
25.Mar.2013 Rev.002
TSZ22111・14・001
Datasheet
Operational Amplifier Series
Automotive Low Noise
Operational Amplifiers
BA4580Yxxx-M, BA4584YFV-M
●General Description
BA4580Yxxx-M, BA4584YFV-M integrate two or four
independent Op-Amps on a single chip. These
Op-Amp have some features of low noise and low
distortion characteristics and can operate from ±2.0V
to ±16V(split supply).
BA4560Yxxx-M, BA4584YFV-M are manufactured for
automotive requirements of car navigation system, car
audio, etc.
●Features
 AEC-Q100 Qualified
 High voltage gain
 low noise
 low distortion
 Wide operating supply voltage
 Internal ESD protection circuit
 Wide operating temperature Range
●Application
 Car Navigation System
 Car Audio
●Key Specifications
 Wide operating supply voltage
(split supply):±2.0V to ±16V
 Wide Temperature Range:
-40℃ to +105℃
 High Slew Rate:
5V/µs(Typ.)
 Total Harmonic Distortion:
0.0005%(Typ.)
 Input Referred Noise Voltage:
5
Hz
nV/
(Typ.)
●Packages
W(Typ.) xD(Typ.) xH(Max.)
SOP8
5.00mm x 6.20mm x 1.71mm
MSOP8
2.90mm x 4.00mm x 0.90mm
SSOP-B14
5.00mm x 6.40mm x 1.35mm
●Simplified schematic
Figure 1. Simplified schematic (one channel only)
-IN
+IN
VOUT
VCC
VEE
OUT
VCC
-IN
VEE
+IN
○Product structure:Silicon monolithic integrated circuit ○This product is not designed protection against radioactive rays.


Similar Part No. - BA4580YFTR

ManufacturerPart #DatasheetDescription
logo
Rohm
BA4580YFTR ROHM-BA4580YFTR Datasheet
644Kb / 48P
   Ground Sense Operational Amplifiers
More results

Similar Description - BA4580YFTR

ManufacturerPart #DatasheetDescription
logo
Rohm
BA4558YFV-M ROHM-BA4558YFV-M Datasheet
480Kb / 20P
   Automotive Low Noise Operational Amplifiers
BA4558YF-M ROHM-BA4558YF-M Datasheet
480Kb / 20P
   Automotive Low Noise Operational Amplifiers
BA4584YFV-M ROHM-BA4584YFV-M Datasheet
911Kb / 30P
   Automotive Low Noise Operational Amplifiers
BA4560YF-M ROHM-BA4560YF-M Datasheet
491Kb / 20P
   Automotive Low Noise Operational Amplifiers
BA14741F ROHM-BA14741F Datasheet
426Kb / 21P
   Low Noise Operational Amplifiers
BA2115FJ ROHM-BA2115FJ Datasheet
1Mb / 29P
   Low Noise Operational Amplifiers
logo
Texas Instruments
NE5534 TI-NE5534_08 Datasheet
489Kb / 18P
[Old version datasheet]   LOW-NOISE OPERATIONAL AMPLIFIERS
NE5534 TI-NE5534 Datasheet
314Kb / 15P
[Old version datasheet]   LOW-NOISE OPERATIONAL AMPLIFIERS
logo
Rohm
BA4558F ROHM-BA4558F_09 Datasheet
864Kb / 34P
   Operational Amplifiers: Low Noise
logo
Texas Instruments
NE5534 TI-NE5534_07 Datasheet
459Kb / 18P
[Old version datasheet]   LOW-NOISE OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com