Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OPA404BG Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # OPA404BG
Description  Quad High-Speed Precision DifetOPERATIONAL AMPLIFIER
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA404BG Datasheet(HTML) 1 Page - Texas Instruments

  OPA404BG Datasheet HTML 1Page - Texas Instruments OPA404BG Datasheet HTML 2Page - Texas Instruments OPA404BG Datasheet HTML 3Page - Texas Instruments OPA404BG Datasheet HTML 4Page - Texas Instruments OPA404BG Datasheet HTML 5Page - Texas Instruments OPA404BG Datasheet HTML 6Page - Texas Instruments OPA404BG Datasheet HTML 7Page - Texas Instruments OPA404BG Datasheet HTML 8Page - Texas Instruments OPA404BG Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
Quad High-Speed Precision
Difet ® OPERATIONAL AMPLIFIER
International Airport Industrial Park
Mailing Address: PO Box 11400
Tucson, AZ 85734
Street Address: 6730 S. Tucson Blvd.
Tucson, AZ 85706
Tel: (520) 746-1111
Twx: 910-952-1111
Cable: BBRCORP
Telex: 066-6491
FAX: (520) 889-1510
Immediate Product Info: (800) 548-6132
Difet ®, Burr-Brown Corp.
BIFET®, National Semiconductor Corp.
FEATURES
q WIDE BANDWIDTH: 6.4MHz
q HIGH SLEW RATE: 35V/
µs
q LOW OFFSET:
±750µV max
q LOW BIAS CURRENT:
±4pA max
q LOW SETTLING: 1.5
µs to 0.01%
q STANDARD QUAD PINOUT
DESCRIPTION
The OPA404 is a high performance monolithic
Difet ®(dielectrically-isolated FET) quad operational
amplifier. It offers an unusual combination of very-
low bias current together with wide bandwidth and
fast slew rate.
Noise, bias current, voltage offset, drift, and speed are
superior to BIFET® amplifiers.
Laser-trimming of thin-film resistors gives very low
offset and drift—the best available in a quad FET op
amp.
The OPA404's input cascode design allows high pre-
cision input specifications and uncompromised high-
speed performance.
Standard quad op amp pin configuration allows up-
grading of existing designs to higher performance
levels. The OPA404 is unity-gain stable.
OPA404
APPLICATIONS
q PRECISION INSTRUMENTATION
q OPTOELECTRONICS
q SONAR, ULTRASOUND
q PROFESSIONAL AUDIO EQUIPMENT
q MEDICAL EQUIPMENT
q DETECTOR ARRAYS
Cascode
+In
–In
Output
OPA404 Simplified Circuit
(Each Amplifier)
+V
CC
–V
CC
© 1986 Burr-Brown Corporation
PDS-677F
Printed in U.S.A. August 1995
SBOS149


Similar Part No. - OPA404BG

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA404BG BURR-BROWN-OPA404BG Datasheet
228Kb / 11P
   Quad High-Speed Precision Difet OPERATIONAL AMPLIFIER
logo
Texas Instruments
OPA404BG TI1-OPA404BG Datasheet
761Kb / 16P
[Old version datasheet]   Quad High-Speed Precision OPERATIONAL AMPLIFIER
More results

Similar Description - OPA404BG

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA627AM TI1-OPA627AM Datasheet
982Kb / 23P
[Old version datasheet]   Precision High-Speed Difet 짰 OPERATIONAL AMPLIFIERS
OPA627AU TI-OPA627AU Datasheet
982Kb / 23P
[Old version datasheet]   Precision High-Speed Difet 짰 OPERATIONAL AMPLIFIERS
logo
Burr-Brown (TI)
OPA404 BURR-BROWN-OPA404 Datasheet
228Kb / 11P
   Quad High-Speed Precision Difet OPERATIONAL AMPLIFIER
OPA602 BURR-BROWN-OPA602 Datasheet
150Kb / 9P
   High-Speed Precision Difet OPERATIONAL AMPLIFIER
logo
Texas Instruments
OPA602BPG4 TI-OPA602BPG4 Datasheet
405Kb / 15P
[Old version datasheet]   High-Speed Precision Difet OPERATIONAL AMPLIFIER
OPA627-DIE TI-OPA627-DIE Datasheet
110Kb / 6P
[Old version datasheet]   OPA627-DIE Precision High-Speed DIFET Operational Amplifier
OPA627 TI1-OPA627 Datasheet
1Mb / 37P
[Old version datasheet]   Precision High-Speed Difet Operational Amplifiers
OPA627 TI-OPA627_07 Datasheet
267Kb / 16P
[Old version datasheet]   Precision High-Speed Difet OPERATIONAL AMPLIFIERS
logo
Burr-Brown (TI)
OPA627 BURR-BROWN-OPA627 Datasheet
256Kb / 13P
   Precision High-Speed Difet OPERATIONAL AMPLIFIERS
OPA2107 BURR-BROWN-OPA2107 Datasheet
685Kb / 11P
   Precision Dual Difet Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com