Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BA2904FC Datasheet(PDF) 9 Page - Rohm

Part # BA2904FC
Description  Automotive Ground Sense Operational Amplifiers
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BA2904FC Datasheet(HTML) 9 Page - Rohm

Back Button BA2904FC Datasheet HTML 5Page - Rohm BA2904FC Datasheet HTML 6Page - Rohm BA2904FC Datasheet HTML 7Page - Rohm BA2904FC Datasheet HTML 8Page - Rohm BA2904FC Datasheet HTML 9Page - Rohm BA2904FC Datasheet HTML 10Page - Rohm BA2904FC Datasheet HTML 11Page - Rohm BA2904FC Datasheet HTML 12Page - Rohm BA2904FC Datasheet HTML 13Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 30 page
background image
Datasheet
www.rohm.com © 2013 ROHM Co., Ltd. All rights reserved.
TSZ02201-0RAR1G200110-1-2
TSZ22111・15・001
9/27
21.Jan.2013 Rev.002
BA2904Yxxx-C, BA2902Yxx-C
Figure 6.
Maximum Output Voltage – Ambient Temperature
(VCC=5V, RL=2k
Ω)
Figure 7.
Output Source Current – Output Voltage
(VCC=5V)
Figure 8.
Output Source Current – Ambient Temperature
(OUT=0V)
Figure 9.
Output Sink Current – Output Voltage
(VCC=5V)
○BA2904Yxxx-C
(*)The above data is measurement value of
typical sample, it is not guaranteed.
0. 001
0. 01
0. 1
1
10
100
00.4
0. 8
1.2
1.6
2
OUTPUT VOLTAGE [V]
0
1
2
3
4
5
-50 -25
0
25
50
75
100 125 150
AMBIENT TEMPERATURE [℃]
0
10
20
30
40
50
01234
5
OUTPUT VOLTAGE [V]
0
10
20
30
40
50
-50
-25
0
255075
100 125 150
AMBIENT TEMPERATURE [℃]
-40℃
25℃
125℃
15V
3V
5V
-40℃
25℃
125℃


Similar Part No. - BA2904FC

ManufacturerPart #DatasheetDescription
logo
Rohm
BA2904F ROHM-BA2904F	 Datasheet
610Kb / 25P
   Operational Amplifiers: Ground Sense
BA2904F ROHM-BA2904F Datasheet
316Kb / 6P
   GROUND SENSE DUAL OPERATIONAL AMPLIFIERS
BA2904F ROHM-BA2904F Datasheet
610Kb / 25P
   Operational Amplifiers: Ground Sense
BA2904F ROHM-BA2904F Datasheet
735Kb / 26P
   Ground Sense Operational Amplifiers
BA2904F ROHM-BA2904F Datasheet
554Kb / 26P
   Ground Sense Operational Amplifiers
More results

Similar Description - BA2904FC

ManufacturerPart #DatasheetDescription
logo
Rohm
BA2904YF-C ROHM-BA2904YF-C Datasheet
383Kb / 17P
   Automotive Operational Amplifiers: Ground Sense
BA2904YF-M ROHM-BA2904YF-M Datasheet
565Kb / 29P
   Automotive Ground Sense Operational Amplifiers
BA2902YF-M ROHM-BA2902YF-M Datasheet
565Kb / 29P
   Automotive Ground Sense Operational Amplifiers
BA10324AF-E2 ROHM-BA10324AF-E2 Datasheet
558Kb / 26P
   Ground Sense Operational Amplifiers
BA10358F-E2 ROHM-BA10358F-E2_13 Datasheet
644Kb / 48P
   Ground Sense Operational Amplifiers
BA10358F-E2 ROHM-BA10358F-E2_14 Datasheet
1Mb / 56P
   Ground Sense Operational Amplifiers
BA10358FV-E2 ROHM-BA10358FV-E2 Datasheet
558Kb / 26P
   Ground Sense Operational Amplifiers
BA2904F-E2 ROHM-BA2904F-E2 Datasheet
558Kb / 26P
   Ground Sense Operational Amplifiers
LM358F-E2 ROHM-LM358F-E2 Datasheet
1Mb / 48P
   Ground Sense Operational Amplifiers
01.Aug.2016 Rev.005
BA10358F-E2 ROHM-BA10358F-E2 Datasheet
554Kb / 26P
   Ground Sense Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com