Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DE11XE2102ZB5B Datasheet(PDF) 20 Page - Murata Manufacturing Co., Ltd.

Part # DE11XE2102ZB5B
Description  Safety Standard Certified Ceramic Capacitors/ High Voltage Ceramic Capacitors
Download  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

DE11XE2102ZB5B Datasheet(HTML) 20 Page - Murata Manufacturing Co., Ltd.

Back Button DE11XE2102ZB5B Datasheet HTML 16Page - Murata Manufacturing Co., Ltd. DE11XE2102ZB5B Datasheet HTML 17Page - Murata Manufacturing Co., Ltd. DE11XE2102ZB5B Datasheet HTML 18Page - Murata Manufacturing Co., Ltd. DE11XE2102ZB5B Datasheet HTML 19Page - Murata Manufacturing Co., Ltd. DE11XE2102ZB5B Datasheet HTML 20Page - Murata Manufacturing Co., Ltd. DE11XE2102ZB5B Datasheet HTML 21Page - Murata Manufacturing Co., Ltd. DE11XE2102ZB5B Datasheet HTML 22Page - Murata Manufacturing Co., Ltd. DE11XE2102ZB5B Datasheet HTML 23Page - Murata Manufacturing Co., Ltd. DE11XE2102ZB5B Datasheet HTML 24Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 83 page
background image
C85E.pdf
Jul.13,2011
DEJ Series (Which Meet Japanese Law) Specifications and Test Methods
Char.
Specifications
D.F.
V2.5%
D.F.
V5.0%
E
F
Char.
Capacitance Change
Within
+20
–55%
Within
+30
–80%
E
F
Step
Temperature (ºC)
20
±2
-25
±2
20
±2
85
±2
20
±2
1
2
3
4
5
Cd
Vs
0.001
µF
DC10kV
Continued on the following page.
The lead wire of a capacitor should be dipped into molten
solder for 2
±0.5 sec.
The depth of immersion is up to about 1.5 to 2.0mm from the
root of lead wires.
Temp. of solder: Lead Free Solder (Sn-3Ag-0.5Cu) 245
±5°C
H63 Eutectic Solder 235
±5°C
9
Solderability of Leads
Lead wire should be soldered with uniform coating
on the axial direction over 3/4 of the circumferential
direction.
As in Figure 1, discharge is made 50 times at 5 sec. intervals
from the capacitor (Cd) charged at DC voltage of specified.
Fig.1
Ct: Capacitor under test
R2: 100M
S: High-voltage switch
R3: Surge resistance
R1: 1000
8
Discharge
Test
Appearance
No marked defect
I.R.
1000M
Ω min.
Dielectric
Strength
Per Item 6
The capacitance measurement should be made at each step
specified in Table 1.
<Table 1>
7
Temperature Characteristics
The capacitor should not be damaged when AC1500V(r.m.s.)
are applied between the lead wires for 60 sec.
6
Dielectric
Strength
Between Lead
Wires
No failure
Body
Insulation
No failure
First, the terminals of the capacitor should be connected
together. Then, as shown in the figure at right,
the capacitor should be immersed
into 10% salt solution up to a position
of about 3 to 4mm apart from the
terminals.
Finally, AC1500V(r.m.s.) is applied
for 60 sec. between the capacitor lead
wires and electrode plate.
The insulation resistance should be measured with
DC500
±50V within 60±5 sec. of charging.
5
Insulation Resistance (I.R.)
10000M
Ω min.
The dissipation factor should be measured at 20˚C with
1
±0.1kHz and AC5V(r.m.s.) max.
4
Dissipation Factor
(D.F.)
The capacitance should be measured at 20˚C with 1
±0.1kHz
and AC5V(r.m.s.) max.
3
Capacitance
Within specified tolerance
The capacitor should be visually inspected.
2
Marking
To be easily legible
The capacitor should be visually inspected for evidence of
defect.
Dimensions should be measured with slide calipers.
1
Appearance and Dimensions
No visible defect, and dimensions are within
specified range.
No.
Test Method
Specifications
Item
Operating Temperature Range: -25 to +85
°C
Vs
R3
R1
R2
S
Cd
Ct
About
3 to 4mm
Electrode
Plate
10% Salt Solution
DEJ Series Specifications and Test Methods
18
5
!Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc.
• This catalog has only typical specifications because there is no space for detailed specifications. Therefore, please review our product specifications or consult the approval sheet for product specifications before ordering.


Similar Part No. - DE11XE2102ZB5B

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
DE11XE2102JA2A MURATA-DE11XE2102JA2A Datasheet
1Mb / 83P
   Safety Standard Certified Ceramic Capacitors
DE11XE2102JA3A MURATA-DE11XE2102JA3A Datasheet
1Mb / 83P
   Safety Standard Certified Ceramic Capacitors
DE11XE2102KA2A MURATA-DE11XE2102KA2A Datasheet
1Mb / 83P
   Safety Standard Certified Ceramic Capacitors
DE11XE2102MZA2A MURATA-DE11XE2102MZA2A Datasheet
1Mb / 83P
   Safety Standard Certified Ceramic Capacitors
More results

Similar Description - DE11XE2102ZB5B

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
DEBB33A102KA2B MURATA-DEBB33A102KA2B Datasheet
1Mb / 83P
   Safety Standard Certified Ceramic Capacitors/ High Voltage Ceramic Capacitors
DEHR33A222KA3B MURATA-DEHR33A222KA3B Datasheet
1Mb / 83P
   Safety Standard Certified Ceramic Capacitors/ High Voltage Ceramic Capacitors
DEHR33A102KN2A MURATA-DEHR33A102KN2A Datasheet
1Mb / 83P
   Safety Standard Certified Ceramic Capacitors/ High Voltage Ceramic Capacitors
DE2B3KY331KA2BM01 MURATA-DE2B3KY331KA2BM01 Datasheet
1Mb / 83P
   Safety Standard Certified Ceramic Capacitors/ High Voltage Ceramic Capacitors
DEBB33D471KA2B MURATA-DEBB33D471KA2B Datasheet
1Mb / 83P
   Safety Standard Certified Ceramic Capacitors/ High Voltage Ceramic Capacitors
DEA1X3D101JN2A MURATA-DEA1X3D101JN2A Datasheet
1Mb / 83P
   Safety Standard Certified Ceramic Capacitors/ High Voltage Ceramic Capacitors
DE1E3KX332MN5AA01 MURATA-DE1E3KX332MN5AA01 Datasheet
1Mb / 84P
   Safety Standard Certified Ceramic Capacitors/ High Voltage Ceramic Capacitors
DESD32H472KN7A MURATA-DESD32H472KN7A Datasheet
1Mb / 83P
   Safety Standard Certified Ceramic Capacitors/ High Voltage Ceramic Capacitors
DE2E3KY102MN2AM01 MURATA-DE2E3KY102MN2AM01 Datasheet
1Mb / 83P
   Safety Standard Certified Ceramic Capacitors/ High Voltage Ceramic Capacitors
DE2B3KY331KA3BM02 MURATA-DE2B3KY331KA3BM02 Datasheet
1Mb / 72P
   Safety Certified Ceramic Capacitors/ High Voltage Ceramic Capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com