Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ELC18E152L Datasheet(PDF) 2 Page - Panasonic Semiconductor

Part # ELC18E152L
Description  Choke Coils Pin terminal inductors featuring small size and high performance
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ELC18E152L Datasheet(HTML) 2 Page - Panasonic Semiconductor

  ELC18E152L Datasheet HTML 1Page - Panasonic Semiconductor ELC18E152L Datasheet HTML 2Page - Panasonic Semiconductor ELC18E152L Datasheet HTML 3Page - Panasonic Semiconductor ELC18E152L Datasheet HTML 4Page - Panasonic Semiconductor ELC18E152L Datasheet HTML 5Page - Panasonic Semiconductor ELC18E152L Datasheet HTML 6Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
Choke Coils
Performance Characteristics by Series
Type
Construction
Extermal
Dimensions
D
×H (mm)
Inductance
(μH)
0.1
1.0
10
100
1000
10000
Current
IDC (A)
09D
09.5×8.9
(with case)
0.08 to 3.5
11D
011.5×13.9
(with case)
0.16 to 5.3
12D
012.5×16.5
0.27 to 1.9
16B
016.0×23.0
0.26 to 8.5
18B
020.0×27.0
0.36 to 8.5
10E–L
010.0×13.0
0.10 to 2.9
12E–L
013.0×18.5
0.13 to 4.4
15E–L
016.0×22.0
(3 pin terminal)
0.30 to 5.4
18E–L
019.0×25.1
(4 pin terminal)
0.33 to 5.9
: Taping Available
2.2
10000
2.2
10000
100
10000
3.3
10000
3.9
8200
4.7
10000
5.6
10000
5.6
10000
3.3
10000
Oct. 2012
01
127


Similar Part No. - ELC18E152L

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ELC18E2R2DE PANASONIC-ELC18E2R2DE Datasheet
113Kb / 2P
   Pin terminal inductors featuring small size and high performance
ELC18E2R2DF PANASONIC-ELC18E2R2DF Datasheet
113Kb / 2P
   Pin terminal inductors featuring small size and high performance
ELC18E2R2OE PANASONIC-ELC18E2R2OE Datasheet
113Kb / 2P
   Pin terminal inductors featuring small size and high performance
ELC18E2R2OF PANASONIC-ELC18E2R2OF Datasheet
113Kb / 2P
   Pin terminal inductors featuring small size and high performance
More results

Similar Description - ELC18E152L

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ELC09D2R2 PANASONIC-ELC09D2R2 Datasheet
113Kb / 2P
   Pin terminal inductors featuring small size and high performance
logo
Frontier Electronics.
18401 FRONTIER-18401_15 Datasheet
135Kb / 2P
   RADIAL LEADS INDUCTORS (CHOKE COILS)
18403 FRONTIER-18403_15 Datasheet
125Kb / 2P
   RADIAL LEADS INDUCTORS (CHOKE COILS)
logo
Sumida Corporation
EER359 SUMIDA-EER359 Datasheet
437Kb / 1P
   Transformer
logo
TDK Electronics
B82451A2384D000 TDK-B82451A2384D000 Datasheet
522Kb / 6P
   SMT Inductors Transponder Coils, Size
logo
Murata Manufacturing Co...
DLM11GN601SD2 MURATA1-DLM11GN601SD2_V01 Datasheet
262Kb / 3P
   Small size chip common mode choke coil.
Last updated07/27/2022
logo
Panasonic Semiconductor
ELC11D2R2F PANASONIC-ELC11D2R2F Datasheet
321Kb / 4P
   Choke coils
ELL-6PG6R8N PANASONIC-ELL-6PG6R8N Datasheet
83Kb / 2P
   Choke Coils
logo
TDK Electronics
B82450A1084C000 TDK-B82450A1084C000 Datasheet
113Kb / 6P
   SMT inductors Transponder coils, size 1210
logo
Panasonic Semiconductor
ELC-09D101DF PANASONIC-ELC-09D101DF Datasheet
136Kb / 7P
   Choke Coils
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com