Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LMP90080MHNOPB Datasheet(PDF) 6 Page - Texas Instruments

Part # LMP90080MHNOPB
Description  Multi-Channel, Low-Power 16-Bit Sensor AFE with True Continuous Background Calibration
Download  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LMP90080MHNOPB Datasheet(HTML) 6 Page - Texas Instruments

Back Button LMP90080MHNOPB Datasheet HTML 2Page - Texas Instruments LMP90080MHNOPB Datasheet HTML 3Page - Texas Instruments LMP90080MHNOPB Datasheet HTML 4Page - Texas Instruments LMP90080MHNOPB Datasheet HTML 5Page - Texas Instruments LMP90080MHNOPB Datasheet HTML 6Page - Texas Instruments LMP90080MHNOPB Datasheet HTML 7Page - Texas Instruments LMP90080MHNOPB Datasheet HTML 8Page - Texas Instruments LMP90080MHNOPB Datasheet HTML 9Page - Texas Instruments LMP90080MHNOPB Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 64 page
background image
LMP90077, LMP90078, LMP90079, LMP90080
SNAS521F – JULY 2011 – REVISED MARCH 2013
www.ti.com
Electrical Characteristics
Unless otherwise noted, the key for the condition is (VA = VIO = VREF) / ODR (SPS) / buffer / calibration / gain . Boldface
limits apply for TMIN ≤ TA ≤ TMAX; the typical values apply for TA = +25°C.
Symbol
Parameter
Conditions
Min
Typ
Max
Units
n
Resolution
16
Bits
Effective Number
3V / all / ON / OFF / all. Shorted input.
See Table 1
Bits
ENOB /
of Bits and Noise
NFR
5V / all / ON / OFF / all. Shorted input.
See Table 3
Bits
Free Resolution
ODR
Output Data Rates
1.6675
See Table 1
214.6
SPS
Gain
FGA × PGA
1
See Table 3
128
3V / 214.65 / ON / ON / 1
-1
± 0.5
+1
LSB
Integral Non-
INL
Linearity
3V & 5V / 214.65 / ON / ON / 16
± 1
LSB
3V / all / ON / ON / all. Shorted input.
See Table 2
µV
Total Noise
5V / all / ON / OFF / all. Shorted input.
See Table 4
µV
Below Noise
3V & 5V / all / ON or OFF / ON / all
µV
Floor (rms)
3V / 214.65 / ON / ON / 1
1.22
9.52
µV
OE
Offset Error
3V / 214.65 / ON / ON / 128
0.00838
0.70
µV
5V / 214.65 / ON / ON / 1
1.79
8.25
µV
5V / 214.65 / ON / ON / 128
0.0112
0.63
µV
3V & 5V / 214.65 / ON or OFF/OFF/1-8
100
nV/°C
3V & 5V / 214.65 / ON / ON / 1-8
3
nV/°C
3V & 5V / 214.65 / ON / OFF / 16
25
nV/°C
Offset Drift Over
Temp(1)
3V & 5V / 214.65 / ON / ON / 16
0.4
nV/°C
3V & 5V / 214.65 / ON / OFF / 128
6
nV/°C
3V & 5V / 214.65 / ON / ON / 128
0.125
nV/°C
nV / 1000
5V / 214.65 / ON / OFF / 1, TA = 150°C
2360
hours
Offset Drift over
Time(1)
nV / 1000
5V / 214.65 / ON / ON / 1, TA = 150°C
100
hours
3V & 5V / 214.65 / ON / ON / 1
-80
7
80
ppm
3V & 5V / 13.42 / ON / ON / 16
50
ppm
GE
Gain Error
3V & 5V / 13.42 / ON / ON / 64
50
ppm
3V & 5V / 13.42 / ON / ON / 128
100
ppm
Gain Drift over
3V & 5V / 214.65 / ON / ON / all
0.5
ppm/°C
Temp(1)
ppm / 1000
5V / 214.65 / ON / OFF / 1, TA = 150°C
5.9
hours
Gain Drift over
Time(1)
ppm / 1000
5V / 214.65 / ON / ON / 1, TA = 150°C
1.6
hours
CONVERTER'S CHARACTERISTIC
DC, 3V / 214.65 / ON / ON / 1
70
117
dB
Input Common
CMRR
Mode Rejection
DC, 5V / 214.65 / OFF / OFF / 1
90
120
dB
Ratio
50/60 Hz, 5V / 214.65 / OFF / OFF / 1
117
dB
Reference
Common Mode
VREF = 2.5V
101
dB
Rejection
DC, 3V / 214.65 / ON / ON / 1
75
115
dB
Power Supply
PSRR
Rejection Ratio
DC, 5V / 214.65 / ON / ON / 1
112
dB
Normal Mode
47 Hz to 63 Hz, 5V / 13.42 / OFF / OFF
NMRR
78
dB
Rejection Ratio(1)
/ 1
(1)
This parameter is specified by design and/or characterization and is not tested in production.
6
Submit Documentation Feedback
Copyright © 2011–2013, Texas Instruments Incorporated
Product Folder Links: LMP90077 LMP90078 LMP90079 LMP90080


Similar Part No. - LMP90080MHNOPB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMP90080MH TI1-LMP90080MH Datasheet
1Mb / 70P
[Old version datasheet]   Sensor AFE System: Multi-Channel, Low-Power 16-Bit Sensor AFE
logo
National Semiconductor ...
LMP90080MH/NOPB NSC-LMP90080MH/NOPB Datasheet
1Mb / 62P
   Sensor AFE System: Multi-Channel, Low-Power 16-Bit
logo
Texas Instruments
LMP90080MHE TI1-LMP90080MHE Datasheet
1Mb / 70P
[Old version datasheet]   Sensor AFE System: Multi-Channel, Low-Power 16-Bit Sensor AFE
logo
National Semiconductor ...
LMP90080MHE/NOPB NSC-LMP90080MHE/NOPB Datasheet
1Mb / 62P
   Sensor AFE System: Multi-Channel, Low-Power 16-Bit
logo
Texas Instruments
LMP90080MHX TI1-LMP90080MHX Datasheet
1Mb / 70P
[Old version datasheet]   Sensor AFE System: Multi-Channel, Low-Power 16-Bit Sensor AFE
More results

Similar Description - LMP90080MHNOPB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMP90100 TI1-LMP90100 Datasheet
1Mb / 63P
[Old version datasheet]   Sensor AFE System: Multi-Channel, Low Power 24-Bit Sensor AFE with True Continuous Background Calibration
LMP90080-Q1 TI1-LMP90080-Q1 Datasheet
1Mb / 65P
[Old version datasheet]   Multi-Channel 16-Bit Sensor AFE with Background Calibration
LMP90100 TI1-LMP90100_13 Datasheet
1Mb / 69P
[Old version datasheet]   LMP90100/LMP90099/LMP90098/LMP90097 Sensor AFE System: Multi-Channel, Low Power 24-Bit Sensor AFE with True Continuous Background Calibration
LMP90077 TI1-LMP90077_16 Datasheet
1Mb / 70P
[Old version datasheet]   Sensor AFE System: Multi-Channel, Low-Power 16-Bit Sensor AFE
logo
National Semiconductor ...
LMP90080 NSC-LMP90080 Datasheet
1Mb / 62P
   Sensor AFE System: Multi-Channel, Low-Power 16-Bit
LMP90100 NSC-LMP90100 Datasheet
1Mb / 62P
   Sensor AFE System: Multi-Channel, Low Power 24-Bit
logo
Texas Instruments
LMP90100 TI1-LMP90100_16 Datasheet
1Mb / 74P
[Old version datasheet]   Sensor AFE System: Multichannel, Low-Power, 24-Bit Sensor AFE
logo
Allegro MicroSystems
A1468 ALLEGRO-A1468 Datasheet
693Kb / 15P
   Three-Wire True Zero-Speed Differential Peak-Detecting Sensor IC with Continuous Calibration
A1469 ALLEGRO-A1469 Datasheet
881Kb / 15P
   Three-Wire True Zero-Speed Differential Peak-Detecting Sensor IC with Continuous Calibration
A1642LK ALLEGRO-A1642LK Datasheet
326Kb / 13P
   Two-Wire True Zero-Speed Miniature Differential Peak-Detecting Sensor with Continuous Calibration
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com