Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LMP90079MH Datasheet(PDF) 5 Page - Texas Instruments

Part # LMP90079MH
Description  Multi-Channel, Low-Power 16-Bit Sensor AFE with True Continuous Background Calibration
Download  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LMP90079MH Datasheet(HTML) 5 Page - Texas Instruments

  LMP90079MH Datasheet HTML 1Page - Texas Instruments LMP90079MH Datasheet HTML 2Page - Texas Instruments LMP90079MH Datasheet HTML 3Page - Texas Instruments LMP90079MH Datasheet HTML 4Page - Texas Instruments LMP90079MH Datasheet HTML 5Page - Texas Instruments LMP90079MH Datasheet HTML 6Page - Texas Instruments LMP90079MH Datasheet HTML 7Page - Texas Instruments LMP90079MH Datasheet HTML 8Page - Texas Instruments LMP90079MH Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 64 page
background image
LMP90077, LMP90078, LMP90079, LMP90080
www.ti.com
SNAS521F – JULY 2011 – REVISED MARCH 2013
Absolute Maximum Ratings
(1) (2) (3) (4)
Analog Supply Voltage, VA
-0.3V to 6.0V
Digital I/O Supply Voltage, VIO
-0.3V to 6.0V
Reference Voltage, VREF
-0.3V to VA+0.3V
Voltage on Any Analog Input Pin to GND(5)
-0.3V to VA+0.3V
Voltage on Any Digital Input PIN to GND(5)
-0.3V to VIO+0.3V
Voltage on SDO(5)
-0.3V to VIO + 0.3V
Input Current at Any Pin(5)
5mA
Output Current Source or Sink by SDO
3mA
Total Package Input and Output Current
20mA
Human Body Model (HBM)
2500V
ESD Susceptibility
Machine Models (MM)
200V
Charged Device Model (CDM)
1250V
Junction Temperature (TJMAX)
+150°C
Storage Temperature Range
–65°C to +150°C
(1)
All voltages are measured with respect to GND, unless otherwise specified
(2)
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for
which the device is functional, but do not ensure specific performance limits. For ensured specifications and test conditions, see the
Electrical Characteristics. The ensured specifications apply only for the test conditions listed. Some performance characteristics may
degrade when the device is not operated under the listed test conditions.
(3)
For soldering specifications see product folder at http://www.ti.com and http://www.ti.com/lit/SNOA549
(4)
If Military/Aerospace specified devices are required, please contact the Texas Instruments Sales Office/ Distributors for availability and
specifications.
(5)
When the input voltage (VIN) exceeds the power supply (VIN < GND or VIN > VA), the current at that pin must be limited to 5mA and
VIN has to be within the Absolute Maximum Rating for that pin. The 20 mA package input current rating limits the number of pins that
can safely exceed the power supplies with current flow to four pins.
Operating Ratings
Analog Supply Voltage, VA
+2.85V to 5.5V
Digital I/O Supply Voltage, VIO
+2.7V to 5.5V
Full Scale Input Range, VIN
±VREF / PGA
Reference Voltage, VREF
+0.5V to VA
TMIN = –40°C
Temperature Range for Electrical Characteristics
TMAX = +125°C
Operating Temperature Range
–40°C
≤ TA ≤ +125°C
Junction to Ambient Thermal Resistance (
θJA)
(1)
41°C/W
(1)
The maximum power dissipation is a function of TJ(MAX) AND θJA. The maximum allowable power dissipation at any ambient
temperature is PD = (TJ(MAX) - TA) / θJA.
Copyright © 2011–2013, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: LMP90077 LMP90078 LMP90079 LMP90080


Similar Part No. - LMP90079MH

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMP90079MH TI1-LMP90079MH Datasheet
1Mb / 70P
[Old version datasheet]   Sensor AFE System: Multi-Channel, Low-Power 16-Bit Sensor AFE
logo
National Semiconductor ...
LMP90079MH/NOPB NSC-LMP90079MH/NOPB Datasheet
1Mb / 62P
   Sensor AFE System: Multi-Channel, Low-Power 16-Bit
logo
Texas Instruments
LMP90079MHE TI1-LMP90079MHE Datasheet
1Mb / 70P
[Old version datasheet]   Sensor AFE System: Multi-Channel, Low-Power 16-Bit Sensor AFE
logo
National Semiconductor ...
LMP90079MHE/NOPB NSC-LMP90079MHE/NOPB Datasheet
1Mb / 62P
   Sensor AFE System: Multi-Channel, Low-Power 16-Bit
logo
Texas Instruments
LMP90079MHX TI1-LMP90079MHX Datasheet
1Mb / 70P
[Old version datasheet]   Sensor AFE System: Multi-Channel, Low-Power 16-Bit Sensor AFE
More results

Similar Description - LMP90079MH

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMP90100 TI1-LMP90100 Datasheet
1Mb / 63P
[Old version datasheet]   Sensor AFE System: Multi-Channel, Low Power 24-Bit Sensor AFE with True Continuous Background Calibration
LMP90080-Q1 TI1-LMP90080-Q1 Datasheet
1Mb / 65P
[Old version datasheet]   Multi-Channel 16-Bit Sensor AFE with Background Calibration
LMP90100 TI1-LMP90100_13 Datasheet
1Mb / 69P
[Old version datasheet]   LMP90100/LMP90099/LMP90098/LMP90097 Sensor AFE System: Multi-Channel, Low Power 24-Bit Sensor AFE with True Continuous Background Calibration
LMP90077 TI1-LMP90077_16 Datasheet
1Mb / 70P
[Old version datasheet]   Sensor AFE System: Multi-Channel, Low-Power 16-Bit Sensor AFE
logo
National Semiconductor ...
LMP90080 NSC-LMP90080 Datasheet
1Mb / 62P
   Sensor AFE System: Multi-Channel, Low-Power 16-Bit
LMP90100 NSC-LMP90100 Datasheet
1Mb / 62P
   Sensor AFE System: Multi-Channel, Low Power 24-Bit
logo
Texas Instruments
LMP90100 TI1-LMP90100_16 Datasheet
1Mb / 74P
[Old version datasheet]   Sensor AFE System: Multichannel, Low-Power, 24-Bit Sensor AFE
logo
Allegro MicroSystems
A1468 ALLEGRO-A1468 Datasheet
693Kb / 15P
   Three-Wire True Zero-Speed Differential Peak-Detecting Sensor IC with Continuous Calibration
A1469 ALLEGRO-A1469 Datasheet
881Kb / 15P
   Three-Wire True Zero-Speed Differential Peak-Detecting Sensor IC with Continuous Calibration
A1642LK ALLEGRO-A1642LK Datasheet
326Kb / 13P
   Two-Wire True Zero-Speed Miniature Differential Peak-Detecting Sensor with Continuous Calibration
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com