Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LMP90078MHNOPB Datasheet(PDF) 4 Page - Texas Instruments

Part # LMP90078MHNOPB
Description  Multi-Channel, Low-Power 16-Bit Sensor AFE with True Continuous Background Calibration
Download  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LMP90078MHNOPB Datasheet(HTML) 4 Page - Texas Instruments

  LMP90078MHNOPB Datasheet HTML 1Page - Texas Instruments LMP90078MHNOPB Datasheet HTML 2Page - Texas Instruments LMP90078MHNOPB Datasheet HTML 3Page - Texas Instruments LMP90078MHNOPB Datasheet HTML 4Page - Texas Instruments LMP90078MHNOPB Datasheet HTML 5Page - Texas Instruments LMP90078MHNOPB Datasheet HTML 6Page - Texas Instruments LMP90078MHNOPB Datasheet HTML 7Page - Texas Instruments LMP90078MHNOPB Datasheet HTML 8Page - Texas Instruments LMP90078MHNOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 64 page
background image
LMP90077, LMP90078, LMP90079, LMP90080
SNAS521F – JULY 2011 – REVISED MARCH 2013
www.ti.com
PIN DESCRIPTIONS
Pin #
Pin Name
Type
Function
1
VA
Analog Supply
Analog power supply pin
2 - 4
VIN0 - VIN2
Analog Input
Analog input pins
5 - 7
VIN3 - VIN5
Analog Input
Analog input pins
(LMP90080, LMP90079)
5 - 7
VIN3 - VIN5
No Connect
No connect: must be left unconnected
(LMP90078, LMP90077)
8
VREFP1
Analog Input
Positive reference input
9
VREFN1
Analog Input
Negative reference input
10
VIN6 / VREFP2
Analog Input
Analog input pin or VREFP2 input
11
VIN7 / VREFN2
Analog Input
Analog input pin or VREFN2 input
12 - 13
IB2 & IB1
Analog output
Excitation current sources for external RTDs
(LMP90080, LMP90078)
12 - 13
IB2 & IB1
No Connect
No connect: must be left unconnected
(LMP90080, LMP90078)
14
XOUT
Analog output
External crystal oscillator connection
15
XIN / CLK
Analog input
External crystal oscillator connection or external clock input
16
GND
Ground
Power supply ground
17
CSB
Digital Input
Chip select bar
18
SCLK
Digital Input
Serial clock
19
SDI
Digital Input
Serial data input
20
SDO / DRDYB
Digital Output
Serial data output and data ready bar
21 - 26
D0 - D5
Digital IO
General purpose input/output (GPIO) pins
27
D6 / DRDYB
Digital IO
General purpose input/output pin or data ready bar
28
VIO
Digital Supply
Digtal input/output supply pin
Thermal Pad
Leave the thermal pad floating
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
4
Submit Documentation Feedback
Copyright © 2011–2013, Texas Instruments Incorporated
Product Folder Links: LMP90077 LMP90078 LMP90079 LMP90080


Similar Part No. - LMP90078MHNOPB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMP90078MH TI1-LMP90078MH Datasheet
1Mb / 70P
[Old version datasheet]   Sensor AFE System: Multi-Channel, Low-Power 16-Bit Sensor AFE
logo
National Semiconductor ...
LMP90078MH/NOPB NSC-LMP90078MH/NOPB Datasheet
1Mb / 62P
   Sensor AFE System: Multi-Channel, Low-Power 16-Bit
logo
Texas Instruments
LMP90078MHE TI1-LMP90078MHE Datasheet
1Mb / 70P
[Old version datasheet]   Sensor AFE System: Multi-Channel, Low-Power 16-Bit Sensor AFE
logo
National Semiconductor ...
LMP90078MHE/NOPB NSC-LMP90078MHE/NOPB Datasheet
1Mb / 62P
   Sensor AFE System: Multi-Channel, Low-Power 16-Bit
logo
Texas Instruments
LMP90078MHX TI1-LMP90078MHX Datasheet
1Mb / 70P
[Old version datasheet]   Sensor AFE System: Multi-Channel, Low-Power 16-Bit Sensor AFE
More results

Similar Description - LMP90078MHNOPB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMP90100 TI1-LMP90100 Datasheet
1Mb / 63P
[Old version datasheet]   Sensor AFE System: Multi-Channel, Low Power 24-Bit Sensor AFE with True Continuous Background Calibration
LMP90080-Q1 TI1-LMP90080-Q1 Datasheet
1Mb / 65P
[Old version datasheet]   Multi-Channel 16-Bit Sensor AFE with Background Calibration
LMP90100 TI1-LMP90100_13 Datasheet
1Mb / 69P
[Old version datasheet]   LMP90100/LMP90099/LMP90098/LMP90097 Sensor AFE System: Multi-Channel, Low Power 24-Bit Sensor AFE with True Continuous Background Calibration
LMP90077 TI1-LMP90077_16 Datasheet
1Mb / 70P
[Old version datasheet]   Sensor AFE System: Multi-Channel, Low-Power 16-Bit Sensor AFE
logo
National Semiconductor ...
LMP90080 NSC-LMP90080 Datasheet
1Mb / 62P
   Sensor AFE System: Multi-Channel, Low-Power 16-Bit
LMP90100 NSC-LMP90100 Datasheet
1Mb / 62P
   Sensor AFE System: Multi-Channel, Low Power 24-Bit
logo
Texas Instruments
LMP90100 TI1-LMP90100_16 Datasheet
1Mb / 74P
[Old version datasheet]   Sensor AFE System: Multichannel, Low-Power, 24-Bit Sensor AFE
logo
Allegro MicroSystems
A1468 ALLEGRO-A1468 Datasheet
693Kb / 15P
   Three-Wire True Zero-Speed Differential Peak-Detecting Sensor IC with Continuous Calibration
A1469 ALLEGRO-A1469 Datasheet
881Kb / 15P
   Three-Wire True Zero-Speed Differential Peak-Detecting Sensor IC with Continuous Calibration
A1642LK ALLEGRO-A1642LK Datasheet
326Kb / 13P
   Two-Wire True Zero-Speed Miniature Differential Peak-Detecting Sensor with Continuous Calibration
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com