Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HI-1581 Datasheet(PDF) 8 Page - Holt Integrated Circuits

Part # HI-1581
Description  MIL-STD-1553 / 1760 3.3V Monolithic Dual Transceivers
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTIC [Holt Integrated Circuits]
Direct Link  http://www.holtic.com
Logo HOLTIC - Holt Integrated Circuits

HI-1581 Datasheet(HTML) 8 Page - Holt Integrated Circuits

Back Button HI-1581 Datasheet HTML 2Page - Holt Integrated Circuits HI-1581 Datasheet HTML 3Page - Holt Integrated Circuits HI-1581 Datasheet HTML 4Page - Holt Integrated Circuits HI-1581 Datasheet HTML 5Page - Holt Integrated Circuits HI-1581 Datasheet HTML 6Page - Holt Integrated Circuits HI-1581 Datasheet HTML 7Page - Holt Integrated Circuits HI-1581 Datasheet HTML 8Page - Holt Integrated Circuits HI-1581 Datasheet HTML 9Page - Holt Integrated Circuits HI-1581 Datasheet HTML 10Page - Holt Integrated Circuits  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
REVISION HISTORY
Document Rev.
Date
Description of Change
DS1579
F
07/24/09
Correct typographical errors in package dimensions. Clarified available temperature
ranges.
G
10/5/09
Clarified status of RXA/B and
/
pins in bus idle state when RXENA or RXENB are
high (logic “1”).
Clarified nomenclature of chip-scale package as QFN. Added ’M’ flow option for QFN
package (’PCM’ package option).
Updated datasheet to include HI-1581 variant.
H
01/26/10
Corrected dynamic current and power dissipation values.
I
02/01/10
Revised Thermal Characteristic table to correspond to correct dynamic currents and
power dissipation values.
J
08/18/10
Revised DC Electrical Characteristics table to correspond to actual measured values.
Revised Bus Connection and Test Circuit Diagrams. Revised SOIC package standoff
dimension.
K
05/23/13
Revised text in functional description to improve clarity. Added more detail to AC timing
parameter table. Removed reference to non-preferred transformers Updated package
drawings..
RXA B
HI-1579, HI-1581
HOLT INTEGRATED CIRCUITS
8


Similar Part No. - HI-1581

ManufacturerPart #DatasheetDescription
logo
Holt Integrated Circuit...
HI-1581CDI HOLTIC-HI-1581CDI Datasheet
87Kb / 10P
   3.3V Monolithic Dual Transceivers
HI-1581CDM HOLTIC-HI-1581CDM Datasheet
87Kb / 10P
   3.3V Monolithic Dual Transceivers
HI-1581CDT HOLTIC-HI-1581CDT Datasheet
87Kb / 10P
   3.3V Monolithic Dual Transceivers
HI-1581PCI HOLTIC-HI-1581PCI Datasheet
87Kb / 10P
   3.3V Monolithic Dual Transceivers
HI-1581PCIF HOLTIC-HI-1581PCIF Datasheet
87Kb / 10P
   3.3V Monolithic Dual Transceivers
More results

Similar Description - HI-1581

ManufacturerPart #DatasheetDescription
logo
Holt Integrated Circuit...
HI-1567 HOLTIC-HI-1567_13 Datasheet
83Kb / 10P
   MIL-STD-1553 / 1760 5V Monolithic Dual Transceivers
HI-1565 HOLTIC-HI-1565_13 Datasheet
88Kb / 10P
   MIL-STD-1553 / 1760 5V Monolithic Dual Transceivers
HI-6110 HOLTIC-HI-6110_10 Datasheet
204Kb / 38P
   MIL-STD-1553 / MIL-STD-1760 MIL-STD-1553 / MIL-STD-1760
HI-1573 HOLTIC-HI-1573_13 Datasheet
85Kb / 11P
   MIL-STD-1553 3.3V Monolithic Dual Transceivers
HI-2579 HOLTIC-HI-2579 Datasheet
636Kb / 11P
   3.3V MIL-STD-1553/1760 Dual Transceiver
logo
Aeroflex Circuit Techno...
ACT4436 AEROFLEX-ACT4436 Datasheet
94Kb / 7P
   ACT 4436 DUAL TRANSCEIVER FOR MIL-STD-1553/1760
ACT4423 AEROFLEX-ACT4423 Datasheet
94Kb / 7P
   ACT4423 DUAL TRANSCEIVER FOR MIL-STD-1553/1760
logo
Holt Integrated Circuit...
HI-2579 HOLTIC-HI-2579_16 Datasheet
900Kb / 12P
   3.3V MIL-STD-1553/1760 Dual Transceiver with Low Profile Integrated Transformers
logo
Aeroflex Circuit Techno...
ACT4487 AEROFLEX-ACT4487 Datasheet
99Kb / 7P
   ACT 4487 DUAL TRANSCEIVER FOR MIL-STD-1553/1760
ACT4453 AEROFLEX-ACT4453 Datasheet
122Kb / 8P
   ACT 4453 / 4463 SINGLE SUPPLY TRANSCEIVERS FOR MIL-STD-1553/1760
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com