Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HI-1568 Datasheet(PDF) 6 Page - Holt Integrated Circuits

Part # HI-1568
Description  MIL-STD-1553 / 1760 5V Monolithic Dual Transceivers
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTIC [Holt Integrated Circuits]
Direct Link  http://www.holtic.com
Logo HOLTIC - Holt Integrated Circuits

HI-1568 Datasheet(HTML) 6 Page - Holt Integrated Circuits

Back Button HI-1568 Datasheet HTML 2Page - Holt Integrated Circuits HI-1568 Datasheet HTML 3Page - Holt Integrated Circuits HI-1568 Datasheet HTML 4Page - Holt Integrated Circuits HI-1568 Datasheet HTML 5Page - Holt Integrated Circuits HI-1568 Datasheet HTML 6Page - Holt Integrated Circuits HI-1568 Datasheet HTML 7Page - Holt Integrated Circuits HI-1568 Datasheet HTML 8Page - Holt Integrated Circuits HI-1568 Datasheet HTML 9Page - Holt Integrated Circuits HI-1568 Datasheet HTML 10Page - Holt Integrated Circuits  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
TA=25°C
TA=85°C TA=125°C
HI-1567CDI / T / M
HI-1568CDI / T / M
HI-1567PCI / T
HI-1568PCI / T
Data taken at VDD=5.0V, continuous transmission at 1Mbit/s, single transmitter enabled.
157°C
117°C
57°C
PART NUMBER
PACKAGE STYLE
CONDITION
ØJA
54°C/W
62°C
122°C
JUNCTION TEMPERATURE
162°C
HI-1567PSI / T / M
HI-1568PSI / T / M
Heat sink
unsoldered
Heat sink
soldered
129°C
169°C
47°C/W
44-pin Plastic chip-
scale package
Heat sink
unsoldered
49°C/W
59°C
119°C
159°C
20-pin Thermally
enhanced plastic
SOIC (ESOIC)
20-pin Ceramic
side-brazed DIP
Socketed
62°C/W
69°C
HI-1567, HI-1568
THERMAL CHARACTERISTICS
Both the HI-1567PSI/T/M and HI-1568PSI/T/M use a
20-
pin thermally enhanced SOIC package. The HI-1567PCI/T
and HI-1568PCI/T use a plastic chip-scale package. These
packages include a metal heat sink located on the bottom
surface of the device. This heat sink should be soldered
down to the printed circuit board for optimum thermal
dissipation. The heat sink is electrically isolated and may
be soldered to any convenient power or ground plane.
Holt Applications Note AN-500 provides circuit design notes
regarding the use of Holt's family of MIL-STD-1553
transceivers. Layout considerations, as well as
recommended interface and protection components are
included.
APPLICATIONS NOTE
HEAT SINK - ESOIC & CHIP-SCALE
PACKAGE
Isolation
Transformer
BUS A/B
BUS A/B
GND
RXA/B
TXA/B
TXA/B
RXA/B
VDD
Each Bus
MIL-STD-1553
Transceiver
70W
Point
“AT”
1:1.79
HI-1567 / HI-1568
Figure 4. Transformer Coupled Test Circuit
Isolation
Transformer
BUS A/B
BUS A/B
GND
RXA/B
TXA/B
TXA/B
RXA/B
VDD
Each Bus
MIL-STD-1553
Transceiver
55
W
35
W
55
W
Point
“AD”
1:2.5
HI-1567 / HI-1568
Figure 3. Direct Coupled Test Circuit
HOLT INTEGRATED CIRCUITS
6


Similar Part No. - HI-1568

ManufacturerPart #DatasheetDescription
logo
Holt Integrated Circuit...
HI-1568 HOLTIC-HI-1568 Datasheet
216Kb / 7P
   5V MONOLITHIC DUAL TRANSCEIVERS
HI-1568 HOLTIC-HI-1568 Datasheet
157Kb / 9P
   5V Monolithic Dual Transceivers
HI-1568CDI HOLTIC-HI-1568CDI Datasheet
216Kb / 7P
   5V MONOLITHIC DUAL TRANSCEIVERS
HI-1568CDI HOLTIC-HI-1568CDI Datasheet
106Kb / 9P
   5V MONOLITHIC DUAL TRANSCEIVERS
HI-1568CDI HOLTIC-HI-1568CDI Datasheet
157Kb / 9P
   5V Monolithic Dual Transceivers
More results

Similar Description - HI-1568

ManufacturerPart #DatasheetDescription
logo
Holt Integrated Circuit...
HI-1565 HOLTIC-HI-1565_13 Datasheet
88Kb / 10P
   MIL-STD-1553 / 1760 5V Monolithic Dual Transceivers
HI-1579 HOLTIC-HI-1579_13 Datasheet
83Kb / 10P
   MIL-STD-1553 / 1760 3.3V Monolithic Dual Transceivers
HI-6110 HOLTIC-HI-6110_10 Datasheet
204Kb / 38P
   MIL-STD-1553 / MIL-STD-1760 MIL-STD-1553 / MIL-STD-1760
HI-1573 HOLTIC-HI-1573_13 Datasheet
85Kb / 11P
   MIL-STD-1553 3.3V Monolithic Dual Transceivers
HI-2579 HOLTIC-HI-2579 Datasheet
636Kb / 11P
   3.3V MIL-STD-1553/1760 Dual Transceiver
logo
Aeroflex Circuit Techno...
ACT4436 AEROFLEX-ACT4436 Datasheet
94Kb / 7P
   ACT 4436 DUAL TRANSCEIVER FOR MIL-STD-1553/1760
ACT4423 AEROFLEX-ACT4423 Datasheet
94Kb / 7P
   ACT4423 DUAL TRANSCEIVER FOR MIL-STD-1553/1760
ACT4487 AEROFLEX-ACT4487 Datasheet
99Kb / 7P
   ACT 4487 DUAL TRANSCEIVER FOR MIL-STD-1553/1760
ACT4453 AEROFLEX-ACT4453 Datasheet
122Kb / 8P
   ACT 4453 / 4463 SINGLE SUPPLY TRANSCEIVERS FOR MIL-STD-1553/1760
ACT4489111111 AEROFLEX-ACT4489111111 Datasheet
99Kb / 7P
   ACT 4489 DUAL TRANSCEIVER FOR MIL-STD-1553/1760
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com