Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ALD210800 Datasheet(PDF) 1 Page - Advanced Linear Devices

Part # ALD210800
Description  PRECISION N-CHANNEL EPAD MOSFET ARRAY QUAD HIGH DRIVE ZERO THRESHOLD MATCHED PAIR
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALD [Advanced Linear Devices]
Direct Link  http://www.aldinc.com
Logo ALD - Advanced Linear Devices

ALD210800 Datasheet(HTML) 1 Page - Advanced Linear Devices

  ALD210800 Datasheet HTML 1Page - Advanced Linear Devices ALD210800 Datasheet HTML 2Page - Advanced Linear Devices ALD210800 Datasheet HTML 3Page - Advanced Linear Devices ALD210800 Datasheet HTML 4Page - Advanced Linear Devices ALD210800 Datasheet HTML 5Page - Advanced Linear Devices ALD210800 Datasheet HTML 6Page - Advanced Linear Devices ALD210800 Datasheet HTML 7Page - Advanced Linear Devices ALD210800 Datasheet HTML 8Page - Advanced Linear Devices ALD210800 Datasheet HTML 9Page - Advanced Linear Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
©2013 Advanced Linear Devices, Inc., Vers. 1.0
www.aldinc.com
1 of 12
e
EPAD
TM
®
N A
B L
E D
E
ADVANCED
LINEAR
DEVICES, INC.
GENERAL DESCRIPTION
ALD210800A/ALD210800 precision N-Channel EPAD
® MOSFET array is preci-
sion matched at the factory using ALD’s proven EPAD
® CMOS technology. These
quad monolithic devices are enhanced additions to the ALD110800A/ALD110800
EPAD
® MOSFET Family, with increased forward transconductance and output
conductance, particularly at very low supply voltages.
Intended for low voltage, low power small signal applications, the ALD210800A/
ALD210800 features Zero-Threshold™ voltage, which enables circuit designs
with input/output signals referenced to GND at enhanced operating voltage
ranges. With these devices, a circuit with multiple cascading stages can be
built to operate at extremely low supply/bias voltage levels. For example, a
nanopower input amplifier stage operating at <0.2V supply voltage has been
successfully built with these devices.
ALD210800A/ALD210800 EPAD MOSFETs feature exceptional matched pair
device electrical characteristics of Gate Threshold Voltage VGS(th) set precisely
at +0.00V +0.01V, IDS = +10µA @ VDS = 0.1V, with a typical offset voltage of
only +/- 0.001V (1mV). Built on a single monolithic chip, they also exhibit excel-
lent temperature tracking characteristics. These precision devices are versatile
as design components for a broad range of analog small signal applications
such as basic building blocks for current mirrors, matching circuits, current
sources, differential amplifier input stages, transmission gates, and multiplex-
ers. They also excel in limited operating voltage applications, such as very low
level voltage-clamps and nano-power normally-on circuits.
In addition to precision matched-pair electrical characteristics, each individual
EPAD MOSFET also exhibits well controlled manufacturing characteristics, en-
abling the user to depend on tight design limits from different production batches.
These devices are built for minimum offset voltage and differential thermal re-
sponse, and they can be used for switching and amplifying applications in +0.1V
to +10V (+/- 0.05V to +/-5V) powered systems where low input bias current, low
input capacitance, and fast switching speed are desired. At VGS > 0.00V, the
device exhibits enhancement mode characteristics whereas at VGS <0.00V the
device operates in the subthreshold voltage region and exhibits conventional
depletion mode characteristics, with well controlled turn-off and sub-threshold
levels that operate the same as standard enhancement mode MOSFETs.
ALD210800A/ALD210800 features high input impedance (2.5 x 1010Ω) and high
DC current gain (>108). A sample calculation of the DC current gain at a drain
output current of 30mA and input current of 300pA at 25°C is 30mA/300pA =
100,000,000, which translates into a dynamic operating current range of about
eight orders of magnitude. A series of four graphs titled “Forward Transfer Char-
acteristic”, with sub-titles of second “expanded (subthreshold)”, third “further
expanded (subthreshold)” and fourth “Low Voltage” illustrates the unique wide
dynamic operating range of these devices.
Generally it is recommended that the V+ pin be connected to the most positive
voltage and the V- and IC (internally-connected) pins to the most negative volt-
age in the system. All other pins must have voltages within these voltage limits
at all times. Standard ESD protection facilities and handling procedures for static
sensitive devices are highly recommended when using these devices.
PRECISION N-CHANNEL EPAD® MOSFET ARRAY
QUAD HIGH DRIVE ZERO THRESHOLD™ MATCHED PAIR
FEATURES & BENEFITS
• Zero Threshold™ VGS(th) = 0.00 V +/-0.01V
• VOS (VGS(th) match) to 2mV / 10mV max.
• Sub-threshold voltage (nano-power) operation
• < 100 mV Min. operating voltage
• < 1 nA Min. operating current
• < 1 nW Min. operating power
• > 100,000,000:1 operating current ranges
• High transconductance and output conductance
• Low RDS(ON) of 25Ω
• Output current > 50 mA
• Matched and tracked tempco
• Tight lot-to-lot parametric control
• Positive, zero, and negative VGS(th) tempco
• Low input capacitance and leakage currents
APPLICATIONS
• Low overhead current mirrors and current sources
• Zero Power Normally-On circuits
• Energy harvesting detectors
• Very low voltage analog and digital circuits
• Zero power fail-safe circuits
• Backup battery circuits & power failure detector
• Extremely low level voltage-clamps
• Extremely low level zero-crossing detectors
• Matched source followers and buffers
• Precision current mirrors and current sources
• Matched capacitive probes and sensor interfaces
• Charge detectors and charge integrators
• High gain differential amplifier input stage
• Matched peak-detectors and level-shifters
• Multiple Channel Sample-and-Hold switches
• Precision Current multipliers
• Discrete matched analog switches / multiplexers
• Nanopower discrete voltage comparators
ALD210800/ALD210800A
*IC pins are internally connected, connect to V-
SCL, PCL PACKAGES
PIN CONFIGURATION
VGS(th)= +0.00V
ALD210800
ORDERING INFORMATION (“L” suffix denotes lead-free (RoHS))
* Contact factory for industrial temp. range or user-specified threshold voltage values.
Operating Temperature Range*
0°C to +70°C
16-Pin SOIC
16-Pin Plastic Dip
Package
Package
ALD210800ASCL
ALD210800APCL
ALD210800SCL
ALD210800PCL
IC*
1
2
3
14
15
16
4
13
5
12
SN3
6
7
8
10
11
DN1
GN1
IC*
DN4
SN4
GN4
9
GN3
DN3
GN2
DN2
V+
SN1
V-
V+
V-
SN2
M 4
V-
M 1
V-
M 2
M 3
V-
V-


Similar Part No. - ALD210800

ManufacturerPart #DatasheetDescription
logo
Advanced Linear Devices
ALD210800 ALD-ALD210800 Datasheet
522Kb / 12P
   PRECISION N-CHANNEL EPAD
ALD210800 ALD-ALD210800 Datasheet
519Kb / 12P
   PRECISION N-CHANNEL EPAD짰 MOSFET ARRAY QUAD HIGH DRIVE ZERO THRESHOLD??MATCHED PAIR
2019
ALD210800A ALD-ALD210800A Datasheet
519Kb / 12P
   PRECISION N-CHANNEL EPAD짰 MOSFET ARRAY QUAD HIGH DRIVE ZERO THRESHOLD??MATCHED PAIR
2019
ALD210800APCL ALD-ALD210800APCL Datasheet
522Kb / 12P
   PRECISION N-CHANNEL EPAD
ALD210800APCL ALD-ALD210800APCL Datasheet
519Kb / 12P
   PRECISION N-CHANNEL EPAD짰 MOSFET ARRAY QUAD HIGH DRIVE ZERO THRESHOLD??MATCHED PAIR
2019
More results

Similar Description - ALD210800

ManufacturerPart #DatasheetDescription
logo
Advanced Linear Devices
ALD310700 ALD-ALD310700 Datasheet
512Kb / 9P
   PRECISION P-CHANNEL EPAD MOSFET ARRAY QUAD ZERO THRESHOLD MATCHED PAIR
ALD210808 ALD-ALD210808 Datasheet
113Kb / 12P
   PRECISION N-CHANNEL EPAD MOSFET ARRAY QUAD HIGH DRIVE MATCHED PAIR
ALD210800 ALD-ALD210800_V01 Datasheet
519Kb / 12P
   PRECISION N-CHANNEL EPAD짰 MOSFET ARRAY QUAD HIGH DRIVE ZERO THRESHOLD??MATCHED PAIR
2019
ALD110800 ALD-ALD110800 Datasheet
38Kb / 2P
   QUAD/DUAL N-CHANNEL ZERO THRESHOLD EPAD MATCHED PAIR MOSET ARRAY
ALD210802 ALD-ALD210802 Datasheet
107Kb / 12P
   PRECISION N-CHANNEL EPAD MOSFET ARRAY QUAD HIGH DRIVE NANOPOWER MATCHED PAIR
ALD210804 ALD-ALD210804 Datasheet
107Kb / 12P
   PRECISION N-CHANNEL EPAD MOSFET ARRAY QUAD HIGH DRIVE NANOPOWER MATCHED PAIR
ALD212900A ALD-ALD212900A Datasheet
517Kb / 12P
   PRECISION N-CHANNEL EPAD짰 MOSFET ARRAY DUAL HIGH DRIVE ZERO THRESHOLD??MATCHED PAIR
2019
ALD110800A ALD-ALD110800A_V01 Datasheet
127Kb / 12P
   QUAD/DUAL N-CHANNEL ZERO THRESHOLD??EPAD짰 PRECISION MATCHED PAIR MOSFET ARRAY
2019
ALD110800 ALD-ALD110800_12 Datasheet
109Kb / 11P
   QUAD/DUAL N-CHANNEL ZERO THRESHOLD??EPAD짰 PRECISION MATCHED PAIR MOSFET ARRAY
ALD1123E ALD-ALD1123E Datasheet
55Kb / 8P
   QUAD/DUAL EPAD PRECISION MATCHED PAIR N-CHANNEL MOSFET ARRAY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com