Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SCC1300-D04 Datasheet(PDF) 11 Page - Murata Manufacturing Co., Ltd.

Part # SCC1300-D04
Description  Combined Gyroscope and 3-axis Accelerometer with digital SPI interfaces
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

SCC1300-D04 Datasheet(HTML) 11 Page - Murata Manufacturing Co., Ltd.

Back Button SCC1300-D04 Datasheet HTML 7Page - Murata Manufacturing Co., Ltd. SCC1300-D04 Datasheet HTML 8Page - Murata Manufacturing Co., Ltd. SCC1300-D04 Datasheet HTML 9Page - Murata Manufacturing Co., Ltd. SCC1300-D04 Datasheet HTML 10Page - Murata Manufacturing Co., Ltd. SCC1300-D04 Datasheet HTML 11Page - Murata Manufacturing Co., Ltd. SCC1300-D04 Datasheet HTML 12Page - Murata Manufacturing Co., Ltd. SCC1300-D04 Datasheet HTML 13Page - Murata Manufacturing Co., Ltd. SCC1300-D04 Datasheet HTML 14Page - Murata Manufacturing Co., Ltd. SCC1300-D04 Datasheet HTML 15Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 34 page
background image
SCC1300-D04
Murata Electronics Oy
Subject to changes
11/34
www.muratamems.fi
Doc.Nr. 82113100
Rev. D
2.8
Package Characteristics
2.8.1
Package Outline Drawing
The package outline and dimensions of the SCC1300 are presented in Figure 6 and Table 8.
Figure 6. Package outline and dimensions of the SCC1300. All tolerances are according to
ISO2768-f (see table below) unless otherwise specified.
Limits for linear measures (ISO2768-f)
Tolerance class
Limits in mm for nominal size in mm
0.5 to 3
Above 3 to 6
Above 6 to 30
Above 30 to 120
f (fine)
±0.05
±0.05
±0.1
±0.15
Table 8. Package dimensions of the SCC1300
Component
Parameter
Min
Typ
Max
Unit
Length
Without leads
19.71
mm
Width
Without leads
8.5
mm
Width
With leads
12.1
mm
Height
With leads
(including stand-off and EMC lead)
4.60
mm
Lead pitch
1.0
mm


Similar Part No. - SCC1300-D04

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
SCC1300-D04 MURATA1-SCC1300-D04 Datasheet
159Kb / 2P
   Gyro Sensors
02/15/2024
SCC1300-D04 MURATA1-SCC1300-D04_V01 Datasheet
159Kb / 2P
   Gyro Sensors
02/15/2024
More results

Similar Description - SCC1300-D04

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
SCC1300-D02 MURATA-SCC1300-D02 Datasheet
802Kb / 34P
   Combined Gyroscope and 3-axis Accelerometer with digital SPI interfaces
logo
Analog Devices
ADXC1501 AD-ADXC1501 Datasheet
92Kb / 2P
   Combined Gyroscope and 3-Axis Accelerometer
ADXC1500 AD-ADXC1500 Datasheet
85Kb / 2P
   Combined Gyroscope and Dual-Axis Accelerometer
logo
Murata Manufacturing Co...
SCHA600 MURATA1-SCHA600 Datasheet
183Kb / 1P
   6-DOF XYZ-Axis Gyroscope and XYZ-Axis Accelerometer with Digital SPI Interface
logo
VTI technologies
SCA3100-D01 VTI-SCA3100-D01 Datasheet
106Kb / 3P
   3-AXIS ACCELEROMETER WITH DIGITAL SPI INTERFACE
SCA3100-D07 VTI-SCA3100-D07 Datasheet
129Kb / 4P
   3-AXIS HIGH PERFORMANCE ACCELEROMETER WITH DIGITAL SPI INTERFACE
SCA3000-D01 VTI-SCA3000-D01 Datasheet
209Kb / 4P
   3-AXIS LOW POWER ACCELEROMETER WITH DIGITAL SPI INTERFACE
SCA3100-D04 VTI-SCA3100-D04 Datasheet
148Kb / 6P
   3-AXIS HIGH PERFORMANCE ACCELEROMETER WITH DIGITAL SPI INTERFACE
logo
Analog Devices
ADIS16350 AD-ADIS16350 Datasheet
171Kb / 10P
   Tri Axis Gyroscope & Accelerometer
Rev. PrA 11/10/2006
logo
VTI technologies
SCA2100-D01 VTI-SCA2100-D01 Datasheet
106Kb / 3P
   2-AXIS ACCELEROMETER WITH DIGITAL SPI INTERFACE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com