Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

0603YF104MAZ2A Datasheet(PDF) 4 Page - AVX Corporation

Part # 0603YF104MAZ2A
Description  MLCC with FLEXITERM General Specifications
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

0603YF104MAZ2A Datasheet(HTML) 4 Page - AVX Corporation

  0603YF104MAZ2A Datasheet HTML 1Page - AVX Corporation 0603YF104MAZ2A Datasheet HTML 2Page - AVX Corporation 0603YF104MAZ2A Datasheet HTML 3Page - AVX Corporation 0603YF104MAZ2A Datasheet HTML 4Page - AVX Corporation 0603YF104MAZ2A Datasheet HTML 5Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
49
MLCC with FLEXITERM®
X8R Dielectric Capacitance Range
Letter
AC
EG
J
K
M
N
P
Q
XY
Z
Max.
0.33
0.56
0.71
0.90
0.94
1.02
1.27
1.40
1.52
1.78
2.29
2.54
2.79
Thickness
(0.013)
(0.022)
(0.028)
(0.035)
(0.037)
(0.040)
(0.050)
(0.055)
(0.060)
(0.070)
(0.090)
(0.100)
(0.110)
PAPER
EMBOSSED
SIZE
0603
0805
1206
WVDC
25V
50V
25V
50V
25V
50V
271
Cap
270
G
G
331
(pF)
330
G
G
J
J
471
470
G
G
J
J
681
680
G
G
J
J
102
1000
G
G
J
J
J
J
152
1500
G
G
J
J
J
J
182
1800
G
G
J
J
J
J
222
2200
G
G
J
J
J
J
272
2700
G
G
J
J
J
J
332
3300
G
G
J
J
J
J
392
3900
G
G
J
J
J
J
472
4700
G
G
J
J
J
J
562
5600
G
G
J
J
J
J
682
6800
G
G
J
J
J
J
822
8200
G
G
J
J
J
J
103
Cap
0.01
G
G
J
J
J
J
123
(μF)
0.012
G
G
J
J
J
J
153
0.015
G
G
J
J
J
J
183
0.018
G
G
J
J
J
J
223
0.022
G
G
J
J
J
J
273
0.027
G
G
J
J
J
J
333
0.033
G
G
J
J
J
J
393
0.039
G
G
J
J
J
J
473
0.047
G
G
J
J
J
J
563
0.056
G
N
N
M
M
683
0.068
G
N
N
M
M
823
0.082
N
N
M
M
104
0.1
N
N
M
M
124
0.12
N
N
M
M
154
0.15
N
N
M
M
184
0.18
N
M
M
224
0.22
N
M
M
274
0.27
MM
334
0.33
MM
394
0.39
M
474
0.47
M
684
0.68
824
0.82
105
1
WVDC
25V
50V
25V
50V
25V
50V
SIZE
0603
0805
1206
= AEC-Q200 Qualified


Similar Part No. - 0603YF104MAZ2A

ManufacturerPart #DatasheetDescription
logo
Kyocera Kinseki Corpota...
0603YF104MAZ2A KSS-0603YF104MAZ2A Datasheet
808Kb / 5P
   MLCC with FLEXITERM®
091120
More results

Similar Description - 0603YF104MAZ2A

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
12105C475KAZ2A AVX-12105C475KAZ2A Datasheet
225Kb / 6P
   MLCC with FLEXITERM General Specifications
18121C225KAZ2A AVX-18121C225KAZ2A Datasheet
199Kb / 5P
   MLCC with FLEXITERM General Specifications
12101C225K4Z2A AVX-12101C225K4Z2A Datasheet
199Kb / 5P
   MLCC with FLEXITERM General Specifications
080552C104KAZA AVX-080552C104KAZA Datasheet
199Kb / 5P
   MLCC with FLEXITERM
06035C104JAZ2A AVX-06035C104JAZ2A Datasheet
199Kb / 5P
   MLCC with FLEXITERM
06031C102K4Z2A AVX-06031C102K4Z2A Datasheet
199Kb / 5P
   MLCC with FLEXITERM
12065C334KAZ2A AVX-12065C334KAZ2A Datasheet
225Kb / 6P
   MLCC with FLEXITERM
logo
Kyocera Kinseki Corpota...
08055C104KAZ2A KSS-08055C104KAZ2A Datasheet
808Kb / 5P
   MLCC with FLEXITERM®
091120
logo
AVX Corporation
0805ZC684KAZ2A AVX-0805ZC684KAZ2A Datasheet
199Kb / 5P
   MLCC with FLEXITERM짰 General Specifications
0805ZC475KAT2A AVX-0805ZC475KAT2A Datasheet
148Kb / 4P
   General Specifications
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com