Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AGN210S03 Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part # AGN210S03
Description  High Sensitivity, with 100mW nominal operating power, in a compact and space saving case
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

AGN210S03 Datasheet(HTML) 1 Page - Panasonic Semiconductor

  AGN210S03 Datasheet HTML 1Page - Panasonic Semiconductor AGN210S03 Datasheet HTML 2Page - Panasonic Semiconductor AGN210S03 Datasheet HTML 3Page - Panasonic Semiconductor AGN210S03 Datasheet HTML 4Page - Panasonic Semiconductor AGN210S03 Datasheet HTML 5Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Panasonic Corporation Automation Controls Business Unit industrial.panasonic.com/ac/e/
GN (AGN)
ASCTB13E 201209-T
ORDERING INFORMATION
High Sensitivity, with
100mW nominal operating
power, in a compact and
space saving case
GN RELAYS (AGN)
RoHS compliant
FEATURES
1. Compact slim body saves space
Thanks to the small surface area of 5.7
mm
× 10.6 mm .224 inch × .417 inch
and low height of 9.0 mm .354 inch,
the packaging density can be
increased to allow for much smaller
designs.
2. High sensitivity single side stable
type (Nominal operating power:
100mW) is available
3. Outstanding surge resistance.
Surge breakdown voltage between
contacts and coil:
2,500 V 2
×10 µs (Telcordia)
Surge breakdown voltage between
open contacts:
1,500 V 10
×160 µs (FCC part 68)
4. The use of twin crossbar contacts
ensures high contact reliability.
AgPd contact is used because of its
good sulfide resistance. Adopting low-
gas molding material. Coil assembly
molding technology which avoids
generating volatile gas from coil.
5. Increased packaging density
Due to highly efficient magnetic circuit
design, leakage flux is reduced and
changes in electrical characteristics
from components being mounted
close-together are minimized. This all
means a packaging density higher
than ever before.
6. Nominal operating power: 140 mW
7. Outstanding vibration and shock
resistance.
Functional shock resistance: 750 m/s2
Destructive shock resistance:
1,000 m/s2
Functional vibration resistance:
10 to 55 Hz (at double amplitude of
3.3 mm .130 inch)
Destructive vibration resistance:
10 to 55 Hz (at double amplitude of
5 mm .197 inch)
8. Sealed construction allows
automatic washing.
TYPICAL APPLICATIONS
1. Telephonic equipment
2. Telecommunications equipment
3. Security equipment
4. Test and Measurement equipment
5. Electronic Consumer and Audio
Visual equipment
Nominal coil voltage (DC)
1H: 1.5V 03: 3V 4H: 4.5V 06: 6V 09: 9V
12: 12V 24: 24V
Contact arrangement
2: 2 Form C
Type of operation
0: Standard type (B.B.M.)
AGN
2
0
Operating function
0: Single side stable
1: 1 coil latching
6: High sensitivity single side
stable type
Terminal shape
Nil:
A:
S:
Standard PC board terminal
Surface-mount terminal A type
Surface-mount terminal S type
Packing style
Nil:
X:
Z:
Tube packing
Tape and reel packing (picked from 1/2/3/4 pin side)
Tape and reel packing (picked from 5/6/7/8 pin side)


Similar Part No. - AGN210S03

ManufacturerPart #DatasheetDescription
logo
Nais(Matsushita Electri...
AGN210S03 NAIS-AGN210S03 Datasheet
103Kb / 4P
   ULTRA-SMALL PACKAGE SLIM POLARIZED RELAY
AGN210S03Z NAIS-AGN210S03Z Datasheet
103Kb / 4P
   ULTRA-SMALL PACKAGE SLIM POLARIZED RELAY
More results

Similar Description - AGN210S03

ManufacturerPart #DatasheetDescription
logo
Panasonic Battery Group
AGN PANASONICBATTERY-AGN Datasheet
117Kb / 5P
   High Sensitivity, with 100mW nominal operating power
logo
Omron Electronics LLC
P2RF-08 OMRON-P2RF-08 Datasheet
819Kb / 11P
   Slim and Space-saving Power Plug-in Relay
G2R2SNDC24S OMRON-G2R2SNDC24S Datasheet
819Kb / 11P
   Slim and Space-saving Power Plug-in Relay
G2R-1-S OMRON-G2R-1-S Datasheet
1Mb / 15P
   Slim and Space-saving Power Plug-in Relay
G2R1SNIDC24S OMRON-G2R1SNIDC24S Datasheet
836Kb / 12P
   Slim and Space-saving Power Plug-in Relay
logo
Murata Manufacturing Co...
PTGL07AS121M0N51A0 MURATA-PTGL07AS121M0N51A0 Datasheet
202Kb / 3P
   space-saving
logo
Nais(Matsushita Electri...
DS2Y NAIS-DS2Y Datasheet
57Kb / 3P
   2 Form C contact High sensitivity-200 mW nominal operating power
logo
Murata Manufacturing Co...
MPD6S022S MURATA-MPD6S022S Datasheet
316Kb / 9P
   High efficiency and small size and floor space saving
logo
Allegro MicroSystems
ACS70331 ALLEGRO-ACS70331 Datasheet
1Mb / 26P
   High Sensitivity, 1 MHz, GMR-Based Current Sensor IC in Space-Saving, Low Resistance QFN and SOIC-8 Packages
logo
Panasonic Semiconductor
TX2SA-5V-Z PANASONIC-TX2SA-5V-Z Datasheet
3Mb / 7P
   Very High Sensitivity, 50 mW (nominal operating) Rely with LT style pin layout
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com