Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SCA1020-D06 Datasheet(PDF) 8 Page - Murata Manufacturing Co., Ltd.

Part # SCA1020-D06
Description  P R O D U C T S P E C I F I C A T I O N F O R Z Y - D U A L A X I S A C C E L E R O M E T E R
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

SCA1020-D06 Datasheet(HTML) 8 Page - Murata Manufacturing Co., Ltd.

Back Button SCA1020-D06 Datasheet HTML 4Page - Murata Manufacturing Co., Ltd. SCA1020-D06 Datasheet HTML 5Page - Murata Manufacturing Co., Ltd. SCA1020-D06 Datasheet HTML 6Page - Murata Manufacturing Co., Ltd. SCA1020-D06 Datasheet HTML 7Page - Murata Manufacturing Co., Ltd. SCA1020-D06 Datasheet HTML 8Page - Murata Manufacturing Co., Ltd. SCA1020-D06 Datasheet HTML 9Page - Murata Manufacturing Co., Ltd. SCA1020-D06 Datasheet HTML 10Page - Murata Manufacturing Co., Ltd. SCA1020-D06 Datasheet HTML 11Page - Murata Manufacturing Co., Ltd. SCA1020-D06 Datasheet HTML 12Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
SCA1020-D06
Murata Electronics Oy
8/19
www.muratamems.fi
Doc. Nr. 8263900
Rev.B
T4: T stab.
(15
= T2+T3
Stabilization time, when
self test is released.
70
ms
T5: T r
(15
Rise time during self test,
when Vout reach V2
10
ms
V2
(15
Vout during self test
4.75
V
V3
(15, 16
Stabilized output voltage
after self-test is released.
0.95*V
1
V1
1.05 *
V1
Note 1.
The measuring range is limited only by the sensitivity, offset and supply voltage rails of the device
Note 2.
1g = 9.82m/S
2
Note 3.
Offset specified as Voffset = Vout(0g) [ V ]. See note 13.
Note 4.
Sensitivity specified as Vsens = {Vout(+1g) - Vout(-1g)}/2
[ V/g ]. See note 13
Note 5.
Offset error specified as Offset Error = {Vout(0g) - Vdd/2} / Vsens [ g ]
Vsens = Nominal sensitivity
Vdd/2 = Nominal offset
See note 13.
Note 6.
Sensitivity error specified as Sensitivity Error = { [Vout(+1g) - Vout(-1g)] / 2 - Vsens} / Vsens x 100% [% ]
Vsens = Nominal sensitivity
See note 13.
Note 7.
From straight line through -1g and +1g.
Note 8.
The frequency response is determined by the sensing element’s internal gas damping. The output has true DC
(0Hz) response.
Note 9.
The ratiometric error is specified as.
RE
Vout
Vx
V
Vx
Vout
V
=
×
×
100%
1
5 00
5
(@
)
.
(@
)
Note 10. The cross-axis sensitivity determines how much acceleration, perpendicular to the measuring axis, couples to the
output. The total cross-axis sensitivity is the geometric sum of the sensitivities of the two axes that are
perpendicular to the measuring axis.
Note 11. In addition, supply voltage noise couples to the output due to the ratiometric nature of the accelerometer.
Note 12. The self-test will increase the output voltage. The output will go to Vdd rail. The purpose of the self-test is to check
out the total functionality of the sensor. It is not meant for calibration or auto zeroing.


Similar Part No. - SCA1020-D06

ManufacturerPart #DatasheetDescription
logo
VTI technologies
SCA1020 VTI-SCA1020 Datasheet
387Kb / 3P
   Accelerometer
More results

Similar Description - SCA1020-D06

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
SCA1000-D01 MURATA-SCA1000-D01 Datasheet
352Kb / 18P
   P R O D U C T S P E C I F I C A T I O N F O R X Y - D U A L A X I S A C C E L E R O M E T E R
logo
Gaomi Xinghe Electronic...
S1AF GXELECTRONICS-S1AF Datasheet
465Kb / 2P
   S u r f a c e M o u n t G e n e r a l P u r p o s e S i l i c o n R e c t i f i e r s
logo
E-Tech Electronics LTD
GD401SD ETL-GD401SD Datasheet
166Kb / 2P
   S U R F A C E M O U N T , S C H O T T K Y B A R R I E R D I O D E R R I E R D I O D E
G276P ETL-G276P Datasheet
226Kb / 5P
   C o mp l e me n t a r y O u t p u t H a l l E f f e c t L a t c h e d S i n k D r i v e r I C
G266 ETL-G266 Datasheet
218Kb / 5P
   C o mp l e me n t a r y O u t p u t H a l l E f f e c t L a t c h e d S i n k D r i v e r I C
GSCLM393 ETL-GSCLM393 Datasheet
233Kb / 4P
   D U A L D I F F E R E N T I A L C O M P A R AT O R
logo
SIPAT Co,Ltd
LBN07059 SIPAT-LBN07059 Datasheet
126Kb / 1P
   S A W F i l t e r E l e c t r i c a l C h a r a c t e r i s t i c
logo
Powerbox
WMBB-C-S POWERBOX-WMBB-C-S Datasheet
457Kb / 1P
   S E C U R I T Y C A B I N E T WA L L M O U N T E N C L O S U R E
logo
E-Tech Electronics LTD
GP103A ETL-GP103A Datasheet
187Kb / 4P
   D u a l O p e r a t i o n a l A m p l i f i e r a n d Vo l t a g e R e f e r e n c e
GSC103A ETL-GSC103A Datasheet
196Kb / 4P
   D u a l O p e r a t i o n a l A m p l i f i e r a n d Vo l t a g e R e f e r e n c e
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com