Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S101C51S202DQ Datasheet(PDF) 5 Page - C&K Components

Part # S101C51S202DQ
Description  S Series Slide Switches
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CK-COMPONENTS [C&K Components]
Direct Link  http://www.ck-components.com
Logo CK-COMPONENTS - C&K Components

S101C51S202DQ Datasheet(HTML) 5 Page - C&K Components

  S101C51S202DQ Datasheet HTML 1Page - C&K Components S101C51S202DQ Datasheet HTML 2Page - C&K Components S101C51S202DQ Datasheet HTML 3Page - C&K Components S101C51S202DQ Datasheet HTML 4Page - C&K Components S101C51S202DQ Datasheet HTML 5Page - C&K Components  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
I–32
Dimensions are shown: Inch (mm)
Specifications and dimensions subject to change
www.ck-components.com
I
NOTE: Any models supplied with Q, B or G contact material are RoHS compliant.
S Series
Slide Switches
TOP PLATE MARKINGS
CONTACT MATERIAL
SEAL
AVAILABLE HARDWARE
EPOXY
.075 MAX.
(1,91)
E EPOXY SEAL
NONE NO SEAL
N RED RECTANGLE ON ONE END
M ON-OFF
L ON
D ON-OFF
NONE NO MARKINGS
1 CONTACTS & TERMINALS: Copper, with gold plate over nickel plate.
2 CONTACTS & TERMINALS: Copper, silver plated (standard with all termination options).
3 CONTACTS & TERMINALS: Copper, with gold plate over nickel plate over silver plate.
NOTE: Top plate markings are available with ‘S2’ mounting style only. The marking color
on all top plates with marking options ‘D, L and M’ is white, standard. (except white top plates: marking
color is black, standard). The marking color on all top plates with ‘N’ marking option is red, standard.
Other marking colors are available, consult Customer Service Center.
Note: Orientation of
actuator markings
and terminals.
All models
with all options when ordered with ‘G’ or ‘Q’ contact material.
NOTE: ‘G’ contact material is equivalent to both ‘B’ and ‘Q’ contact materials.
Cap, C2; C3 actuators
PART NO.
121160100 WHITE
121160200 BLACK
121160300 RED
Material: 6/6 Nylon
Finish: Matte
Cap, 03 actuator
PART NO.
121000101 WHITE
121000102 BLACK
121000103 RED
Material: 6/6 Nylon
Finish: Gloss
NOTE: Other cap colors available, consult Customer Service Center.
* Note: See Technical Data section of this catalog for RoHS compliant and compatible definitions and specifications.
S1XX, S2XX MODELS: 0.4 VA MAX. @ 20 V AC OR DC MAX. OR
6 AMPS @ 125 V AC; 6 AMPS @ 250 V AC; 1 AMP @ 125 V DC
(UL/CSA).
S6XX MODELS: 0.4 VA MAX. @ 20 V AC OR DC MAX. OR
12 AMPS @ 125 V AC; 6 AMPS @ 250 V AC; 1 AMP @ 125 V DC
(UL/CSA).
S7XX, S8XX MODELS: 0.4 VA MAX. @ 20 V AC OR DC MAX. OR
15 AMPS @ 125 V AC; 6 AMPS @ 250 V AC (UL/CSA).
0.4 VA MAX. @20 V AC OR DC max.
S1XX, S2XX MODELS: 6 AMPS @ 125 V AC; 6 AMPS @ 250 V AC;
1 AMP @ 125 V DC (UL/CSA).
S6XX MODELS: 12 AMPS @ 125 V AC; 6 AMPS @ 250 V AC;
1 AMP @ 125 V DC (UL/CSA).
S7XX, S8XX MODELS: 15 AMPS @ 125 V AC; 6 AMPS @
250 V AC (UL/CSA).
LOW LEVEL/DRY
CIRCUIT OR POWER
POWER
LOW LEVEL/DRY CIRCUIT
GOLD OVER
SILVER 3
GOLD 1
SILVER 2
OPTION
CODE
RATINGS
CONTACT
MATERIAL
Q
B
G


Similar Part No. - S101C51S202DQ

ManufacturerPart #DatasheetDescription
logo
ITT Industries
S101C21SS02B ITT-S101C21SS02B Datasheet
398Kb / 5P
   Slide Switches
S101C21SS02BE ITT-S101C21SS02BE Datasheet
398Kb / 5P
   Slide Switches
S101C21SS02DB ITT-S101C21SS02DB Datasheet
398Kb / 5P
   Slide Switches
S101C21SS02DBE ITT-S101C21SS02DBE Datasheet
398Kb / 5P
   Slide Switches
S101C21SS02DQ ITT-S101C21SS02DQ Datasheet
398Kb / 5P
   Slide Switches
More results

Similar Description - S101C51S202DQ

ManufacturerPart #DatasheetDescription
logo
C&K Components
S201031MS02Q CK-COMPONENTS-S201031MS02Q Datasheet
340Kb / 5P
   S Series Slide Switches
S101031SS03Q CK-COMPONENTS-S101031SS03Q Datasheet
339Kb / 5P
   S Series Slide Switches
logo
E-SWITCH
EG1201 E-SWITCH-EG1201 Datasheet
412Kb / 5P
   SLIDE SWITCHES
logo
Grayhill, Inc
48ASSP1S2M6RBT GRAYHILL-48ASSP1S2M6RBT Datasheet
159Kb / 3P
   Slide Switches
logo
Copal Electronics
CES COPAL-CES Datasheet
880Kb / 4P
   SLIDE SWITCHES
CRFS COPAL-CRFS Datasheet
961Kb / 3P
   SLIDE SWITCHES
logo
List of Unclassifed Man...
CAS-120TB1 ETC1-CAS-120TB1 Datasheet
221Kb / 6P
   SLIDE SWITCHES
logo
ITT Industries
S101031SS03Q ITT-S101031SS03Q Datasheet
398Kb / 5P
   Slide Switches
logo
C&K Components
S102031MS02Q CK-COMPONENTS-S102031MS02Q Datasheet
340Kb / 5P
   Slide Switches
logo
Copal Electronics
CL-SB COPAL-CL-SB Datasheet
883Kb / 9P
   SLIDE SWITCHES
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com