Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AGN2101H Datasheet(PDF) 4 Page - Panasonic Semiconductor

Part # AGN2101H
Description  High Sensitivity, with 100mW nominal operating power, in a compact and space saving case
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

AGN2101H Datasheet(HTML) 4 Page - Panasonic Semiconductor

  AGN2101H Datasheet HTML 1Page - Panasonic Semiconductor AGN2101H Datasheet HTML 2Page - Panasonic Semiconductor AGN2101H Datasheet HTML 3Page - Panasonic Semiconductor AGN2101H Datasheet HTML 4Page - Panasonic Semiconductor AGN2101H Datasheet HTML 5Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Panasonic Corporation Automation Controls Business Unit industrial.panasonic.com/ac/e/
GN (AGN)
ASCTB13E 201209-T
DIMENSIONS (mm inch)
4. Electrical life (1A 30V DC resistive load)
Tested sample: AGN2004H, 6 pcs.
Operating speed: 20 cpm
Change of pick-up and drop-out voltage
Change of contact resistance
5. Coil temperature rise
Tested sample: AGN2004H, AGN20024, 6 pcs.
Point measured: Inside the coil
Ambient temperature: Room temperature
0
Max.
Max.
Min.
Min.
20
10
40
60
80
90
70
50
30
100
05
10
Pick-up voltage
Drop-out voltage
No. of operations,
×104
0
X
20
10
40
60
80
90
70
50
30
100
010
5
N.O. contact
N.C. contact
X
No. of operations,
×104
100
110
120
130
140
150
70
60
50
40
30
20
10
0
24V DC type
4.5V DC type
1 A
1 A
0 A
0 A
Coil applied voltage, %
6-(1). Operate and release time (without diode)
Tested sample: AGN2004H, 6 pcs.
6-(2). Operate and release time (with diode)
Tested sample: AGN2004H, 6 pcs.
7. Ambient temperature characteristics
Tested sample: AGN2004H, 6 pcs.
80
90
100
110
120
3
2.5
2
1.5
1
0.5
0
Max.
Max.
Min.
Min.
Release time
Operate time
Coil applied voltage, %V
80
90
100
110
120
3
2.5
2
1.5
1
0.5
0
Max.
Min.
Max.
Min.
Coil applied voltage, %V
Release time
Operate time
x
60
80
100
40
-40
-20
0
20
-50
50
40
30
20
10
-40
-30
-20
-10
Ambient temperature,
°C
Drop-out
voltage
Pick-up
voltage
x
8. Malfunctional shock
Tested sample: AGN2004H
9-(1). Influence of adjacent mounting
Tested sample: AGN20012, 6 pcs.
9-(2). Influence of adjacent mounting
Tested sample: AGN20012, 6 pcs.
Y'
Y
XZ
Z'
X'
Y
Y'
Z'
Z X
X'
Deenergized condition
Energized condition
1,000m/s2
1,000m/s2
1,000m/s2
1,000m/s2
1,000m/s2
1,000m/s2
06
8
10
12
24
-5
-10
0
5
10
-10
0
5
-5
10
ON
ON
ON
OFF
OFF
OFF
Drop-out voltage
Pick-up voltage
.236 .315 .394 .472
.079 .157
Inter-relay distance
, mm inch
02468
10
12
.079 .157 .236 .315 .394 .472
-10
0
10
-10
-5
-5
5
5
0
10
Drop-out voltage
Pick-up voltage
ON
ON
ON
OFF
OFF
OFF
Inter-relay distance
, mm inch
The CAD data of the products with a
CAD Data
mark can be downloaded from: http://industrial.panasonic.com/ac/e/
1. PC board terminal
External dimensions
Standard type
10.60
±0.3
5.70
±0.3
0.40
±0.1
(1.50)
2.20
±0.15
3.20
±0.15
0.25
±0.1
3.20
±0.15
3.50
±0.3
(0.50)
9.00
±0.3
.417
±.012
.224
±.012
.016
±.004
(.059)
.087
±.006
.126
±.006
.010
±.004
.126
±.006
.138
±.012
(.020)
.354
±.012
PC board pattern
Tolerance:
±0.1 ±.004
3.20
2.20
7.60
3.20
0.85 dia.
.126
.087
.299
.126
.033 dia.
Schematic (Bottom view)
Single side stable
High sensitivity
single side stable
(Deenergized condition)
1 coil latching
(Reset condition)
Direction indication
87 6 5
12 3 4
Direction indication
4
5
2
7
8
1
6
3
CAD Data


Similar Part No. - AGN2101H

ManufacturerPart #DatasheetDescription
logo
Nais(Matsushita Electri...
AGN2101H NAIS-AGN2101H Datasheet
103Kb / 4P
   ULTRA-SMALL PACKAGE SLIM POLARIZED RELAY
AGN2101HZ NAIS-AGN2101HZ Datasheet
103Kb / 4P
   ULTRA-SMALL PACKAGE SLIM POLARIZED RELAY
More results

Similar Description - AGN2101H

ManufacturerPart #DatasheetDescription
logo
Panasonic Battery Group
AGN PANASONICBATTERY-AGN Datasheet
117Kb / 5P
   High Sensitivity, with 100mW nominal operating power
logo
Omron Electronics LLC
P2RF-08 OMRON-P2RF-08 Datasheet
819Kb / 11P
   Slim and Space-saving Power Plug-in Relay
G2R2SNDC24S OMRON-G2R2SNDC24S Datasheet
819Kb / 11P
   Slim and Space-saving Power Plug-in Relay
G2R-1-S OMRON-G2R-1-S Datasheet
1Mb / 15P
   Slim and Space-saving Power Plug-in Relay
G2R1SNIDC24S OMRON-G2R1SNIDC24S Datasheet
836Kb / 12P
   Slim and Space-saving Power Plug-in Relay
logo
Murata Manufacturing Co...
PTGL07AS121M0N51A0 MURATA-PTGL07AS121M0N51A0 Datasheet
202Kb / 3P
   space-saving
logo
Nais(Matsushita Electri...
DS2Y NAIS-DS2Y Datasheet
57Kb / 3P
   2 Form C contact High sensitivity-200 mW nominal operating power
logo
Murata Manufacturing Co...
MPD6S022S MURATA-MPD6S022S Datasheet
316Kb / 9P
   High efficiency and small size and floor space saving
logo
Allegro MicroSystems
ACS70331 ALLEGRO-ACS70331 Datasheet
1Mb / 26P
   High Sensitivity, 1 MHz, GMR-Based Current Sensor IC in Space-Saving, Low Resistance QFN and SOIC-8 Packages
logo
Panasonic Semiconductor
TX2SA-5V-Z PANASONIC-TX2SA-5V-Z Datasheet
3Mb / 7P
   Very High Sensitivity, 50 mW (nominal operating) Rely with LT style pin layout
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com