Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DE11XE2102ZB4B Datasheet(PDF) 40 Page - Murata Manufacturing Co., Ltd.

Part # DE11XE2102ZB4B
Description  Safety Standard Certified Ceramic Capacitors/ High Voltage Ceramic Capacitors
Download  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

DE11XE2102ZB4B Datasheet(HTML) 40 Page - Murata Manufacturing Co., Ltd.

Back Button DE11XE2102ZB4B Datasheet HTML 36Page - Murata Manufacturing Co., Ltd. DE11XE2102ZB4B Datasheet HTML 37Page - Murata Manufacturing Co., Ltd. DE11XE2102ZB4B Datasheet HTML 38Page - Murata Manufacturing Co., Ltd. DE11XE2102ZB4B Datasheet HTML 39Page - Murata Manufacturing Co., Ltd. DE11XE2102ZB4B Datasheet HTML 40Page - Murata Manufacturing Co., Ltd. DE11XE2102ZB4B Datasheet HTML 41Page - Murata Manufacturing Co., Ltd. DE11XE2102ZB4B Datasheet HTML 42Page - Murata Manufacturing Co., Ltd. DE11XE2102ZB4B Datasheet HTML 43Page - Murata Manufacturing Co., Ltd. DE11XE2102ZB4B Datasheet HTML 44Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 83 page
background image
C85E.pdf
Jul.13,2011
* "Room condition" Temperature: 15 to 35
°C, Relative humidity: 45 to 75%, Atmospheric pressure: 86 to 106kPa
Apply a DC voltage of 200% of the rated voltage (DC500V) or
DC voltage of 150% of the rated voltage (DC1 to 3.15kV) for
1000 +48/-0 hrs. at 125
±2°C with a relative humidity of 50%
max.
(Charge/Discharge current
V50mA)
Pre-treatment:
Capacitor should be stored at 125
±3°C for 1 hr., then placed
at room condition* for 24
±2 hrs. before initial measurements.
Post-treatment:
Capacitor should be stored at 125
±3°C for 1 hr., then placed
at room condition* for 24
±2 hrs.
17
Life
Appearance
No marked defect
Capacitance
Change
Within
±10%
D.F.
0.4% max.
I.R.
2000M
Ω min.
Apply the rated voltage for 500+24/-0 hrs. at 40
±2°C in 90 to
95% relative humidity. (Charge/Discharge current
V50mA)
Pre-treatment:
Capacitor should be stored at 125
±3°C for 1 hr., then placed at
room condition* for 24
±2 hrs. before initial measurements.
Post-treatment:
Capacitor should be stored for 1 to 2 hrs. at room condition.*
16
Humidity
Loading
Appearance
No marked defect
Capacitance
Change
Within
±10%
D.F.
0.6% max.
I.R.
1000M
Ω min.
Continued from the preceding page.
Step
Temperature (
°C)
-25
±3
Room Temp.
125
±3
Room Temp.
Time (min)
30
3
30
3
1
2
3
4
Set the capacitor for 500 +24/-0 hrs. at 40
±2°C in 90 to 95%
relative humidity.
Pre-treatment:
Capacitor should be stored at 125
±3°C for 1 hr., then placed
at room condition* for 24
±2 hrs. before initial measurements.
Post-treatment:
Capacitor should be stored for 1 to 2 hrs. at room condition.*
15
Humidity (Under
Steady State)
Appearance
No marked defect
Capacitance
Change
Within
±10%
D.F.
0.4% max.
I.R.
1000M
Ω min.
The capacitor should be subjected to 5 temperature cycles.
<Temperature Cycle>
Cycle time: 5 cycles
Pre-treatment:
Capacitor should be stored at 125
±3°C for 1 hr., then placed
at room condition* for 24
±2 hrs. before initial measurements.
Post-treatment:
Capacitor should be stored for 24
±2 hrs. at room condition.*
14
Temperature
Cycle
Appearance
No marked defect
D.F.
0.4% max.
Capacitance
Change
Within
±10%
I.R.
1000M
Ω min.
Dielectric Strength
(Between Lead
Wires)
Per item 4.
First the capacitor should be
stored at 120+0/-5
°C for
60+0/-5 sec.
Then, as in the figure, the lead
wires should be immersed in
solder of 260+0/-5
°C up to 1.5 to
2.0mm from the root of terminal
for 7.5+0/-1 sec.
Pre-treatment:
Capacitor should be stored at 125
±3°C for 1 hr., then placed
at room condition* for 24
±2 hrs. before initial measurements.
Post-treatment:
Capacitor should be stored for 24
±2 hrs. at room condition.*
13
Soldering Effect
(On-Preheat)
Appearance
No marked defect
Capacitance
Change
Within
±10%
Dielectric Strength
(Between Lead
Wires)
Per item 4.
No.
Test Method
Specifications
Item
DEH Series (125
°C Guaranteed / Low-dissipation Factor / DC250V-3.15kV) Specifications and Test Methods
,,,,,,,,,,
,,,,,,,,,,
,,
,,
,,
,,,,
,,,,,,,
,
,
,
,
,
,
,
,
Thermal
Screen
Capacitor
1.5
to 2.0mm
Molten
Solder
DEH Series Specifications and Test Methods
38
7
!Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc.
• This catalog has only typical specifications because there is no space for detailed specifications. Therefore, please review our product specifications or consult the approval sheet for product specifications before ordering.


Similar Part No. - DE11XE2102ZB4B

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
DE11XE2102JA2A MURATA-DE11XE2102JA2A Datasheet
1Mb / 83P
   Safety Standard Certified Ceramic Capacitors
DE11XE2102JA3A MURATA-DE11XE2102JA3A Datasheet
1Mb / 83P
   Safety Standard Certified Ceramic Capacitors
DE11XE2102KA2A MURATA-DE11XE2102KA2A Datasheet
1Mb / 83P
   Safety Standard Certified Ceramic Capacitors
DE11XE2102MZA2A MURATA-DE11XE2102MZA2A Datasheet
1Mb / 83P
   Safety Standard Certified Ceramic Capacitors
More results

Similar Description - DE11XE2102ZB4B

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
DEBB33A102KA2B MURATA-DEBB33A102KA2B Datasheet
1Mb / 83P
   Safety Standard Certified Ceramic Capacitors/ High Voltage Ceramic Capacitors
DEHR33A222KA3B MURATA-DEHR33A222KA3B Datasheet
1Mb / 83P
   Safety Standard Certified Ceramic Capacitors/ High Voltage Ceramic Capacitors
DEHR33A102KN2A MURATA-DEHR33A102KN2A Datasheet
1Mb / 83P
   Safety Standard Certified Ceramic Capacitors/ High Voltage Ceramic Capacitors
DE2B3KY331KA2BM01 MURATA-DE2B3KY331KA2BM01 Datasheet
1Mb / 83P
   Safety Standard Certified Ceramic Capacitors/ High Voltage Ceramic Capacitors
DEBB33D471KA2B MURATA-DEBB33D471KA2B Datasheet
1Mb / 83P
   Safety Standard Certified Ceramic Capacitors/ High Voltage Ceramic Capacitors
DEA1X3D101JN2A MURATA-DEA1X3D101JN2A Datasheet
1Mb / 83P
   Safety Standard Certified Ceramic Capacitors/ High Voltage Ceramic Capacitors
DE1E3KX332MN5AA01 MURATA-DE1E3KX332MN5AA01 Datasheet
1Mb / 84P
   Safety Standard Certified Ceramic Capacitors/ High Voltage Ceramic Capacitors
DESD32H472KN7A MURATA-DESD32H472KN7A Datasheet
1Mb / 83P
   Safety Standard Certified Ceramic Capacitors/ High Voltage Ceramic Capacitors
DE2E3KY102MN2AM01 MURATA-DE2E3KY102MN2AM01 Datasheet
1Mb / 83P
   Safety Standard Certified Ceramic Capacitors/ High Voltage Ceramic Capacitors
DE2B3KY331KA3BM02 MURATA-DE2B3KY331KA3BM02 Datasheet
1Mb / 72P
   Safety Certified Ceramic Capacitors/ High Voltage Ceramic Capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com