Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DE11XE2102ZB4B Datasheet(PDF) 31 Page - Murata Manufacturing Co., Ltd.

Part # DE11XE2102ZB4B
Description  Safety Standard Certified Ceramic Capacitors/ High Voltage Ceramic Capacitors
Download  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

DE11XE2102ZB4B Datasheet(HTML) 31 Page - Murata Manufacturing Co., Ltd.

Back Button DE11XE2102ZB4B Datasheet HTML 27Page - Murata Manufacturing Co., Ltd. DE11XE2102ZB4B Datasheet HTML 28Page - Murata Manufacturing Co., Ltd. DE11XE2102ZB4B Datasheet HTML 29Page - Murata Manufacturing Co., Ltd. DE11XE2102ZB4B Datasheet HTML 30Page - Murata Manufacturing Co., Ltd. DE11XE2102ZB4B Datasheet HTML 31Page - Murata Manufacturing Co., Ltd. DE11XE2102ZB4B Datasheet HTML 32Page - Murata Manufacturing Co., Ltd. DE11XE2102ZB4B Datasheet HTML 33Page - Murata Manufacturing Co., Ltd. DE11XE2102ZB4B Datasheet HTML 34Page - Murata Manufacturing Co., Ltd. DE11XE2102ZB4B Datasheet HTML 35Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 83 page
background image
C85E.pdf
Jul.13,2011
Safety Certified Ceramic Capacitors Notice
29
5
!Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc.
• This catalog has only typical specifications because there is no space for detailed specifications. Therefore, please review our product specifications or consult the approval sheet for product specifications before ordering.
s Notice (Soldering and Mounting)
Cleaning (ultrasonic cleaning)
To perform ultrasonic cleaning, observe the following
conditions.
Rinse bath capacity: Output of 20 watts per liter or less.
Rinsing time: 5 min. maximum.
Do not vibrate the PCB/PWB directly.
Excessive ultrasonic cleaning may lead to fatigue
destruction of the lead wires.
s Notice (Rating)
1. Capacitance Change of Capacitors
(1) For SL char.
Capacitance might change a little depending on a
surrounding temperature or an applied voltage.
Please contact us if you use a strict constant time
circuit.
(2) For B/E/F char.
Capacitors have an aging characteristic, whereby
the capacitor continually decreases its
capacitance slightly if the capacitor is left on
for a long time. Moreover, capacitance might
change greatly depending on the surrounding
temperature or an applied voltage. Therefore,
it is not likely to be suitable for use in a constant
time circuit.
Please contact us if you need detailed information.
2. Performance Check by Equipment
Before using a capacitor, check that there is no
problem in the equipment's performance and the
specifications.
Generally speaking, CLASS 2 (B/E/F char.) ceramic
capacitors have voltage dependence characteristics
and temperature dependence characteristics in
capacitance, so the capacitance value may change
depending on the operating condition in the
equipment. Therefore, be sure to confirm the
apparatus performance of receiving influence in
the capacitance value change of a capacitor,
such as leakage current and noise suppression
characteristic.
Moreover, check the surge-proof ability of a
capacitor in the equipment, if needed, because the
surge voltage may exceed specific value by the
inductance of the circuit.


Similar Part No. - DE11XE2102ZB4B

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
DE11XE2102JA2A MURATA-DE11XE2102JA2A Datasheet
1Mb / 83P
   Safety Standard Certified Ceramic Capacitors
DE11XE2102JA3A MURATA-DE11XE2102JA3A Datasheet
1Mb / 83P
   Safety Standard Certified Ceramic Capacitors
DE11XE2102KA2A MURATA-DE11XE2102KA2A Datasheet
1Mb / 83P
   Safety Standard Certified Ceramic Capacitors
DE11XE2102MZA2A MURATA-DE11XE2102MZA2A Datasheet
1Mb / 83P
   Safety Standard Certified Ceramic Capacitors
More results

Similar Description - DE11XE2102ZB4B

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
DEBB33A102KA2B MURATA-DEBB33A102KA2B Datasheet
1Mb / 83P
   Safety Standard Certified Ceramic Capacitors/ High Voltage Ceramic Capacitors
DEHR33A222KA3B MURATA-DEHR33A222KA3B Datasheet
1Mb / 83P
   Safety Standard Certified Ceramic Capacitors/ High Voltage Ceramic Capacitors
DEHR33A102KN2A MURATA-DEHR33A102KN2A Datasheet
1Mb / 83P
   Safety Standard Certified Ceramic Capacitors/ High Voltage Ceramic Capacitors
DE2B3KY331KA2BM01 MURATA-DE2B3KY331KA2BM01 Datasheet
1Mb / 83P
   Safety Standard Certified Ceramic Capacitors/ High Voltage Ceramic Capacitors
DEBB33D471KA2B MURATA-DEBB33D471KA2B Datasheet
1Mb / 83P
   Safety Standard Certified Ceramic Capacitors/ High Voltage Ceramic Capacitors
DEA1X3D101JN2A MURATA-DEA1X3D101JN2A Datasheet
1Mb / 83P
   Safety Standard Certified Ceramic Capacitors/ High Voltage Ceramic Capacitors
DE1E3KX332MN5AA01 MURATA-DE1E3KX332MN5AA01 Datasheet
1Mb / 84P
   Safety Standard Certified Ceramic Capacitors/ High Voltage Ceramic Capacitors
DESD32H472KN7A MURATA-DESD32H472KN7A Datasheet
1Mb / 83P
   Safety Standard Certified Ceramic Capacitors/ High Voltage Ceramic Capacitors
DE2E3KY102MN2AM01 MURATA-DE2E3KY102MN2AM01 Datasheet
1Mb / 83P
   Safety Standard Certified Ceramic Capacitors/ High Voltage Ceramic Capacitors
DE2B3KY331KA3BM02 MURATA-DE2B3KY331KA3BM02 Datasheet
1Mb / 72P
   Safety Certified Ceramic Capacitors/ High Voltage Ceramic Capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com