Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPSMP27 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # TPSMP27
Description  High Power Density Surface Mount PAR Transient Voltage Suppressors
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TPSMP27 Datasheet(HTML) 1 Page - Vishay Siliconix

  TPSMP27 Datasheet HTML 1Page - Vishay Siliconix TPSMP27 Datasheet HTML 2Page - Vishay Siliconix TPSMP27 Datasheet HTML 3Page - Vishay Siliconix TPSMP27 Datasheet HTML 4Page - Vishay Siliconix TPSMP27 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
TPSMP6.8 thru TPSMP43A
www.vishay.com
Vishay General Semiconductor
Revision: 08-Oct-12
1
Document Number: 88471
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
High Power Density Surface Mount PAR®
Transient Voltage Suppressors
TYPICAL APPLICATIONS
Protection for ICs, drive transistors, signal lines of sensor
units, and electronic units in consumer, computer, industrial
and automotive applications.
FEATURES
• Junction
passivation
optimized
design
passivated anisotropic rectifier technology
•TJ = 185 °C capability suitable for high reliability
and automotive requirement
• Very low profile - typical height of 1.0 mm
• Ideal for automated placement
• Uni-direction only
• Excellent clamping capability
• Low incremental surge resistance
• Very fast response time
• Meets MSL level 1, per J-STD-020, LF maximum peak of
260 °C
• AEC-Q101 qualified
• Material categorization: For definitions of compliance
please see www.vishay.com/doc?99912
MECHANICAL DATA
Case: DO-220AA (SMP)
Molding compound meets UL 94 V-0 flammability rating
Base
P/NHM3
-
halogen-free,
RoHS-compliant,
and
automotive grade
Terminals:
Matte
tin
plated
leads,
solderable
per
J-STD-002 and JESD 22-B102
HM3 suffix meets JESD 201 class 2 whisker test
Polarity: Color band denotes cathode end
Notes
(1) Non-repetitive current pulse, per fig. 3 and derated above TA = 25 °C per fig. 2
(2) Mounted on PCB with 5.0 mm x 5.0 mm copper pads attached to each terminal
(3) Pulse test: 300 μs pulse width, 1 % duty cycle
PRIMARY CHARACTERISTICS
VBR
6.8 V to 43 V
PPPM (for VBR 6.8 V)
250 W
PPPM (for VBR 7.5 V to 12 V)
300 W
PPPM (for VBR 13 V to 43 V)
400 W
VWM
5.5 V to 36.8 V
PD
2.5 W
IFSM
40 A
TJ max.
185 °C
Polarity
Uni-directional
Package
DO-220AA (SMP)
DO-220AA (SMP)
eSMP
® Series
MAXIMUM RATINGS (TA = 25 °C, unless otherwise noted)
PARAMETER
SYMBOL
VALUE
UNIT
Peak power dissipation with a 10/1000 μs waveform (fig. 1 and 3) (1)(2)
PPPM
See table next page
W
Peak power pulse current with a 10/1000 μs waveform (fig. 1) (1)
IPPM
See table next page
A
Power dissipation on infinite heatsink, TA = 75 °C
PD
2.5
W
Peak forward surge current 10 ms single half sine-wave
superimposed on rated load
IFSM
40
A
Maximum instantaneous forward voltage at 25 A (3)
VF
2.5
V
Operating junction and storage temperature range
TJ, TSTG
- 65 to + 185
°C


Similar Part No. - TPSMP27

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TPSMP27 VISHAY-TPSMP27 Datasheet
103Kb / 5P
   High Power Density Surface Mount Automotive Transient Voltage Suppressors
Revision: 21-Oct-08
TPSMP27 VISHAY-TPSMP27 Datasheet
89Kb / 5P
   High Power Density Surface Mount PAR Transient Voltage Suppressors
Revision: 19-Apr-11
TPSMP27A VISHAY-TPSMP27A Datasheet
103Kb / 5P
   High Power Density Surface Mount Automotive Transient Voltage Suppressors
Revision: 21-Oct-08
TPSMP27A VISHAY-TPSMP27A Datasheet
89Kb / 5P
   High Power Density Surface Mount PAR Transient Voltage Suppressors
Revision: 19-Apr-11
TPSMP27A VISHAY-TPSMP27A Datasheet
97Kb / 5P
   High Power Density Surface Mount PAR® Transient Voltage Suppressors
01-Jan-2022
More results

Similar Description - TPSMP27

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TPSMP43A VISHAY-TPSMP43A_11 Datasheet
89Kb / 5P
   High Power Density Surface Mount PAR Transient Voltage Suppressors
Revision: 19-Apr-11
TPSMP43A VISHAY-TPSMP43A_V01 Datasheet
97Kb / 5P
   High Power Density Surface Mount PAR® Transient Voltage Suppressors
01-Jan-2022
TPSMP24AHM3-84A VISHAY-TPSMP24AHM3-84A Datasheet
88Kb / 5P
   High Power Density Surface Mount PAR® Transient Voltage Suppressors
Revision: 08-Oct-12
SM8S40AHE3 VISHAY-SM8S40AHE3 Datasheet
94Kb / 5P
   Surface Mount PAR Transient Voltage Suppressors
Revision: 18-Sep-12
5KASMC10A VISHAY-5KASMC10A_18 Datasheet
92Kb / 5P
   Surface Mount PAR Transient Voltage Suppressors
Revision: 18-Jan-18
TPSMA6.8A VISHAY-TPSMA6.8A_17 Datasheet
84Kb / 5P
   Surface Mount PAR Transient Voltage Suppressors
Revision: 11-Jul-17
SM5S10 VISHAY-SM5S10_11 Datasheet
87Kb / 5P
   Surface Mount PAR Transient Voltage Suppressors
Revision: 18-Apr-11
SM8S24AHE3 VISHAY-SM8S24AHE3 Datasheet
98Kb / 5P
   Surface Mount PAR Transient Voltage Suppressors
Revision: 14-Sep-11
SM6A27 VISHAY-SM6A27_11 Datasheet
85Kb / 5P
   Surface Mount PAR Transient Voltage Suppressors
Revision: 18-Apr-11
3KASMC10 VISHAY-3KASMC10_11 Datasheet
92Kb / 5P
   Surface Mount PAR Transient Voltage Suppressors
Revision: 29-Jul-11
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com