Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

EROS2CHF1002 Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part No. EROS2CHF1002
Description  Metal Film Resistors Performance, Reliability Low T.C.R. and noise, high reliability
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  PANASONIC [Panasonic Semiconductor]
Homepage  http://www.panasonic.com/industrial/
Logo 

EROS2CHF1002 Datasheet(HTML) 1 Page - Panasonic Semiconductor

   
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
Metal Film Resistors
E
1
R
2
O
3
S
4
2
5
C
6
H
7
F
8
1
9
0
10
0
11
2
12
Resistance
Tolerance
D
F
± 0.5 %
± 1%
Product
Code
Metal Film
Resistors
S2
25
Power Rating
at 70
°C Amb.
0.25 W
0.25 W
Special Feature and
Cut & Formed Style
C
P
T
Standard
Taped & Box
(52 mm)
Taped & Box (26 mm)
Resistance Value
The first three digits are
significant figures of resistance
and the 4th digit denote number
of zeros following.
Decimal point is expressed
by R as 97.6 = 97R6.
Temperature
Coefficient
10
–6/
°C(ppm/°C)
H
± 50
HL
H
fD
fd
1st significant figure
2nd significant figure
3rd significant figure
Resistance tolerance
Multiplier
Type
Dimensions (mm)
Mass
(Weight)
[mg/pc.]
L
fD
fdH
EROS2C
3.20
±0.20
1.70
+0.20
0.45
±0.05
30
±3
107
ERO25C
6.30
±0.50
2.30
±0.50
0.60
±0.05
30
±3
228
–0.10
Metal film
Lead wire
Ceramic core, high
thermal conductivity
Spiraling
Marking
End cap
Construction
Dimensions in mm (not to scale)
Standard Quantity : 2000 pcs.
Metal Film Resistors
Type:
EROS2 (0.25 W)
ERO25 (0.25 W)
Features
● Performance, Reliability...... Low T.C.R. and noise, high reliability
● Automatic insertion............. Taping style for automatic inserting machine
● Marking............................... 5 color code marking
● Reference Standards ......... IEC 60115-2, JIS C 5201-2
Explanation of Part Numbers
Insulative coating
Feb. 2006
Discontinued


Html Pages

1  2  3  4 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn