Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLMO1100 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # TLMO1100
Description  Standard 0603 SMD LED
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TLMO1100 Datasheet(HTML) 1 Page - Vishay Siliconix

  TLMO1100 Datasheet HTML 1Page - Vishay Siliconix TLMO1100 Datasheet HTML 2Page - Vishay Siliconix TLMO1100 Datasheet HTML 3Page - Vishay Siliconix TLMO1100 Datasheet HTML 4Page - Vishay Siliconix TLMO1100 Datasheet HTML 5Page - Vishay Siliconix TLMO1100 Datasheet HTML 6Page - Vishay Siliconix TLMO1100 Datasheet HTML 7Page - Vishay Siliconix TLMO1100 Datasheet HTML 8Page - Vishay Siliconix TLMO1100 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
TLMS1100, TLMO1100, TLMY1100, TLMG1100, TLMP1100, TLMB1100
www.vishay.com
Vishay Semiconductors
Rev. 2.4, 04-Jun-13
1
Document Number: 83173
For technical questions, contact: LED@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Standard 0603 SMD LED
DESCRIPTION
The new 0603 LED series have been designed in the
smallest
SMD
package.
This
innovative
0603
LED
technology opens the way to
• smaller products of higher performance
• more design in flexibility
• enhanced applications
The 0603 LED is an obvious solution for small-scale, high
power products that are expected to work reliability in an
arduous environment.
PRODUCT GROUP AND PACKAGE DATA
• Product group: LED
• Package: SMD 0603
• Product series: standard
• Angle of half intensity: ± 80°
FEATURES
• Smallest SMD package 0603 with exceptional
brightness
1.6 mm x 0.8 mm x 0.6 mm (L x W x H)
• High reliability lead frame based
• Temperature range - 40 °C to + 100 °C
• Footprint compatible to 0603 chipled
• Wavelength 466 nm (blue), 570 nm (green),
561 nm (pure green), 589 nm (yellow), 606 nm
(orange), 633 nm (red)
• AllnGaP and GaN technology
• Viewing angle: Extremely wide 160°
• Grouping parameter: Luminous intensity, wavelength
• Available in 8 mm tape
• Compatible to IR reflow soldering
• Preconditioning according to JEDEC level 2
• AEC-Q101 qualified
• Material categorization: For definitions of compliance
please see www.vishay.com/doc?99912
APPLICATIONS
• Backlight keypads
• Navigation systems
• Cellular phone displays
• Displays for industrial control systems
• Automotive features
• Miniaturized color effects
• Traffic displays
18562
PARTS TABLE
PART
COLOR
LUMINOUS INTENSITY
(mcd)
at IF
(mA)
WAVELENGTH
(nm)
at IF
(mA)
FORWARD VOLTAGE
(V)
at IF
(mA)
TECHNOLOGY
MIN.
TYP.
MAX.
MIN.
TYP. MAX.
MIN.
TYP.
MAX.
TLMS1100-GS08
Red
32
63
-
20
627
633
639
20
-
2.1
3.0
20
AlInGaP
TLMO1100-GS08
Orange
50
80
-
20
600
606
609
20
-
2.1
3.0
20
AlInGaP
TLMY1100-GS08
Yellow
50
80
-
20
580
589
595
20
-
2.1
3.0
20
AlInGaP
TLMG1100-GS08
Green
12.5
35
-
20
564
570
575
20
-
2.1
3.0
20
AlInGaP
TLMP1100-GS08
Pure green
6.3
15
-
20
551
561
566
20
-
2.1
3.0
20
AlInGaP
TLMB1100-GS08
Blue
4
5
-
10
-
466
-
10
-
3.9
4.5
10
GaN


Similar Part No. - TLMO1100

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TLMO1100 VISHAY-TLMO1100 Datasheet
301Kb / 15P
   Ultrabright 0603 LED
Rev. 1.8, 30-Aug-04
TLMO1100 VISHAY-TLMO1100 Datasheet
189Kb / 15P
   Standard 0603 SMD LED
Rev. 2.2, 20-Jul-12
TLMO1100 VISHAY-TLMO1100 Datasheet
196Kb / 15P
   Standard 0603 SMD LED
Rev. 2.4, 04-Jun-13
logo
HK TO-GRACE TECHNOLOGY ...
TLMO1100 TO-GRACE-TLMO1100 Datasheet
908Kb / 15P
   Standard 0603 SMD LED
TLMO1100 TO-GRACE-TLMO1100 Datasheet
908Kb / 15P
   Standard 0603 SMD LED
More results

Similar Description - TLMO1100

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TLMP1100 VISHAY-TLMP1100_V02 Datasheet
264Kb / 14P
   Standard 0603 SMD LED
01-Jan-2023
logo
HK TO-GRACE TECHNOLOGY ...
TLMS1100 TO-GRACE-TLMS1100 Datasheet
908Kb / 15P
   Standard 0603 SMD LED
logo
Vishay Siliconix
VLMO11Q1R2 VISHAY-VLMO11Q1R2 Datasheet
187Kb / 9P
   Standard 0603 SMD LED
Rev. 1.0, 06-Nov-07
TLMG1100-GS08 VISHAY-TLMG1100-GS08 Datasheet
196Kb / 15P
   Standard 0603 SMD LED
Rev. 2.4, 04-Jun-13
logo
HK TO-GRACE TECHNOLOGY ...
TLMB1100 TO-GRACE-TLMB1100 Datasheet
908Kb / 15P
   Standard 0603 SMD LED
logo
Vishay Siliconix
TLMS1102 VISHAY-TLMS1102 Datasheet
133Kb / 8P
   Standard 0603 SMD LED
Rev. 1.4, 24-Sep-07
TLMS1100 VISHAY-TLMS1100_12 Datasheet
189Kb / 15P
   Standard 0603 SMD LED
Rev. 2.2, 20-Jul-12
TLMP1100 VISHAY-TLMP1100_V01 Datasheet
185Kb / 13P
   Standard 0603 SMD LED
01-Jan-2022
logo
P-tec Corporation
PL00130-WCR27 P-TEC-PL00130-WCR27_14 Datasheet
31Kb / 1P
   SMD LED 0603 Package
PL00133-WCG25 P-TEC-PL00133-WCG25_14 Datasheet
31Kb / 1P
   SMD LED 0603 Package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com